Part Number Hot Search : 
PDTC14 1N30B MCZ33 0CTQ1 4MPXX AD5539SQ BC847 1N30B
Product Description
Full Text Search
 

To Download HFBR-57L5AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFBR-57L5AP
Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s Data Sheet
Agilent HFBR-57L5AP Digital Diagnos SFP 850 nm Transceiver for Fibre Chann 1.0625 Gb/s and Ethernet 1.25 Gb/s
Data Sheet
Features * SFF-8472 Diagnostic Monito Interface (DMI) for Optical Transceivers with real time monitors: - Transmitted Optical Power - Received Optical Power - Laser Bias Current Description Related Products - Temperature Description The HFBR-57L5AP is a state of Features * HFBR-0534: Evaluation Kit for - Supply Voltage the art transceiver designed to * SFF-8472 Diagnostic Diagnostic Interface SFP Transceiver Specificati Agilent SFPs with Monitoring The HFBR-57L5AP is a state of the art transceiver designed * (DMI) for provide a cost effective, high Monitoring Interface (DMI) to provide a cost effective, high performance solution for Optical Transceivers with real time monitors:SFF-8074i (Rev 1.0) * HFBR-57M5AP: 850 nm +3.3 V 1.25 Gb/s Ethernet and performance solution forappli1.0625 Gb/s Fibre Channel 1.25 - SFF-8472 (Rev 9.3) - Transmitted Optical Power Gb/s Ethernet and 1.0625 the SFP w/DMI for 2.125/1.0625 Gb/s cations. As an enhancement to the conventional SFP,Gb/s - 1.25 Gb/s Ethernet operati - for Fibre Channel and 1.250 Gb/s Received Optical Power Fibre digital diagnostic interface HFBR- 57L5AP implements the Channel applications. IEEE 802.3 1000BASE-SX per MSA SFF-8472. Real time monitors of temperature, - for 1000BASE-SX. Laser Bias Current As an enhancement to the - 1.0625 Gb/s Fibre Channel, supply voltage, laser bias current, laser average output * HFBR-5701L/LP: 850 nm +3.3 V - Temperature conventional SFP, the HFBR100-M5-SN-I and 100-M6power and received input power OMA are provided via a SFP for 1.250 Gb/s operation for 57L5AP implements the digital - 1000BASE-SX and 1.0625 Gb/s for * Alarms and warnings to ind Supply Voltage two-wire serial interface. This information is in addition to diagnostic interface per MSA status of real time monitors the conventional SFP data. * SFP Transceiver Specifications: Fibre Channel SFF-8472. Real time monitors of * HDMP-1636A/46A: Single SerDes * LC Duplex optical connector - SFF-8074i (Rev 1.0) temperature, supply voltage, interface conforming to ANS Related Products IC for Gigabit Ethernet and Fibre laser bias current, laser average - SFF-8472 (Rev 9.3) TIA/EIA604-10 (FOCIS 10) Channel * HFBR-0534: Evaluation Kit power and received output for Avago SFPs with - HDMP-1685A: Quadoperation, for 802.3 1.25 Gb/s Ethernet SerDes IC IEEE * Wide temperature and supp * Diagnostic Monitoring Interface (DMI) are provided input power OMA voltage operation 1000BASE-SX Gigabit Ethernet with 5 bit * HFBR-57M5AP: 850 via a two-wire SFP w/DMI for nm +3.3 V serial interface. * 850 nmand - parallel Gb/s Fibreand DDR TTL 100-M5-SN-I VCSEL 1.0625 interface Channel, FC-PI 2.125/1.0625 Gb/s forThis information is in addition Fibre Channel and 1.250 Gb/s for * IEC 60825-1 Class 1/CDRH C clock input 100-M6-SN-I to the conventional SFP data. 1000BASE-SX. 1 laser eye safe * * HDMP-1687: Quad SerDes IC for Alarms and warnings to indicate status of real time * HFBR-5701L/LP: 850 nm +3.3 V SFP for 1.250 Gb/s Gigabit monitors Ethernet with 10 bit operation for 1000BASE-SX and 1.0625 Gb/s for Fibre Applications parallel interface and TTL clock * LCinput optical connector interface conforming to Systems Duplex Channel * Fibre Channel ANSI TIA/EIA604-10 (FOCIS 10) - Enterprise Class Storage * HDMP-1636A/46A: Single SerDes IC for Gigabit Ethernet Systems * Wide temperature and supply voltage operation and Fibre Channel - Director Class Switches * 850 nm VCSEL * HDMP-1685A: Quad SerDes IC for Gigabit Ethernet with - Fabric Switches 5 bit parallel interface and DDR TTL clock input * IEC 60825-1 Class 1/CDRH Class 1 laser eye safe * HBA Cards * HDMP-1687: Quad SerDes IC for Gigabit Ethernet with * Switch to switch interface Applications 10 bit parallel interface and TTL clock input * File server interface * Fibre Channel Systems * iSCSI applications - Enterprise Class Storage Systems - Director Class Switches - Fabric Switches * HBA Cards * Switch to switch interface * File server interface * iSCSI applications
digital diagnostic information. Component Monitoring Installation The new diagnostic information The real-time diagnostic The HFBR-57L5AP can be provides the opportunity for parameters can be monitored to installed in any SFF-8074i compliant Small Form Pluggable Predictive Failure Identification, alert the system when operating limits are exceeded and (SFP) port. Installation The HFBR-57L5AP is Compliance Prediction, Fault Predictive Failure Identification Isolation and Component compliance cannot be ensured. hot-pluggable, allowing the The HFBR-57L5AP can be installed in any SFF-8074i comThe diagnostic information allows the host system to Monitoring. Real time transceiver module to be installed while the pliant Small Form Pluggable (SFP) port. The HFBR-57L5AP identify potential link problems. Once identified, a "fail diagnostics information can also host system is operating and onis hot-pluggable, allowing the module to be installed Identification Predictive Failure over" technique can be used to isolate and replace susbe combined with system level line. Upon insertion, the while the host system is operating and The diagnostic information online. Upon inpect devices before system uptime is impacted. monitoring to verify that transceiver housing makes sertion, the transceiver housing makes initial contacthost system to allows the with performance and operating initial contact with the host the host board SFP cage, mitigating potential damage link problems. identify potential Component Monitoring environments are meeting the board SFP cage, mitigating due to Electro- Static Discharge (ESD). Once identified, a "fail real-time diagnostic parameters can be monitored to The over" intended design requirements. potential damage due to Electrotechnique alert the system StaticDiagnostic Interface and Serial Identification can be used to isolate when operating limits are exceeded and Discharge (ESD). Digital and replace suspect devices cannot be ensured. Real time transceiver diFault Isolation compliance before system uptime is The diagnostic information system Digital Diagnostic Interface is based on the ATMEL ATThe 2-wire serial interface and agnostics information can also be combined withcan impacted. Serial Identification 24C01A series EEPROM protocol and signaling detail. The level monitoring toallow the host to pinpoint operating verify that performance and the location of link problem and The 2-wire contains conventional SFP memory per SFFHFBR- 57L5P serial interface is environments are meeting theaintended design requireaccelerate system servicing and based well as additional memory (address 0xA2) for the 8074i ason the ATMEL AT24C01A ments. minimize downtime. series EEPROM protocol and new Figure 1. Transceiver Functional Diagram digital diagsignaling detail. The new diagnostic information proFault Isolation nostic information.The HFBR57L5P contains conventional vides the opportunity for Predictive Failure Identification, The diagnostic information can allow the host to pinpoint SFP memory per SFF-8074i as Compliance Prediction, Fault Isolation and Component the location of a link problem and accelerate system serwell as additional memory Monitoring. vicing and minimize downtime. (address 0xA2) for the new
Optical Interface Receiver
Electrical Interface
RD+ (Receive Data)
Light from Fiber
Photodetector
Amplification & Quantizattion
RD- (Receive Data) RX Loss of Signal
MOD_DEF2 (SDA) MICROCONTROLLER & MEMORY MOD_DEF1 (SCL) MOD_DEF0
Transmitter
TX_DISABLE Light to Fiber VCSEL Laser Driver & Safety Circuit TD+ (Transmit Data) TD- (Transmit Data) TX_FAULT
Figure 1. Transceiver Functional Diagram
2
2
the laser and assert the Functional Data I/O ion includes TX_FAULT output. Agilent's HFBR-57L5AP fiberertical optic transceiver is designed to Receiver Section ting Laser) accept industry standard TX_FAULT The receiver section includes a ansmitter Transmitter Section electrical input differential PIN detector with amplification river circuit The transmitter section includes an 850 nm VCSEL (Verti-transceiver haswill activate the transmitter signal, TX_FAULT, signals. The A laser fault and quantization circuits. t average internally ac-coupleddisable the laser. This signal is an open collector outcal Cavity Surface Emitting Laser) light source and a transand data Optical connection to the t with Fibre mitter driver circuit. The driver circuit maintains a constant inputs and outputs. (pull-up required on the host board). A low signal indiput Bias receiver is et 8B/10B average opticalprovided via an LC resistors Ethpower output with Fibre Channel andand couplingnormal laser operation and a high signal indicates a cates optical connector. connection ernet 8B/10B coded data. Optical connection to the trans- been The TX_FAULT will be latched high when a laser fault capacitors have fault. included provided mitter is provided via an LC connector. within the module to reduce cleared by toggling the TX_DISABLE input or occurs and is the RX_LOS . number of components cycling the transceiver. The transmitter fault conpower required The receiver section contains a TX_DISABLE on the customer's board. Figure monitored via the twowire serial interdition can also be loss of signal (RX_LOS) circuit 2 illustrates the recommended face. to indicate optical output can cal output The transmitterwhen the optical be disabled by assertinterface circuit. pin 3, TX_DISABLE. high signal asserts this function sserting pin inginput signal powerAis insufficient Eye Safety Circuit for Gigabit Ethernet or Fibre while a low signal enables normal laser operation. The igh signal Application Support Channel compliance. A high Under normal operating conditions laser power will be while a low transmitter output can also be disabled and Evaluation Kit and Reference An monitored via signal indicates loss of event of a transceiver are available to assist in Class 1 eyesafety limits. Should a catathe two-wire serial. In the fault, maintained below al laser Designs modulated signal, indicating link evaluation of such as the activation of the eye safety circuit, togglingof thestrophic laser fault occur and optical power become unsmitter HFBR-57L5AP. TX_DISABLE will broken transmitter as depicted in controlled, the laser driver will detect the fault, shut down isabled and thefailure such as a reset thefiber or nonfunctional remote Please contact your laser and assert the TX_FAULT output. Figure 5. the local Field o-wire transmitter. RX_LOS can be also Sales representative for fa be monitored via the two-wire availability and ordering details. ch as the serial. safety 1 H 3.3 V e 10 F 0.1 F 1 H set the 3.3 V ted in VCC,T
SFP MODULE
0.1 F 4.7 K to 10 K Tx_DISABLE Tx_FAULT 4.7 K to 10 K
ivate the TD+ 50 VREFR VREFR SO+ X_FAULT, TX[0:9] TD- 50 SO- . This TX GND TBC TBC EWRAP EWRAP VCC,R lector 4.7 K to 10 K HDMP-1636A 0.1 PROTOCOL 10 F ired on the F IC RX[0:9] RD+ 50 ignal SI+ RBC RBC 100 Rx_RATE Rx_RATE er operation RD- 50 SI- REFCLK Rx_LOS icates a Rx_LOS RX GND T will be MOD_DEF2 GPIO(X) laser fault MOD_DEF1 GPIO(X) MOD_DEF0 GP14 by toggling REFCLK 4.7 K to 4.7 K to 4.7 K to ut or power 10 K 10 K 10 K er. The 106.25 MHz 3.3 V dition can a the twoFigure 2. Typical Application Configuration .
Tx_FAULT
0.01 F 100 0.01 F
VCC,R 50
LASER DRIVER & SAFETY CIRCUITRY
0.01 F AMPLIFICATION & QUANTIZATION
0.01 F
50 VCC,R EEPROM
VCCT
1 H 0.1 F
ting er will be lass 1 eyea ult occur ecome er driver shut down
VCCR 0.1 F 10 F
1 H 0.1 F 10 F
3.3 V
SFP MODULE
HOST BOARD
Figure 3. Recommended Power Supply Filter
3
Receiver Section
Regulatory Compliance
The receiver section includes a PIN detector with amplifi- The transceiver Regulatory Compliance performance is cation and quantization circuits. Optical connection to the provided in Table 1 as a figure of merit to assist the deRegulatoryprovided via an LC optical connector. Electromagnetic Interference The overall equipment design will determine the receiver is Compliance signer. (EMI) The transceiver Regulatory Most equipment designs using level. certification RX_LOS Compliance performance is the HFBR-57L5AP are subject to provided in Table 1 contains a loss of signal (RX_LOS) ofElectrostatic Discharge (ESD) The receiver section as a figure of the requirements the FCC in merit to assist the designer. The input signal power is CENELEC handling precautions for ESD sensitive dethe United States, Normal ESD circuit to indicate when the optical overall equipment design willor Fibre Channel compli- 22) in Europe be followed while using these transceivers. EN55022 (CISPR vices should insufficient for Gigabit Ethernet determine the certification level.modulated signal, in- These precautions include using grounded wrist straps, and VCCI in Japan. The metal ance. A high signal indicates loss of housing and shielded design of dicating link failure such as a broken fiber or nonfunction- work benches and floor mats in ESD controlled areas. AdElectrostatic Discharge (ESD) the HFBR-57L5AP ditionally, al remote transmitter. RX_LOS can be also be monitored provides static discharges to the exterior of the equipNormal ESD handling excellent EMI performance. via the two-wire serial. sensitive ment chassis containing the transceiver parts must also precautions for ESD be considered. devices should be followed while Flammability Functional Data I/O using these transceivers. These The HFBR-57L5AP is compliant Electromagnetic Interference (EMI) precautions include fiberoptic transceiver is designed to to UL 94V-0. Avago's HFBR-57L5AP using grounded wriststandard work accept industry straps, electrical input differential sig- Most equipment designs using the HFBR-57L5AP are subbenches transceiver mats in ESD ac-coupled data inputs nals. The and floor has internally ject to the requirements of the FCC in the United States, controlled areas.resistors and coupling capacitors have and outputs. Bias Additionally, CENELEC EN55022 (CISPR 22) in Europe and VCCI in Jastaticincluded within the exteriorto reduce the number been discharges to the module pan. The metal housing and shielded design of the HFBRof components required on the customer's board. Figure the equipment chassis 57L5AP provides excellent EMI performance. containing the recommended interface circuit. 2 illustrates the transceiver parts Flammability must also be considered.
Application Support
An Evaluation Kit and Reference Designs are available to assist in evaluation of the HFBR-57L5AP. Please contact your local Field Sales representative for availability and ordering details. Table 1. Regulatory Compliance
Feature
Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to the Optical Connector Electromagnetic Interference (EMI)
The HFBR-57L5AP is compliant to UL 94V-0.
Test Method
MIL-STD-883C Method 3015.4 JEDEC Variation of IEC 801-2 FCC Class B CENELEC EN55022 Class B (CISPR 22A) VCCI Class 1 Variation of IEC 61000-4-3
Performance
Class 2 (>2000 Volts)
Air discharge of 15 kV (min) contact to connector w/o damage System margins are dependent on customer board and chassis design
Immunity
Lass than 0.5 dB of Rx sensitivity degradation and less than 10% margin reduction of Tx mask at 10 V/m, 10 MHz to 1 GHz w/o chassis enclosure CDRH certification #: 9720151-31 TUV file #: 02171216.002
Laser Eye Safety and Equipment Type Testing
US FDA CDRH AEL Class 1 US21 CFR, Subchapter J per Paragraphs 1002.10 and 1002.12 (IEC) EN60825-1: 1994 + A11+A2 (IEC) EN60825-2: 1994 + A1 (IEC) EN60950: 1992 + A1 + A2 + A3 + A4 + A11
Component Recognition
Underwriters Laboratories and Canadian Standards Association Joint Component Recognition for Information Technology Equipment Including Electrical Business Equipment
UL file #: E173874
4
Caution
The HFBR-57L5AP contains no user serviceable parts. Tampering with or modifying the performance of the HFBR57L5AP will result in voided product warranty. It may also result in improper operation of the HFBR-57L5AP circuitry, and possible overstress of the laser source. Device degradation or product failure may result. Operating above the recommended absolute maximum conditions may be considered an act of modifying or manufacturing a laser product. The person(s) performing such an act is required by law to recertify and reidentify the laser product under the provisions of U.S. 21 CFR (Subchapter J) and the TUV.
Ordering Information
Please contact your local field sales engineer or one of Avago Technologies franchised distributors for ordering information. For technical information, please visit Avago Technologies' web page at www.avagotech.com For information related to SFF Committee documentation visit www.sffcommittee.org.
5
Pin Description
Pin
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 RX_LOS VEER VEER VEER RDRD+ VEER VCCR VCCT VEET TD+ TDVEET
Name
VEET TX_FAULT TX_DISABLE MOD-DEF2 MOD-DEF1 MOD-DEF0
Function/Description
Transmitter Ground Transmitter Fault Indication - High indicates a fault condition Transmitter Disable - Module optical output disables on high or open Module Definition 2 - Two wire serial ID interface data line (SDA) Module Definition 1 - Two wire serial ID interface clock line (SCL) Module Definition 0 - Grounded in module (module present indicator) No connect Loss of Signal - High indicates loss of received optical signal Receiver Ground Receiver Ground Receiver Ground Inverse Received Data Out Received Data Out Receiver Ground Receiver Power +3.3 V Transmitter Power +3.3 V Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground
Notes
1 2 3 3 3
4
5 5
6 6
7 7
Notes: 1. TX_FAULT is an open collector/drain output, which should be pulled up with a 4.7 k - 10 kW resistor on the host board. When high, this output indicates a laser fault of some kind. Low indicates normal operation. In the low state, the output will be pulled to < 0.8 V. 2. TX_DISABLE is an input that is used to shut down the transmitter optical output. It is pulled up within the transceiver with a 4.7 k - 10 kW resistor. Low (0 - 0.8 V): Transmitter on Between (0.8 V and 2.0 V): Undefined High (2.0 - V CC max): Transmitter Disabled Open: Transmitter Disabled 3. The signals Mod-Def 0, 1, 2 designate the two wire serial interface pins. They should be pulled up with a 4.7 k - 10 kW resistor on the host board. Mod-Def 0 is grounded by the module to indicate the module is present Mod-Def 1 is serial clock line (SCL) of two wire serial interface Mod-Def 2 is serial data line (SDA) of two wire serial interface 4. RX_LOS (Rx Loss of Signal) is an open collector/drain output that should be pulled up with a 4.7 k - 10 kW resistor on the host board. When high, this output indicates the received optical power is below the worst case receiver sensitivity (as defined by the standard in use). Low indicates normal operation. In the low state, the output will be pulled to < 0.8 V. 5. RD-/+ designate the differential receiver outputs. They are ac coupled 100 W differential lines which should be terminated with 100 W differential at the host SerDes. Ac coupling is done inside the transceiver and is not required on the host board. The voltage swing on these lines will be between 500 and 2000 mV differential (250 - 1000 mV single ended) when properly terminated. 6. VCC R and V CCT are the receiver and transmitter power supplies. They are defined at the SFP connector pin. The maximum supply current is 210 mA and the associated inrush current will typically be no more than 30 mA above steady state after 500 nanoseconds. 7. TD-/+ designate the differential transmitter inputs. They are ac coupled differential lines with 100 W differential termination inside the module. The ac coupling is done inside the module and is thus not required on the host board. The inputs will accept differential swings of 500 - 2400 mV (250 - 1200 mV single ended).
6 6
Absolute Maximum Ratings Parameter
Storage Temperature Ambient Operating Temperature Relative Humidity Supply Voltage Control Input Voltage
Symbol
TS TA RH VCCT, R VIN
Minimum
-50 -50 5 -0.5 -0.5
Maximum
+100 +100 95 4.0 VCC + 0.5
Unit
C C % V V
Notes
1, 2 1, 2 1 1, 2, 3 1
Notes: 1. Absolute Maximum Ratings are those values beyond which damage to the device may occur if these limits are exceeded for other than a short period of time. See Reliability Data Sheet for specific reliability performance. 2. Between Absolute Maximum Ratings and the Recommended Operating Conditions functional performance is not intended, device reliability is not implied, and damage to the device may occur over an extended period of time. 3. See Figure 3 for the recommended power connection.
Recommended Operating Conditions Parameter
Ambient Operating Temperature Case Operating Temperature Module Supply Voltage Data Rate
Symbol
TA TC VCCT, R
Minimum
-10 -10 2.97 1.0625
Maximum
+75 +85 3.63 1.25
Unit
C C V Gb/s
Notes
1 2 2 2
Notes: 1. The Ambient Operating Temperature limitations are based on the Case Operating Temperature limitations and are subject to the host system thermal design. 2. Recommended Operating Conditions are those values for which functional performance and device reliability is implied.
Transceiver Electrical Characteristics TC = -10 C to +85 C, VCCT, VCCR = 3.3 V 10% Parameter Symbol
AC Electrical Characteristics Power Supply Noise Rejection (pk-pk) DC Electrical Characteristics Module Supply Current Power Dissipation Sense Outputs: Output High Transmit Fault (TX_FAULT) Loss of Signal - RX_LOS MOD_DEF2 Output Low Transmit Fault (TX_FAULT) Loss of Signal - RX_LOS MOD_DEF0 Control Inputs: Input High Transmit Disable (TX_DISABLE) MOD-DEF1 MOD-DEF2 Input Low Transmit Disable (TX_DISABLE) MOD-DEF1 MOD-DEF2 VIL VIH VOL VOH ICC PDISS PSNR
Minimum
Typical
100
Maximum
Unit
mV
Notes
1
210 765
mA mW
2.4
VCCT, R + 0.3
V
2
0.4
V
2
2.0
VCC
V
2
0
0.8
V
2
Notes: 1. Filter per SFP specification is required on host board to remove 10 Hz to 2 MHz content. 2. Pulled up externally with a 4.7 k - 10 kW resistor on the host board to 3.3 V.
7
Transceiver Electrical Characteristics TC = -10 C to +85 C, VCCT, VCCR = 3.3 V 10%
Parameter
High Speed Data Input: Transmitter Differential Input Voltage (TD) High Speed Data Output: VI 350 500 2400 2000 0.12 113 0.218 205 0.332 266 250 mV mV UI ps UI ps UI ps ps 1 2 3 4
Symbol
Minimum
Typical
Maximum
Unit
Notes
Receiver Differential Output Voltage (RD) VO Receiver Contributed Deterministic Jitter (1.0625 Gb/s) DJ Receiver Contributed Total Jitter 1.0625 Gb/s Receiver Contributed Total Jitter 1.25 Gb/s Receiver Electrical Output Rise & Fall Times (20-80%) TJ TJ tr, tf
100
5
Notes: 1. Internally ac coupled and terminated (100 Ohm differential). These levels are compatible with CML and LVPECL. 2. Internally ac coupled with internal 50 W pull-ups to VCC (single-ended) and a required external 100 Ohm differential load termination. 3. Contributed DJ is measured on an oscilloscope in average mode with 50% threshold and K28.5 pattern 4. Contributed RJ is calculated for 1x10-12 BER by multiplying the RMS jitter (measured on a single rise or fall edge) from the oscilloscope by 14. Per FCPI (Table 13 - MM jitter output, note 1), the actual contributed RJ is allowed to increase above its limit if the actual contributed DJ decreases below its limits, as long as the component output DJ and TJ remain within their specified FC-PI maximum limits with the worst case specified component jitter input. 5. 20%-80% electrical rise & fall times measured with a 500 MHz signal utilizing a 1010 data pattern.
8 8
Transmitter Optical Characteristics TC = -10 C to +85 C, VCCT, VCCR = 3.3 V 10%
Parameter
Modulated Optical Output Power (OMA, pk-pk) 1.0625 Gb/s Average Optical Output Power Optical Extinction Ratio Center Wavelength Spectral Width - rms Optical Rise/Fall Time 1.25 Gb/s Optical Rise/Fall Time 1.0625 Gb/s RIN12 (OMA) Transmitter Contributed Deterministic Jitter 1.0625 Gb/s 1.25 Gb/s Transmitter Contributed Total Jitter 1.0625 Gb/s 1.25 Gb/s POUT TX_DISABLE Asserted TJ TJ POFF 0.267 251 0.284 227 -35 UI ps UI ps dBm 5, 7 DJ DJ 0.09 85 0.1 80 UI ps UI ps 4
Symbol
TX, OMA POUT ER lC s, rms tR , tF tR , tF RIN
Minimum
156 -9.5 9 830
Typical
Maximum
Unit
W dBm dB
Notes
3 1, 2 6
860 0.85 260 300 -117
nm nm ps ps dB/Hz 6 20-80%
Notes: 1. Max Pout is the lesser of Class 1 safety limits (CDRH and EN 60825) or receiver power, max. 2. Into 50/125 m (0.2 NA) multimode optical fiber. 3. An OMA of 156 is approximately equal to an average power of -10 dBm assuming an Extinction Ratio of 9 dB. 4. Contributed DJ is measured on an oscilloscope in average mode with 50% threshold and K28.5 pattern. 5. Contributed RJ is calculated for 1x10-12 BER by multiplying the RMS jitter (measured on a single rise or fall edge) from the oscilloscope by 14. Per FC-PI (Table 13 - MM jitter output, note 1), the actual contributed RJ is allowed to increase above its limit if the actual contributed DJ decreases below its limits, as long as the component output DJ and TJ remain within their specified FC-PI maximum limits with the worst case specified component jitter input. 6. IEEE 802.3. 7. Measured at TP2. TP refers to the compliance point specified by IEEE 802.3, section 38.2.1.
9 9
Receiver Optical Characteristics TC = -10 C to +85 C, VCCT, VCCR = 3.3 V 10%
Parameter
Input Optical Power [Overdrive] Receiver Sensitivity (Optical Input Power) 1.25 Gb/s Input Optical Modulation Amplitude (Pk-Pk) 1.0625 Gb/s [Sensitivity] Stressed receiver sensitivity 1.25 Gb/s Stressed receiver sensitivity (OMA) 1.0625 Gb/s Return Loss Loss of Signal - Assert Loss of Signal - De-Assert Loss of Signal - Hysteresis PA PD PD-PA 12 -31 -30.5 0.5 -17.5 -17 OMA 31 -13.5 -12.5 55 67 W, OMA dB dBm avg dBm avg dB W, OMA dBm 2, 4, 5 50/125 m fiber 62.5/125 m fiber Note 1, 6 50/125 m fiber, 62.5/125 m fiber, Note 3, 6
Symbol
PIN PRMIN
Minimum
Typical
Maximum
0 -17
Unit
dBm avg dBm
Notes
1, 6
Notes: 1. IEEE 802.3. 2. 50/125 m. An OMA of 31 is approximately equal to an average power of -17 dBm with an Extinction Ratio of 9 dB. 3. 1.0625 Gb/s Stressed receiver vertical eye closure penalty (ISI) min is 0.96 dB for 50 m fiber. Stressed receiver DCD component min (at TX) is 80 ps. 4. These average power values are specified with an Extinction Ratio of 9 dB. The loss of signal circuitry responds to valid 8B/10B encoded peak to peak input optical power, not average power. 5. Input Optical Modulation Amplitude (commonly known as sensitivity) requires a valid 8B/10B encoded input. 6. BER = 10-12.
10 10
Transceiver Timing Characteristics TC = -10 C to +85 C, VCCT, VCCR = 3.3 V 10%
Parameter
TX_DISABLE Assert Time TX_DISABLE Negate Time Time to initialize, Including reset of TX_FAULT TX_FAULT Assert Time TX_DISABLE to Reset RX_LOS Assert Time RX_LOS De-assert Time Serial ID Clock Rate
Symbol
t_off t_on t_init, t_serial t_fault t_reset t_loss_on t_loss_off f_serial_clock
Minimum
Maximum
10 1 300 100
Unit
s ms ms s s s s kHz
Notes
1 1 1 1 1 1 1 2
10 100 100 100
Notes: 1. See MSA SFF-8472 for details 2. Contact Agilent for applications requiring higher Serial ID clock rate.
Nominal Transceiver Digital Diagnostic Monitor (Real Time Sense) Characteristics TC = -10 C to +85 C, VCCT, VCCR = 3.3 V 10%
Parameter
Received Modulated Optical Input Power Accuracy (OMA) Transmitted Average Optical Output Power Accuracy Transmitter Laser DC Bias Current Accuracy Transceiver Internal Temperature Accuracy Transceiver Internal Supply Voltage Accuracy
Symbol
PR PT IINT TINT VINT
Minimum
3.0 3.0 10 3.0 0.1
Units
dB dB % C V
Notes
4 3
1 2
Notes: 1. Temperature is measured internal to the transceiver. 2. Voltage is measured internal to the transceiver. 3. Coupled into 50/125 m multimode fiber. Valid from 100 to 1000 W, avg. 4. Coupled from 50/125 m multimode fiber. Valid from 31 to 800 W OMA.
11 11
Address A0 as per MSA 0 Serial ID defined by SPF MSA (96 Bytes) 95 Vendor Specific (32 Bytes) 127 0
Address A2 as per MSA Alarm and Warning Thresholds (56 Bytes) 55 95 119 127 Cal Constants (40 Bytes) Real Time Diagnositic Interface (24 Bytes) Vendor Specific (8 Bytes)
Reserved in SFP MSA (128 Bytes)
User Writable EEPROM (120 Bytes)
247 255
Figure 4. Memory Map
255
Vendor Specific (8 Bytes)
12 12
VCC > 2.97 V Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL t_init
VCC > 2.97 V Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL t_init
t-init: TX DISABLE NEGATED
t-init: TX DISABLE ASSERTED
VCC > 2.97 V Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL t_init INSERTION
Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL t_off t_on
t-init: TX DISABLE NEGATED, MODULE HOT PLUGGED
t-off & t-on: TX DISABLE ASSERTED THEN NEGATED
OCCURANCE OF FAULT Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL t_fault
OCCURANCE OF FAULT Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL
t_reset * CANNOT READ INPUT... t_init*
t-fault: TX FAULT ASSERTED, TX SIGNAL NOT RECOVERED
t-reset: TX DISABLE ASSERTED THEN NEGATED, TX SIGNAL RECOVERED
OCCURANCE OF FAULT Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL t_fault OPTICAL SIGNAL LOS t_reset t_init*
t_loss_on t_loss_off
OCCURANCE OF LOSS
* SFP SHALL CLEAR Tx_FAULT IN t_init IF THE FAILURE IS TRANSIENT
t-fault: TX DISABLE ASSERTED THEN NEGATED, TX SIGNAL NOT RECOVERED
t-loss-on & t-loss-off
Figure 5. Transceiver Timing Diagrams (Module Installed except where noted)
13 13
Table 2. EEPROM Serial ID Memory Contents - Conventional SFP Memory (Address A0h)
Address
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
Hex
03 04 07 00 00 00 01 20 40 0C 01 01 0C 00 00 00 37 1B 00 00 41 47 49 4C 45 4E 54 20 20 20 20 20 20 20 20 20 00 Note 4 Note 4 Note 4
ASCII
Address
40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59
Hex
48 46 42 52 2D 35 37 4C 35 41 50 20 20 20 20 20 20 20 20 20 00 00 00 Note 3 00 1A 00 00
ASCII
H F B R 5 7 L 5 A P
Address
68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95
Hex
Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 2 Note 2 Note 2 Note 2 Note 2 Note 2 Note 2 Note 2 60 F0 01 Note 3
ASCII
Address
96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127
Hex
ASCII
A G I L E N T
60 61 62 63 64 65 66 67
Notes: Notes: 1. Addresses 68-83 the HFBR-57L5AP ASCII serial number and will and will per unit a per 1. Addresses 68-83 specify specify the HFBR-57L5AP ASCII serial numbervary on a vary on basis.unit basis. 2. Addresses 84-91 specify the HFBR-57L5AP ASCII date code and will vary on a per date code basis. and will vary 63 per 95 are check sums. Address 63 is the check sum for bytes 0-62 and 2. Addresses 84-91 specify the HFBR-57L5AP ASCII date code 3. Addresseson aand date code basis. address 95 is the check sum sums. Address 63 is the IEEE Organizationally Unique Identifier (OUI) assigned to Avago 64-94. 3. Addresses 63 and 95 are check for bytes 64-94. 4. The check sum for bytes 0-62 and address 95 is the check sum for bytes Technologies is 00-30-D3 (3 bytes of hex). 4. The IEEE Organizationally Unique Identifier (OUI) assigned to Agilent Technologies is 00-30-D3 (3 bytes of hex).
14
14
Table 3. Alarms and Warning Values - Enhanced Feature Set Memory (Address A2h)
High Warning Real-Time Monitor
RX OMA TX Ibias Temp VCC
Low Warning Hex
0136 03E8 03E8 F600 7404
High Alarm Hex
FFFF 1BA7 1388 6400 9858
Low Alarm Hex
0000 01F5 03E8 D800 6978
Hex
2AF8 0F8D 109A 5500 8DCC
Real Value
1.1 mW -4 dBm 8.5 mA +85 C 3.63 V
Real Value
31 W -10 dBm 2 mA -10 C 2.97 V
Real Value
6.55 mW -1.5 dBm 10 mA +100 C 3.9 V
Real Value
0 mW -13 dBm 2 mA -40 C 2.7 V
Writing to Alarm and Warning Threshold bytes and Warning Threshold bytes Writing to Alarm (Address 0xA2, bytes 0-39): (Address 0xA2, bytes 0-39): For a complete description of the alarms and warnings of the For a complete description values,alarms and warnings consult MSA MSA SFF-8472. The default setting for the values, consult SFF-8472. alarm and warning threshold bytes is `non writable.' By enThe default setting for the alarm tering a password, however, the alarm and warning threshand warning threshold bytes is old bytes can be made writable to the customer, enabling `non writable.' By entering a customization to suit system needs. The password conpassword, however, the alarm sists of writing the following hex data to bytes 123-126 on and warning threshold bytes can page 0xA2: 123 = 0x47, 124 = 0x4F, 125 = 2D, 126 = 0x41. be made writable to the Alarm and warning threshold bytes are volatile memory; customer, enabling upon power cycles, alarm and warning threshold bytes customization to suit system will revert back to initial factory preset values. needs. The password consists of writing the following hex data to bytes 123-126 on page 0xA2: 123 = 0x47, 124 = 0x4F, 125 = 2D, 126 = 0x41. Alarm and warning threshold bytes are volatile memory; upon power cycles, alarm and warning threshold bytes will revert back to initial factory preset values.
15 15
AVAGO HFBR-57L5AP AGILENT HFBR-57L5AP 850 nm LASER PROD 850 nm LASER PROD 21CFR(J) CLASS 1 21CFR(J) CLASS 1 COUNTRY OF ORIGIN YYWW COUNTRY OF ORIGIN YYWW XXXXXX XXXXXX
13.80.1 [0.5410.004]
13.40.1 [0.5280.004]
DEVICE SHOWN WITH DUST CAP AND BAIL WIRE DELATCH
2.60 [0.10]
55.20.2 [2.170.01]
6.250.05 [0.2460.002] 13.00.2 [0.5120.008]
FRONT EDGE OF SFP TRANSCEIVER CAGE
0.7MAX. UNCOMPRESSED [0.028]
8.50.1 [0.3350.004]
TX
RX AREA FOR PROCESS PLUG
6.6 [0.261]
13.50 [0.53]
14.8MAX. UNCOMPRESSED [0.583]
DIMENSIONS ARE IN MILLIMETERS (INCHES)
Figure 6. Module drawing
16 16
Y
X
34.5 10 3x 10x 1.05 0.01 0.1 L X A S 1 B 7.2 2.5 2.5 7.1 0.85 0.05 0.1 S X Y A 1 3.68
16.25 MIN. PITCH PCB EDGE
11.08 16.25 14.25 REF .
8.58
5.68
PIN 1
20
2x 1.7
8.48 9.6
11.93
10
11
4.8
SEE DET AIL 1 2.0 11x 26.8 3 41.3 42.3 10 3x 5 11x 2.0 9x 0.95 0.05 0.1 L X A S 2
3.2
5 0.9 20x 0.5 0.03 0.06 L A S B S
PIN 1
20
LEGEND 10.53 11.93 1. PADS AND VIAS ARE CHASSIS GROUND 2. THR OUGH HOLES, PLATING OPTIONAL
9.6
10.93 0.8 TYP .
10
11
3. HATCHED AREA DENOTES COMPONENT AND TRACE KEEPOUT (EXCEPT CHASSIS GROUND) 2 0.005 TYP . 0.06 L A S B S 4. AREA DENOTES COMPONENT KEEPOUT (TRACES ALLOWED) DIMENSIONS ARE IN MILLIMETERS
4 2x 1.55 0.05 0.1 L A S B S DET AIL 1
Figure 7. SFP host board mechanical layout
17 17
3.50.3 [.14.01] PCB 41.730.5 [1.64.02]
1.70.9 [.07.04]
BEZEL
AREA FOR PROCESS PLUG
15MAX .59
Tcase REFERENCE POINT CAGE ASSEMBLY 15.250.1 12.4REF .49 [.600.004] 10.40.1 [.410.004]
9.8MAX .39
1.15REF .05 BELOW PCB
10REF .39 TO PCB 0.40.1 [.020.004] BELOW PCB MSA-SPECIFIED BEZEL 16.250.1MIN PITCH [.640.004]
DIMENSIONS ARE IN MILLIMETERS [INCHES].
Figure 8. SFP Assembly Drawing
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries. Data subject to change. Copyright (c) 2008 Avago Technologies Limited. All rights reserved. Obsoletes 5988-8537EN 5989-0045EN - February 26, 2008
18


▲Up To Search▲   

 
Price & Availability of HFBR-57L5AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X