Part Number Hot Search : 
MAX92 SC4524 IR3C01 GRF300 TDA729 DB201 6039122 002228
Product Description
Full Text Search
 

To Download HD74LS259 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LS259
8-bit Address Latch
REJ03D0471-0200 Rev.2.00 Feb.18.2005 This 8-bit addressable latch is designed for general purpose storage applications in digital systems. Specific uses include working registers, serial-holding registers, and active-high decoders or demultiplexers. This is multifunctional device capable of storing single-line data in eight addressable latches, and being a 1-to-8 decoder or demultiplexer with active-high outputs. Four distinct modes of operation are selectable by controlling the clear and enable inputs as enumerated in the function table. In the addressable-latch mode, data at the data-in terminal is written into the addressed latch. The addressed latch will follow the data input with all unaddressed latches remaining in their previous states. In the memory mode, latch remains in their previous states and is unaffected by the data or address inputs. To eliminate the possibility of entering erroneous data in the latch, the enable should be held high (inactive) while the address lines are changing. In the clear mode, all outputs are low and unaffected by the address and data inputs.
Features
* Ordering Information
Part Name HD74LS259P HD74LS259FPEL HD74LS259RPEL Package Type DILP-16 pin SOP-16 pin (JEITA) SOP-16 pin (JEDEC) Package Code (Previous Code) PRDP0016AE-B (DP-16FV) PRSP0016DH-B (FP-16DAV) Package Abbreviation -- FP Taping Abbreviation (Quantity) -- EL (2,000 pcs/reel) EL (2,500 pcs/reel)
PRSP0016DG-A RP (FP-16DNV) Note: Please consult the sales office for the above package availability.
Rev.2.00, Feb.18.2005, page 1 of 7
HD74LS259
Pin Arrangement
A Latch Select B C Q0 Q1 Outputs Q2 Q3 GND
1 A 2 3 4 5 6 7 8 B C Q0 Q1 Q2 Q3 Q4 CLR G D Q7 Q6 Q5
16 15 14 13 12 11 10 9
VCC Clear Enable Data Input Q7 Q6 Outputs Q5 Q4
(Top view)
Function Table
Input CLR H H L L G L H L H Output of addressed latch D Qio D L Each other output Qio Qio L L Function Addressable latch Memory 8-line demultiplexer Clear
Select inputs Latch addressed C B A L L L 0 L L H 1 L H L 2 L H H 3 H L L 4 H L H 5 H H L 6 H H H 7 Notes: 1. H; high level, L; low level 2. D; the level at the data input 3. Oio; the level of Qi (i = 0, 1, ... 7, as appropriate) before the indicated steady state input conditions were established.
Rev.2.00, Feb.18.2005, page 2 of 7
HD74LS259
Block Diagram
G D A B C Clear
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Absolute Maximum Ratings
Item Supply voltage Input voltage Power dissipation Storage temperature Symbol VCC VIN PT Tstg Ratings 7 7 400 -65 to +150 Unit V V mW C
Note: Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item Supply voltage Output current Operating temperature Pulse width Setup time Hold time Data Address Data Address Symbol VCC IOH IOL Topr tw tsu tsu th th Min 4.75 -- -- -20 15 20 20 0 0 Typ 5.00 -- -- 25 -- -- -- -- -- Max 5.25 -400 8 75 -- -- -- -- -- Unit V A mA C ns ns ns ns ns
Rev.2.00, Feb.18.2005, page 3 of 7
HD74LS259
Electrical Characteristics
(Ta = -20 to +75 C)
Item Input voltage Symbol VIH VIL VOH Output voltage VOL IIH IIL min. 2.0 -- 2.7 -- -- -- -- -- -20 -- -- typ.* -- -- -- -- -- max. -- 0.8 -- 0.4 0.5 20 -0.4 0.1 -100 36 -1.5 Unit V V V V A mA mA mA mA V Condition
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V, IOH = -400 A IOL = 4 mA VCC = 4.75 V, VIH = 2 V, IOL = 8 mA VIL = 0.8 V VCC = 5.25 V, VI = 2.7 V VCC = 5.25 V, VI = 0.4 V VCC = 5.25 V, VI = 7 V VCC = 5.25 V VCC = 5.25 V VCC = 4.75 V, IIN = -18 mA
Input current
II Short-circuit output current IOS -- Supply current** ICC 22 Input clamp voltage VIK -- Notes: * VCC = 5 V, Ta = 25C ** ICC is measured with all outputs open and all inputs grounded.
Switching Characteristics
(VCC = 5 V, Ta = 25C)
Item Symbol tPHL tPLH tPHL tPLH tPHL tPLH tPHL Inputs Clear Data Address Enable Output Q0 to Q7 Q0 to Q7 Q0 to Q7 Q0 to Q7 min. -- -- -- -- -- -- -- typ. 17 20 13 24 18 22 15 max. 27 32 21 38 29 35 24 Unit ns ns ns ns CL = 15 pF, RL = 2 k Condition
Propagation delay time
Rev.2.00, Feb.18.2005, page 4 of 7
HD74LS259
Testing Method
Test Circuit
VCC 4.5V RL Q0 CL Input P.G. Zout = 50 Input P.G. Zout = 50 G Output Q1 Output Q2 Output Q3 Output Clear Q4 Output Q5 Output Q6 Output Q7 Same as Load Circuit 1. Same as Load Circuit 1. Same as Load Circuit 1. Same as Load Circuit 1. Same as Load Circuit 1. Same as Load Circuit 1. Same as Load Circuit 1. Output
Load circuit 1
See Function Table
A B C D
Notes:
1. CL includes probe and jig capacitance. 2. All diodes are 1S2074(H).
Waveform
tTLH 90% 1.3 V 10% tPLH tTHL 90% 1.3 V 10% tPHL VOH In phase output tPHL 1.3 V tPLH VOH Out of phase output 1.3 V 1.3 V VOL 1.3 V VOL 3V 0V
Input
Note:
Input pulse; tTLH 15 ns, tTHL 6 ns, PRR = 1 MHz, duty cycle 50%
Rev.2.00, Feb.18.2005, page 5 of 7
HD74LS259
Package Dimensions
JEITA Package Code P-DIP16-6.3x19.2-2.54 RENESAS Code PRDP0016AE-B Previous Code DP-16FV MASS[Typ.] 1.05g
D
16
9
1 0.89 b3
8
Z
E
A1
A
Reference Symbol
Dimension in Millimeters Min Nom 7.62 19.2 6.3 20.32 7.4 5.06 0.51 0.40 0.48 1.30 0.19 0 2.29 2.54 0.25 0.31 15 2.79 1.12 2.54 0.56 Max
e D E
L
1
A A1
e
bp
e1
b c b c
p 3
e Z ( Ni/Pd/Au plating ) L
JEITA Package Code P-SOP16-5.5x10.06-1.27
RENESAS Code PRSP0016DH-B
Previous Code FP-16DAV
MASS[Typ.] 0.24g
*1
D F 9
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
Reference Symbol
*2
c
Dimension in Millimeters Min Nom 10.06 5.50 Max 10.5
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
D E A2
8 bp x M L1
A1 A bp b1 c
0.00
0.10
0.20 2.20
0.34
0.40
0.46
0.15
1
0.20
0.25
A
c
HE
0 7.50 7.80 1.27
8 8.00
A1
y L
e x y
0.12 0.15 0.80 0.50
1
Detail F
Z L L 0.70 1.15
0.90
Rev.2.00, Feb.18.2005, page 6 of 7
HD74LS259
JEITA Package Code P-SOP16-3.95x9.9-1.27 RENESAS Code PRSP0016DG-A Previous Code FP-16DNV MASS[Typ.] 0.15g
*1
D 9
F
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
Index mark
*2
E
HE
c
Reference Symbol
Dimension in Millimeters Min Nom 9.90 3.95 Max 10.30
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
D E A2
8 bp x M L1
A1 A bp b1 c c
1
0.10
0.14
0.25 1.75
0.34
0.40
0.46
0.15
0.20
0.25
HE
0 5.80 6.10 1.27
8 6.20
A
A1
L y
e x y
0.25 0.15 0.635 0.40
1
Detail F
Z L L 0.60 1.08
1.27
Rev.2.00, Feb.18.2005, page 7 of 7
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .2.0


▲Up To Search▲   

 
Price & Availability of HD74LS259

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X