Part Number Hot Search : 
ATMEGA32 3KASMC2X 0365R 00FLH ADV7321 VF20120S L8C204 ZPY36
Product Description
Full Text Search
 

To Download HD74HC682 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HC682, HD74HC684
8-bit Magnitude Comparator
REJ03D0642-0200 (Previous ADE-205-528) Rev.2.00 Mar 30, 2006
Description
These magnitude comparators perform comparisons of two eight-bit binary or BCD words. All types provide P=Q outputs and provide P>Q outputs. The HD74HC682 features 20 k pullup termination resistors on the Q inputs for analog or switch data.
Type HD74HC682 HD74HC684 P=Q Yes Yes P>Q Yes Yes Output Enable No No 20 k Pullup Yes No
Features
* High Speed Operation * High Output Current: Fanout of 10 LSTTL Loads * Wide Operating Voltage: VCC = 2 to 6 V * Low Input Current: 1 A max * Low Quiescent Supply Current: ICC (static) = 4 A max (Ta = 25C) * Ordering Information
Part Name HD74HC682P HD74HC684P HD74HC682RPEL HD74HC684RPEL Package Type DILP-20 pin SOP-20 pin (JEDEC) Package Code (Previous Code) PRDP0020AC-B (DP-20NEV) PRSP0020DC-A (FP-20DBV) Package Abbreviation P RP -- EL (1,000 pcs/reel) Taping Abbreviation (Quantity)
Function Table
Input Data P, Q P=Q P>Q PQ H L H
Note: 1. The PQ Outputs to a 2-input NAND gate. H : high level L : low level
Rev.2.00 Mar 30, 2006 page 1 of 6
HD74HC682, HD74HC684
Pin Arrangement
P>Q P0 Q0 P1 Q1 P2 Q2 P3 Q3 1 2 3 4 5 6 7 8 9 20 VCC 19 P=Q 18 Q7 17 P7 16 Q6 15 P6 14 Q5 13 P5 12 Q4 11 P4 (Top view)
GND 10
Logic Diagram
P0 Q0 P1 Q1 P2 Q2 P3 Q3 P4 Q4 P5 Q5 P6 Q6 P7 Q7 VCC P>Q P=Q
VCC
VCC
Rev.2.00 Mar 30, 2006 page 2 of 6
HD74HC682, HD74HC684
Absolute Maximum Ratings
Item Supply voltage range Input / Output voltage Input / Output diode current Output current VCC, GND current Power dissipation Symbol VCC VIN, VOUT IIK, IOK IOUT ICC or IGND PT Ratings -0.5 to 7.0 -0.5 to VCC +0.5 20 25 50 500 Unit V V mA mA mA mW
Storage temperature Tstg -65 to +150 C Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply voltage Input / Output voltage Operating temperature Input rise / fall time Note:
*1
Symbol VCC VIN, VOUT Ta tr , tf
Ratings 2 to 6 0 to VCC -40 to 85 0 to 1000 0 to 500
Unit V V C ns
Conditions
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
0 to 400 1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics.
Rev.2.00 Mar 30, 2006 page 3 of 6
HD74HC682, HD74HC684
Electrical Characteristics
Ta = 25C Item Input voltage Symbol VCC (V) VIH 2.0 4.5 6.0 VIL 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL 2.0 4.5 6.0 4.5 Input current (HC684) Quiescent supply current (HC684) Input current (HD682) Quiescent supply current (HC682) Iin ICC Iin ICC 6.0 6.0 6.0 6.0 6.0 Min 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.18 5.68 -- -- -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- 2.0 4.5 6.0 -- -- 0.0 0.0 0.0 -- -- -- -- -- -- -- -- Max -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.26 0.26 0.1 4.0 0.1 -0.6 4.8 4.0 Ta = -40 to+85C Min 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.13 5.63 -- -- -- -- -- -- -- -- -- -- -- Max -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.33 0.33 1.0 40 1.0 -0.7 5.6 40 A A A V IOH = -4 mA IOH = -5.2 mA Vin = VIH or VIL IOL = 20 A V Unit V Test Conditions
Output voltage
VOH
V
Vin = VIH or VIL IOH = -20 A
IOL = 4 mA IOL = 5.2 mA Vin = VCC or GND Vin = VCC or GND, Iout = 0 A Vin = VCC
mA Iin = GND mA Qn = GND, other inputs = VCC or GND Iout = 0 A A Qn = VCC, other inputs = VCC or GND Iout = 0 A
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25C Item Propagation delay time Symbol VCC (V) tPLH tPHL tPLH tPHL Output rise/fall time Input capacitance tTLH tTHL Cin 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -- Min -- -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- 5 Max 175 35 30 200 40 34 60 12 10 10 Ta = -40 to +85C Min -- -- -- -- -- -- -- -- -- -- Max 220 44 37 250 50 43 75 15 13 10 pF ns P or Q to P>Q Unit ns Test Conditions P or Q to P=Q
ns
Rev.2.00 Mar 30, 2006 page 4 of 6
HD74HC682, HD74HC684
Test Circuit
VCC VCC Output
See Function Table
P0 P7 P=Q Output P>Q CL = 50 pF CL = 50 pF
Input Pulse Generator Zout = 50
Q0 Q7
Note : 1. CL includes probe and jig capacitance.
Waveforms
tr 90 % 50 % 10 % t PLH 90 % Same-phase output 50 % 10 % t TLH 90 % 50 % 10 % t PHL 90 % 50 % 10 % t THL VOH VOL tf VCC 0V
Input
t PHL 90 % Inverse-phase output
t PLH
90 % 50 % 10 % t THL 50 % 10 % t TLH
VOH VOL
Notes: 1. Input waveform: PRR 1 MHz, Zo = 50 , tr 6 ns, tf 6 ns 2. The output are measured one at a time with one transition per measurement.
Rev.2.00 Mar 30, 2006 page 5 of 6
HD74HC682, HD74HC684
Package Dimensions
JEITA Package Code P-DIP20-6.3x24.5-2.54 RENESAS Code PRDP0020AC-B Previous Code DP-20NEV MASS[Typ.] 1.26g
D
20
11
1 0.89 b3
10
Z
A1
A
E
Reference Symbol
Dimension in Millimeters
Min
e
bp
e1
c
( Ni/Pd/Au plating )
e1 D E A A1 bp b3 c e Z L
Nom Max 7.62 24.50 25.40 6.30 7.00 5.08
L
0.51 0.40 0.48 0.56 1.30 0.19 0.25 0.31 0 15 2.29 2.54 2.79 1.27 2.54
JEITA Package Code P-SOP20-7.5x12.8-1.27
RENESAS Code PRSP0020DC-A
Previous Code FP-20DBV
MASS[Typ.] 0.52g
*1
D
F 11
20
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" @ DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT @ INCLUDE TRIM OFFSET.
bp
HE E
*2
Index mark
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
c
Reference Symbol
Dimension in Millimeters
10 bp x M L1
A1
y
L
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 12.80 13.2 7.50 0.10 0.20 0.30 2.65 0.34 0.40 0.46 0.20 0.25 0.30 0 8 10.00 10.40 10.65 1.27 0.12 0.15 0.935 0.40 0.70 1.27 1.45
Rev.2.00 Mar 30, 2006 page 6 of 6
A
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HD74HC682

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X