Part Number Hot Search : 
OB6561 P55NF03 MC34129 2SB772 ML4428 MPL4700 SRB1660C MR2535L
Product Description
Full Text Search
 

To Download HD74HC368FPEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HC368
Hex Bus Drivers (Inverted Data Outputs with 3-state outputs)
REJ03D0618-0200 (Previous ADE-205-497) Rev.2.00 Mar 30, 2006
Features
* High Speed Operation: tpd (A to Y) = 9 ns typ (CL = 50 pF) * High Output Current: Fanout of 15 LSTTL Loads * Wide Operating Voltage: VCC = 2 to 6 V * Low Input Current: 1 A max * Low Quiescent Supply Current: ICC (static) = 4 A max (Ta = 25C) * Ordering Information
Part Name HD74HC368P HD74HC368FPEL HD74HC368RPEL Package Type DILP-16 pin SOP-16 pin (JEITA) SOP-16 pin (JEDEC) Package Code (Previous Code) PRDP0016AE-B (DP-16FV) PRSP0016DH-B (FP-16DAV) Package Abbreviation P FP -- EL (2,000 pcs/reel) EL (2,500 pcs/reel) Taping Abbreviation (Quantity)
PRSP0016DG-A RP (FP-16DNV) Note: Please consult the sales office for the above package availability.
Function Table
Inputs G H L Note: A X L Output Y Z H L
L H 1. H; High level, L; Low level, X; Irrelevant, Z; High impedance
Rev.2.00 Mar 30, 2006 page 1 of 6
HD74HC368
Pin Arrangement
G1 1A 1Y 2A 2Y 3A 3Y GND
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VCC G2 6A 6Y 5A 5Y 4A 4Y
(Top view)
Absolute Maximum Ratings
Item Supply voltage range Input / Output voltage Input / Output diode current Output current VCC, GND current Power dissipation Symbol VCC VIN, VOUT IIK, IOK IOUT ICC or IGND PT Ratings -0.5 to 7.0 -0.5 to VCC +0.5 20 35 75 500 Unit V V mA mA mA mW
Storage temperature Tstg -65 to +150 C Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply voltage Input / Output voltage Operating temperature Input rise / fall time Note:
*1
Symbol VCC VIN, VOUT Ta tr , tf
Ratings 2 to 6 0 to VCC -40 to 85 0 to 1000 0 to 500
Unit V V C ns
Conditions
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
0 to 400 1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics.
Rev.2.00 Mar 30, 2006 page 2 of 6
HD74HC368
Electrical Characteristics
Ta = 25C Item Input voltage Symbol VCC (V) VIH 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0 6.0 Min 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.18 5.68 -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- 2.0 4.5 6.0 -- -- 0.0 0.0 0.0 -- -- -- -- -- Max -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.26 0.26 0.5 0.1 4.0 Ta = -40 to+85C Min 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.13 5.63 -- -- -- -- -- -- -- -- Max -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.33 0.33 5.0 1.0 40 Unit V Test Conditions
VIL
V
Output voltage
VOH
V
Vin = VIH or VIL IOH = -20 A
VOL
V
Vin = VIH or VIL
IOH = -6 mA IOH = -7.8 mA IOL = 20 A
IOH = 6 mA IOH = 7.8 mA A Vin = VIH or VIL, Vout = VCC or GND A Vin = VCC or GND A Vin = VCC or GND, Iout = 0 A
Off-state output current Input current Quiescent supply current
IOZ Iin ICC
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Item Propagation delay time Output enable time Output disable time Output rise/fall time Input capacitance Symbol VCC (V) tPLH tPHL tZH tZL tHZ tLZ tTLH tTHL Cin 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -- Min -- -- -- -- -- -- -- -- -- -- -- -- -- Ta = 25C Typ Max -- 9 -- -- 13 -- -- 15 -- -- 4 -- 5 95 19 16 190 38 32 175 35 30 60 12 10 10 Ta = -40 to +85C Unit Min Max -- -- -- -- -- -- -- -- -- -- -- -- -- 120 24 20 240 48 41 220 44 37 75 15 13 10 pF ns ns Test Conditions
ns
ns
Rev.2.00 Mar 30, 2006 page 3 of 6
HD74HC368
Test Circuit
VCC VCC Output 1 k 1Y to 6Y 1A to 6A CL = 50 pF TEST t PLH / t PHL t ZH/ t HZ t ZL / t LZ S1 OPEN GND VCC
G1, G2
Pulse Generator Zout = 50
See Function Table
Input
S1 OPEN GND VCC
Note : 1. CL includes probe and jig capacitance.
Waveforms
* Waveform - 1
90 % 50 % 10 % t PLH 10 % t PHL 90 % 50 % 10 % t TLH 90 % 50 % 10 % t THL tr 90 % 50 % 10 % t ZL Waveform - A 50 % t ZH Waveform - B 50 % t HZ 90 % 10 % t LZ VCC GND VOH 10 % VOL VOH VOL Notes : 1. Input waveform : PRR 1 MHz, duty cycle 50%, tr 6 ns, tf 6 ns 2. Waveform - A is for an output with internal conditions such that the output is low except when disabled by the output control. 3. Waveform - B is for an output with internal conditions such that the output is high except when disabled by the output control. 4. The output are measured one at a time with one transition per measurement. tf tr 90 % 50 % VCC 0V
Input A
VOH VOL
Output Y
* Waveform - 2
90 % 50 %
tf
Input G
Rev.2.00 Mar 30, 2006 page 4 of 6
HD74HC368
Package Dimensions
JEITA Package Code P-DIP16-6.3x19.2-2.54 RENESAS Code PRDP0016AE-B Previous Code DP-16FV MASS[Typ.] 1.05g
D
16
9
1 0.89 b3
8
Z
A1
A
E
Reference Symbol
Dimension in Millimeters
Min
e
bp
e1
c
( Ni/Pd/Au plating )
e1 D E A A1 bp b3 c e Z L
Nom Max 7.62 19.2 20.32 6.3 7.4 5.06
L
0.51 0.40 0.48 0.56 1.30 0.19 0.25 0.31 0 15 2.29 2.54 2.79 1.12 2.54
JEITA Package Code P-SOP16-5.5x10.06-1.27
RENESAS Code PRSP0016DH-B
Previous Code FP-16DAV
MASS[Typ.] 0.24g
*1
D F 9
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
*2
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
8 bp x M L1
Reference Symbol
c
Dimension in Millimeters
A1
y
L
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 10.06 10.5 5.50 0.00 0.10 0.20 2.20 0.34 0.40 0.46 0.15 0.20 0.25 0 8 7.50 7.80 8.00 1.27 0.12 0.15 0.80 0.50 0.70 0.90 1.15
Rev.2.00 Mar 30, 2006 page 5 of 6
A
HD74HC368
JEITA Package Code P-SOP16-3.95x9.9-1.27 RENESAS Code PRSP0016DG-A Previous Code FP-16DNV MASS[Typ.] 0.15g
*1
D 9
F
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
E HE
Index mark
*2
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
c
8 bp x M L1
Reference Symbol
Dimension in Millimeters
A1
L
y
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 9.90 10.30 3.95 0.10 0.14 0.25 1.75 0.34 0.40 0.46 0.15 0.20 0.25 0 8 5.80 6.10 6.20 1.27 0.25 0.15 0.635 0.40 0.60 1.27 1.08
Rev.2.00 Mar 30, 2006 page 6 of 6
A
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HD74HC368FPEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X