Part Number Hot Search : 
HT82V732 V54C312 NJU6214 G2002 L1935 2SK1315L FR9120 PSD83
Product Description
Full Text Search
 

To Download HD74AC244FPEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74AC244/HD74ACT244
Octal Buffer/Line Driver with 3-State Output
REJ03D0262-0200Z (Previous ADE-205-383 (Z)) Rev.2.00 Jul.16.2004
Description
The HD74AC244/HD74ACT244 is an octal buffer and line driver designed to be employed as a memory address driver, clock driver and bus-oriented transmitter/receive which provides improved PC board density.
Features
* 3-State Outputs Drive Bus Lines or Buffer Memory Address Registers * Outputs Source/Sink 24 mA * HD74ACT244 has TTL-Compatible Inputs * Ordering Information: Ex. HD74AC244
Part Name HD74AC244P HD74AC244FPEL HD74AC244RPEL HD74AC244TELL Package Type DIP-20 pin SOP-20 pin (JEITA) TSSOP-20 pin Package Code Package Abbreviation Taping Abbreviation (Quantity) DP-20N, -20NEV P FP-20DAV TTP-20DAV FP RP T -- EL (2,000 pcs/reel) EL (1,000 pcs/reel) ELL (2,000 pcs/reel)
SOP-20 pin (JEDEC) FP-20DBV
Notes: 1. Please consult the sales office for the above package availability. 2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of the package code.
Pin Arrangement
OE1 1 1A1 2 2Y4 3 1A2 4 2Y3 5 1A3 6 2Y2 7 1A4 8 2Y1 9 GND 10 (Top view) 20 VCC 19 OE2 18 1Y1 17 2A4 16 1Y2 15 2A3 14 1Y3 13 2A2 12 1Y4 11 2A1
Rev.2.00, Jul.16.2004, page 1 of 8
HD74AC244/HD74ACT244
Truth Tables
Inputs OE1 L L H Inputs OE2 L L H H L X Z : : : : High Voltage Level Low Voltage Level Immaterial High Impedance L H X A L H Z L H X A L H Z Outputs (Pins 3, 5, 7, 9) Y Outputs (Pins 12, 14, 16, 18) Y
Absolute Maximum Ratings
Item Supply voltage DC input diode current DC input voltage DC output diode current DC output voltage DC output source or sink current DC VCC or ground current per output pin Storage temperature Symbol VCC IIK VI IOK VO IO ICC, IGND Tstg Ratings -0.5 to 7 -20 20 -0.5 to Vcc+0.5 -50 50 -0.5 to Vcc+0.5 50 50 -65 to +150 Unit V mA mA V mA mA V mA mA C Condition VI = -0.5V VI = Vcc+0.5V VO = -0.5V VO = Vcc+0.5V
Recommended Operating Conditions: HD74AC244
Item Supply voltage Input and Output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 30% to 70% VCC Symbol VCC VI, VO Ta tr, tf Ratings 2 to 6 0 to VCC -40 to +85 8 V V C ns/V VCC = 3.0V VCC = 4.5 V VCC = 5.5 V Unit Condition
Rev.2.00, Jul.16.2004, page 2 of 8
HD74AC244/HD74ACT244
DC Characteristics: HD74AC244
Item Symbol VIH Vcc (V) 3.0 4.5 5.5 VIL 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 VOL 5.5 3.0 4.5 5.5 3.0 4.5 Input leakage current 3 State current IIN IOZ 5.5 5.5 5.5 min. 2.1 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.58 3.94 4.94 -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 2.25 2.75 1.50 2.25 2.75 2.99 4.49 5.49 -- -- -- 0.002 0.001 0.001 -- -- -- -- -- max. -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.32 0.32 0.32 0.1 0.5 Ta = -40 to +85C min. max. 2.1 -- 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.48 3.80 4.80 -- -- -- -- -- -- -- -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.37 0.37 0.37 1.0 5.0 A A V VOUT = 0.1 V or VCC -0.1 V Unit Condition
Input Voltage
V
VOUT = 0.1 V or VCC -0.1 V
Output voltage
VOH
VIN = VIL or VIH IOUT = -50 A VIN = VIL or VIH IOH = -12 mA IOH = -24 mA IOH = -24 mA VIN = VIL or VIH IOUT = 50 A VIN = VIL or VIH IOL = 12 mA IOL = 24 mA IOL = 24 mA VIN = VCC or GND VIN(OE) = VIL, VIH VIN = VCC or GND VOUT = VCC or GND VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground
Dynamic output current* Quiescent supply current
IOLD IOHD ICC
5.5 5.5 5.5
-- -- --
-- -- --
-- -- 8.0
86 -75 --
-- -- 80
mA mA A
*Maximum test duration 2.0 ms, one output loaded at a time.
Recommended Operating Conditions: HD74ACT244
Item Supply voltage Input and output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 0.8 to 2.0 V Symbol VCC VI, VO Ta tr, tf Ratings 2 to 6 0 to VCC -40 to +85 8 V V C ns/V VCC = 4.5V VCC = 5.5V Unit Condition
Rev.2.00, Jul.16.2004, page 3 of 8
HD74AC244/HD74ACT244
DC Characteristics: HD74ACT244
Item Symbol VIH VIL Output voltage VOH VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 VOL 5.5 4.5 5.5 4.5 Input current 3 State current ICC/input current Dynamic output current* Quiescent supply current IIN IOZ ICCT IOLD IOHD ICC 5.5 5.5 5.5 5.5 5.5 5.5 5.5 min. 2.0 2.0 -- -- 4.4 5.4 3.94 4.94 -- -- -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 1.5 1.5 1.5 4.49 5.49 -- -- 0.001 0.001 -- -- -- -- 0.6 -- -- -- max. -- -- 0.8 0.8 -- -- -- -- 0.1 0.1 0.32 0.32 0.1 0.5 -- -- -- 8.0 Ta = -40 to +85C min. max. 2.0 -- 2.0 -- -- 4.4 5.4 3.80 4.80 -- -- -- -- -- -- -- 86 -75 -- -- 0.8 0.8 -- -- -- -- 0.1 0.1 0.37 0.37 1.0 5.0 1.5 -- -- 80 A A mA mA mA A V Unit Condition
Input voltage
V
VOUT = 0.1 V or VCC-0.1 V VOUT = 0.1 V or VCC -0.1 V VIN = VIL or VIH IOUT = -50 A VIN = VIL VIN = VIL or VIH IOUT = 50 A VIN = VIL VIN = VCC or GND VIN = VIL, VIH VOUT = VCC or GND VIN = VCC-2.1 V VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground IOL = 24 mA IOL = 24 mA IOH = -24 mA IOH = -24 mA
*Maximum test duration 2.0 ms, one output loaded at a time.
AC Characteristics: HD74AC244
Ta = +25C CL = 50 pF Min Typ Max 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 6.5 5.0 6.5 5.0 6.0 5.0 7.5 5.5 7.0 6.5 7.5 6.5 9.0 7.0 9.0 7.0 10.5 7.0 10.0 8.0 10.0 9.0 10.5 9.0 Ta = -40C to +85C CL = 50 pF Min Max 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 10.0 7.5 10.0 7.5 11.0 8.0 11.0 8.5 10.5 9.5 11.5 9.5 ns ns ns ns ns ns
Item Propagation delay Data to output Propagation delay Data to output Output enable time Output enable time Output disable time Output disable time Note:
Symbol tPLH tPHL tZH tZL tHZ tLZ
VCC (V)*1 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
Unit
1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V
Rev.2.00, Jul.16.2004, page 4 of 8
HD74AC244/HD74ACT244
AC Characteristics: HD74ACT244
Ta = +25C CL = 50 pF Item Propagation delay Data to output Propagation delay Data to output Output enable time Output enable time Output disable time Output disable time Note: Symbol tPLH tPHL tZH tZL tHZ tLZ VCC (V)*1 Min 5.0 1.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 Typ 6.5 7.0 6.0 7.0 7.0 7.5 Max 9.0 9.0 8.5 9.5 9.5 10.0 Ta = -40C to +85C CL = 50 pF Min 1.0 1.0 1.0 1.0 1.0 1.0 Max 10.0 10.0 9.5 10.5 10.5 10.5 Unit ns ns ns ns ns ns
1. Voltage Range 5.0 is 5.0 V 0.5 V
Capacitance
Item Input capacitance Power dissipation capacitance Symbol CIN CPD Typ 4.5 45.0 pF pF Unit VCC = 5.5 V VCC = 5.0 V Condition
Rev.2.00, Jul.16.2004, page 5 of 8
HD74AC244/HD74ACT244
Package Dimensions
As of January, 2003
Unit: mm
24.50 25.40 Max 20 11
7.00 Max 6.30
1 0.89
1.27 Max
10 1.30
2.54 Min 5.08 Max
7.62
0.51 Min
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
+ 0.11
Package Code JEDEC JEITA Mass (reference value)
DP-20N -- Conforms 1.26 g
Unit: mm
24.50 25.40 Max 20 11
1 0.89
1.27 Max
10 1.30 7.62
7.00 Max 2.54 Min 5.08 Max
0.51 Min
6.30
2.54 0.25
*0.48 0.08
*0.25 0.06 0 - 15
*NI/Pd/AU Plating
Package Code JEDEC JEITA Mass (reference value)
DP-20NEV -- Conforms 1.26 g
Rev.2.00, Jul.16.2004, page 6 of 8
HD74AC244/HD74ACT244
As of January, 2003
12.6 13 Max
20
Unit: mm
11
1
10
5.5
0.80 Max
2.20 Max
*0.20 0.05
0.20 7.80 + 0.30 -
1.15
1.27
*0.40 0.06
0.10 0.10
0 - 8
0.70 0.20
0.15
0.12 M
*Ni/Pd/Au plating
Package Code JEDEC JEITA Mass (reference value)
FP-20DAV -- Conforms 0.31 g
As of January, 2003
12.8 13.2 Max 20 11
7.50
Unit: mm
2.65 Max
1 0.935 Max
10
*0.25 0.05
0.25 10.40 + 0.40 -
1.45
0.20 0.10
0 - 8
0.57 0.70 + 0.30 -
1.27
*0.40 0.06
0.15 0.12 M
*Ni/Pd/Au plating Package Code JEDEC JEITA Mass (reference value) FP-20DBV Conforms -- 0.52 g
Rev.2.00, Jul.16.2004, page 7 of 8
HD74AC244/HD74ACT244
As of January, 2003
Unit: mm
6.50 6.80 Max 20 11
4.40
1
10 0.65 1.0 6.40 0.20 0.65 Max
*0.15 0.05
*0.20 0.05
0.13 M
1.10 Max
0.10
0.07 +0.03 -0.04
0 - 8
0.50 0.10
*Ni/Pd/Au plating
Package Code JEDEC JEITA Mass (reference value)
TTP-20DAV -- -- 0.07 g
Rev.2.00, Jul.16.2004, page 8 of 8
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD74AC244FPEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X