Part Number Hot Search : 
FCT16 27C47 6KE300A BUZ16 AN5026K C546A P100A NTE56020
Product Description
Full Text Search
 

To Download HD74AC164FPEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74AC164/HD74ACT164
Serial-In, Parallel-Out Shift Register
REJ03D0253-0200Z (Previous ADE-205-373 (Z)) Rev.2.00 Jul.16.2004
Description
The HD74AC164/HD74ACT164 is a high-speed 8-bit serial-in/parallel-out shift register. Serial data is entered through a 2-input AND gate synchronous with the Low-to-High transition of the clock. The device features an asynchronous Master Reset which clears the register, setting all outputs Low independent of the clock.
Features
* Outputs Source/Sink 24 mA * HD74ACT164 has TTL-Compatible Inputs * Ordering Information
Part Name HD74AC164P HD74AC164FPEL HD74AC164RPEL HD74AC164TELL Package Type DIP-14 pin SOP-14 pin (JEITA) SOP-14 pin (JEDEC) TSSOP-14 pin Package Code Package Abbreviation Taping Abbreviation (Quantity) DP-14, -14AV FP-14DAV FP-14DNV TTP-14DV P FP RP T -- EL (2,000 pcs/reel) EL (2,500 pcs/reel) ELL (2,000 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability. 2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of the package code.
Pin Arrangement
A1 B2 Q0 3 Q1 4 Q2 5 Q3 6 GND 7 (Top view) 14 VCC 13 Q7 12 Q6 11 Q5 10 Q4 9 MR 8 CP
Rev.2.00, Jul.16.2004, page 1 of 8
HD74AC164/HD74ACT164
Logic Symbol
A B CP MR Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
Pin Names
A, B CP MR Q0 to Q7 Data Inputs Clock Pulse Input (Active Rising Edge) Master Reset Input (Active Low) Outputs
Functional Description
The HD74AC164/HD74ACT164 is an edge-triggered 8-bit shift register with serial data entry and an output from each of the eight stages. Data is entered serially through one of two inputs (A or B); either of these inputs can be used as an active High Enable for data entry through the other inputs. An unused input must be tied High. Each Low-to-High transition on the Clock (CP) input shifts data one place to the right and enters into Q0 the logical AND of the two data inputs (A*B) that existed before the rising clock edge. A Low level on the Master Reset (MR) input overrides all other inputs and clears the register asynchronously, forcing all Q outputs Low.
Mode Select Table
Inputs Operating Mode Reset (Clear) Shift MR L H H H H X L L H H A X L H L H B L L L L H Q0 Outputs Q1 to Q7 L to L q0 to q6 q0 to q6 q0 to q6 q0 to q6
H L X qn
: : : :
High Voltage Level Low Voltage Level Immaterial Lower case letters indicate the state of the referenced input or output one setup time prior to the Low-to-High clock transition.
Logic Diagram
A B D CD CP MR Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q D CD Q D CD Q D CD Q D CD Q D CD Q D CD Q D CD Q
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Rev.2.00, Jul.16.2004, page 2 of 8
HD74AC164/HD74ACT164
Absolute Maximum Ratings
Item Supply voltage DC input diode current DC input voltage DC output diode current DC output voltage DC output source or sink current DC VCC or ground current per output pin Storage temperature Symbol VCC IIK VI IOK VO IO ICC, IGND Tstg Ratings -0.5 to 7 -20 20 -0.5 to Vcc+0.5 -50 50 -0.5 to Vcc+0.5 50 50 -65 to +150 Unit V mA mA V mA mA V mA mA C Condition VI = -0.5V VI = Vcc+0.5V VO = -0.5V VO = Vcc+0.5V
Recommended Operating Conditions: HD74AC164
Item Supply voltage Input and output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 30% to 70% VCC Symbol VCC VI, VO Ta tr, tf Ratings 2 to 6 0 to VCC -40 to +85 8 V V C ns/V VCC = 3.0V VCC = 4.5 V VCC = 5.5 V Unit Condition
DC Characteristics: HD74AC164
Item Symbol VIH Vcc (V) 3.0 4.5 5.5 VIL 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 VOL 5.5 3.0 4.5 5.5 3.0 4.5 Input leakage current Dynamic output current* IIN IOLD IOHD 5.5 5.5 5.5 5.5 min. 2.1 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.58 3.94 4.94 -- -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 2.25 2.75 1.50 2.25 2.75 2.99 4.49 5.49 -- -- -- 0.002 0.001 0.001 -- -- -- -- -- -- max. -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.32 0.32 0.32 0.1 -- -- Ta = -40 to +85C min. 2.1 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.48 3.80 4.80 -- -- -- -- -- -- -- 86 -75 -- max. -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.37 0.37 0.37 1.0 -- -- 80 A mA mA A V VOUT = 0.1 V or VCC -0.1 V Unit Condition
Input Voltage
V
VOUT = 0.1 V or VCC -0.1 V
Output voltage
VOH
VIN = VIL or VIH IOUT = -50 A VIN = VIL or VIH IOH = -12 mA IOH = -24 mA IOH = -24 mA VIN = VIL or VIH IOUT = 50 A VIN = VIL or VIH IOL = 12 mA IOL = 24 mA IOL = 24 mA VIN = VCC or GND VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground
Quiescent supply 5.5 -- -- 8.0 ICC current *Maximum test duration 2.0 ms, one output loaded at a time.
Rev.2.00, Jul.16.2004, page 3 of 8
HD74AC164/HD74ACT164
Recommended Operating Conditions: HD74ACT164
Item Supply voltage Input and output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 0.8 to 2.0 V Symbol VCC VI, VO Ta tr, tf Ratings 2 to 6 0 to VCC -40 to +85 8 V V C ns/V VCC = 4.5V VCC = 5.5V Unit Condition
DC Characteristics: HD74ACT164
Item Symbol VIH VIL Output voltage VOH VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 VOL 5.5 4.5 5.5 4.5 Input current ICC/input current Dynamic output current* Quiescent supply current IIN ICCT IOLD IOHD ICC 5.5 5.5 5.5 5.5 5.5 5.5 min. 2.0 2.0 -- -- 4.4 5.4 3.94 4.94 -- -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 1.5 1.5 1.5 4.49 5.49 -- -- 0.001 0.001 -- -- -- 0.6 -- -- -- max. -- -- 0.8 0.8 -- -- -- -- 0.1 0.1 0.32 0.32 0.1 -- -- -- 8.0 Ta = -40 to +85C min. 2.0 2.0 -- -- 4.4 5.4 3.80 4.80 -- -- -- -- -- -- 86 -75 -- max. -- -- 0.8 0.8 -- -- -- -- 0.1 0.1 0.37 0.37 1.0 1.5 -- -- 80 A mA mA mA A V Unit Condition
Input voltage
V
VOUT = 0.1 V or Vcc-0.1 V VOUT = 0.1 V or Vcc-0.1 V VIN = VIL or VIH IOUT = -50 A VIN = VIL VIN = VIL or VIH IOUT = 50 A VIN = VIL VIN = VCC or GND VIN = VCC-2.1 V VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground IOL = 24 mA IOL = 24 mA IOH = -24 mA IOH = -24 mA
*Maximum test duration 2.0 ms, one output loaded at a time.
AC Characteristics: HD74AC164
Ta = +25C CL = 50 pF Item Maximum clock frequency Propagation delay CP to Qn Propagation delay CP to Qn Propagation delay Symbol fmax tPLH tPHL tPHL VCC (V)*1 Min 3.3 125 5.0 3.3 5.0 3.3 5.0 3.3 150 1.0 1.0 1.0 1.0 1.0 1.0 Typ -- -- 8.5 6.5 8.5 6.5 9.5 7.5 Max -- -- 13.0 10.0 13.0 10.0 16.0 11.5 Ta = -40C to +85C CL = 50 pF Min 100 125 1.0 1.0 1.0 1.0 1.0 1.0 -- -- 13.5 10.5 14.5 10.5 18.0 13.5 Max MHz ns Unit
5.0 MR to Qn Note: 1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V
Rev.2.00, Jul.16.2004, page 4 of 8
HD74AC164/HD74ACT164
AC Operating Requirements: HD74AC164
Ta = +25C CL = 50 pF Item Setup time A or B to CP Hold time CP to A or B Pulse width CP or MR Recovery time MR or CP Note: Symbol VCC (V)*1 Typ tsu 3.3 3.0 th tw trec 5.0 3.3 5.0 3.3 5.0 3.3 5.0 1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V 2.0 -1.5 -1.5 2.0 2.0 0.0 0.0 Ta = -40C to +85C CL = 50 pF Unit ns
Guaranteed Minimum 5.5 6.0 4.0 0.0 0.0 5.5 4.5 2.0 2.0 4.5 0.0 0.0 7.0 5.0 2.0 2.0
AC Characteristics: HD74ACT164
Ta = +25C CL = 50 pF Item Symbol VCC (V)*1 Maximum clock fmax 5.0 frequency Propagation delay tPLH 5.0 CP to Qn Propagation delay tPHL 5.0 CP to Qn Propagation delay tPHL 5.0 MR to Qn Note: 1. Voltage Range 5.0 is 5.0 V 0.5 V Min 100 1.0 1.0 1.0 Typ -- 9.0 9.0 9.5 Max -- 11.5 11.5 13.0 Ta = -40C to +85C CL = 50 pF Min 80 1.0 1.0 1.0 -- 12.5 12.5 14.5 Max MHz ns Unit
AC Operating Requirements: HD74AC164
Ta = -40C to +85C Ta = +25C CL = 50 pF CL = 50 pF Typ Guaranteed Minimum 2.5 0.0 4.5 0.0 7.0 1.5 7.0 2.0 8.0 1.5 8.0 2.0 ns
Item Setup time A or B to CP Hold time CP to A or B Pulse width CP or MR Recovery time MR or CP Note:
Symbol VCC (V)*1 tsu th tw trec 5.0 5.0 5.0 5.0
Unit
1. Voltage Range 5.0 is 5.0 V 0.5 V
Capacitance
Item Input capacitance Power dissipation capacitance Symbol CIN CPD 4.5 20.0 Typ pF pF Unit VCC = 5.5 V VCC = 5.0 V Condition
Rev.2.00, Jul.16.2004, page 5 of 8
HD74AC164/HD74ACT164
Package Dimensions
As of January, 2003
19.20 20.32 Max 14 8
Unit: mm
1
2.39 Max
1.30
7 7.62
6.30 7.40 Max 0.51 Min 2.54 Min 5.06 Max
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
+ 0.10
Package Code JEDEC JEITA Mass (reference value)
DP-14 Conforms Conforms 0.97 g
19.20 20.32 Max 14 8
Unit: mm
1
2.39 Max
1.30
7 7.62
6.30 7.40 Max 0.51 Min 2.54 Min 5.06 Max
2.54 0.25
*0.48 0.08
*0.25 0.06 0 - 15
*NI/Pd/AU Plating
Package Code JEDEC JEITA Mass (reference value)
DP-14AV Conforms Conforms 0.97 g
Rev.2.00, Jul.16.2004, page 6 of 8
HD74AC164/HD74ACT164
As of January, 2003
Unit: mm
10.06 10.5 Max 14 8
5.5
1
7
*0.20 0.05 2.20 Max
0.20 7.80 + 0.30 -
1.42 Max
1.15 0 - 8 0.70 0.20
1.27 *0.40 0.06
0.12 M
Package Code JEDEC JEITA Mass (reference value) FP-14DAV -- Conforms 0.23 g
*Ni/Pd/Au plating
0.10 0.10
0.15
As of January, 2003
Unit: mm
8.65 9.05 Max 14 8
3.95
1
1.75 Max
*0.20 0.05
7
6.10 - 0.30 1.08
+ 0.10
0.635 Max
0 - 8
0.11 0.14 + 0.04 -
1.27 *0.40 0.06
0.67 0.60 + 0.20 -
0.15 0.25 M
Package Code JEDEC JEITA Mass (reference value) FP-14DNV Conforms Conforms 0.13 g
*Ni/Pd/Au plating
Rev.2.00, Jul.16.2004, page 7 of 8
HD74AC164/HD74ACT164
As of January, 2003
Unit: mm
5.00 5.30 Max 14 8
4.40
1
7 0.65 1.0 0.13 M 6.40 0.20 0.83 Max
*0.15 0.05
*0.20 0.05
1.10 Max
0.10
0.07 +0.03 -0.04
0 - 8
0.50 0.10
*Ni/Pd/Au plating
Package Code JEDEC JEITA Mass (reference value)
TTP-14DV -- -- 0.05 g
Rev.2.00, Jul.16.2004, page 8 of 8
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD74AC164FPEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X