Part Number Hot Search : 
IRF54 IS61LV TIP116 30500 86XS21D2 1H101 DS121 I514RU
Product Description
Full Text Search
 

To Download HD2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 800MHz - 2.5 GHz 4 Way Power Divider
HBH
Microwave GmbH
HD2001
General Description
The HD2001 is an 1:4 power divider.The divider covers the frequency range from 800MHz to 2.5GHz.
Electrical Performance
Typical Data @25 C
Parameter Frequency Insertion Loss Isolation Amplitude Unbalance Phase Unbalance VSWR Input VSWR Output Input Power Max Load VSWR 1.2:1 2.0:1 Operating Temperature Connector Input Connectors Output Size -40 SMA-f Coax Cable (200mm), HIROSE 130 x 65 x 15.5 (mounting included) mm 30 5 +85 C W 22 0.3 6 1.4:1 1.4:1 Min 0.8 0.8 (1.4) Typ Max 2.5 Units GHz dB (incl. Cable) dB dB deg
Data are specified with all ports terminated 50 Ohms.
Rev. 1.0
HBH Microwave GmbH, Helmholtzstr 9, 76297 Stutensee, Germany Phone +49-7244-6098490
Internet: http://www.hbhmw.com Fax +49-7244-6098489
Email: info@hbhmw.com Date: 23/04/2004


▲Up To Search▲   

 
Price & Availability of HD2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X