Part Number Hot Search : 
SD1609 S87C51FB MI31T R3A150F2 70104 S3P72H8 STBN068 NTES1N02
Product Description
Full Text Search
 

To Download GBLA005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBLA005 thru GBLA10
Vishay General Semiconductor
Glass Passivated Single-Phase Bridge Rectifier
FEATURES * UL recognition file number E54214 * Ideal for printed circuit boards * High surge current capability * Typical IR less than 0.1 A * High case dielectric strength * Solder dip 260 C, 40 s
Case Type GBL
~ ~
~
~
* Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS General purpose use in ac-to-dc bridge full wave rectification for monitor, TV, printer, SMPS, adapter, audio equipment, and home appliances application. MECHANICAL DATA Case: GBL Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: As marked on body
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM IR VF TJ max. 4A 50 V to 1000 V 120 A 5 A 1.0 V 150 C
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward TC = 50 C (1) rectified output current at TA = 40 C (2) Peak forward surge current single sine-wave superimposed on rated load Rating for fusing (t < 8.3 ms) Operating junction and storage temperature range Notes: (1) Unit mounted on 3.0 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3 cm) aluminum plate (2) Unit mounted on P.C.B. at 0.375" (9.5 mm) lead length and 0.5 x 0.5" (12 x 12 mm) copper pads SYMBOL GBLA005 GBLA01 GBLA02 GBLA04 GBLA06 GBLA08 GBLA10 VRRM VRMS VDC IF(AV) IFSM I2t TJ, TSTG 50 35 50 100 70 100 200 140 200 400 280 400 4.0 3.0 120 60 - 55 to + 150 600 420 600 800 560 800 1000 700 1000 UNIT V V V A A A2s C
Document Number: 88610 Revision: 30-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
GBLA005 thru GBLA10
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage drop per diode Maximum DC reverse current at rated DC blocking voltage per diode TEST CONDITIONS SYMBOL GBLA005 GBLA01 GBLA02 GBLA04 GBLA06 GBLA08 GBLA10 UNIT
4.0 A
VF
1.0
V
TA = 25 C TA = 125 C
IR
5.0 500
A
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance Notes: (1) Unit mounted on 3.0 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3 cm) aluminum plate (2) Unit mounted on P.C.B. at 0.375" (9.5 mm) lead length and 0.5 x 0.5" (12 x 12 mm) copper pads SYMBOL RJA RJC GBLA005 GBLA01 GBLA02 GBLA04 GBLA06 GBLA08 GBLA10 47 10 (1)
(2)
UNIT C/W
ORDERING INFORMATION (Example)
PREFERRED P/N GBLA06-E3/45 GBLA06-E3/51 UNIT WEIGHT (g) 2.133 2.133 PREFERRED PACKAGE CODE 45 51 BASE QUANTITY 20 400 DELIVERY MODE Tube Anti-static PVC tray
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
5.0 150 60 Hz Resistive or Inductive Load 4.0 Heat-Sink Mounting 3.0 x 3.0 x 0.11" Thick (7.5 x 7.5 x 0.3 cm) Aluminum Plate
Average Forward Output Current (A)
Peak Forward Surge Current (A)
TJ = TJ Max. Single Sine-Wave
100
3.0
2.0 P.C.B. Mounted 0.47 x 0.47" (12 x 12 mm) Copper Pads with 0.375" (9.5 mm) Lead Length
50
1.0
1.0 Cycle 0
0 0 50 100 150
1
10
100
Ambient Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Derating Curves Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88610 Revision: 30-Apr-08
GBLA005 thru GBLA10
Vishay General Semiconductor
100
1000 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Forward Current (A)
10
1
Junction Capacitance (pF)
100
0.1
TJ = 25 C Pulse Width = 300 s 1 % Duty Cycle
50 - 400 V 600 - 1000 V 10
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Forward Voltage Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
1000
100
100
Transient Thermal Impedance (C/W)
100
Instantaneous Reverse Current (A)
10
10 50 - 400 V 600 - 1000 V
TA = 125 C
1
1
0.1 TA = 25 C 0.01 0 20 40 60 80
0.1 0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t - Heating Time (s)
Figure 4. Typical Reverse Characteristics Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Case Type GBL
0.125 (3.17) x 45 Chamfer 0.825 (20.9) 0.815 (20.7)
0.080 (2.03) 0.060 (1.50)
0.421 (10.7) 0.411 (10.4)
0.095 (2.41) 0.080 (2.03) 0.098 (2.5) 0.075 (1.9) 0.050 (1.27) 0.040 (1.02) 0.210 (5.3) 0.190 (4.8) 0.040 (1.02) 0.030 (0.76) 0.026 (0.66) 0.020 (0.51)
0.098 (2.5) 0.075 (1.9) 0.718 (18.2) 0.682 (17.3) Lead Depth 0.022 (0.56) 0.018 (0.46)
0.140 (3.56) 0.128 (3.25)
Polarity shown on front side of case, positive lead beveled corner
Document Number: 88610 Revision: 30-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of GBLA005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X