Part Number Hot Search : 
D232G UPD16687 FQT7N10L ON0975 BA25BC0 TP1120 USL1601 BUW81A
Product Description
Full Text Search
 

To Download FMMT549A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Medium Power Transistor FMMT549A
SOT-23
Transistors IC
Unit: mm
Features
Low equivalent on-resistance.
+0.1 2.4-0.1
+0.1 2.9-0.1 +0.1 0.4-0.1
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Peak collector current Collector current Base current Power dissipation Operating and storage temperature range Symbol VCBO VCEO VEBO ICM IC IB Ptot Tj,Tstg Rating -35 -30 -5 -2 -1 -200 500 -55 to +150 Unit V V V A A mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
FMMT549A
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage * Emitter-base breakdown voltage Collector cutoff current Emitter cut-off current Collector-emitter saturation voltage * Base-emitter saturation voltage * Base-emitter voltage * Symbol V(BR)CBO IC=-100iA V(BR)CEO IC=-10mA V(BR)EBO IE=-100iA ICBO IEBO VCB=-30V VEB=-4V Testconditons
Transistors IC
Min -35 -30 -5
Typ
Max
Unit V V V
-0.1 -0.1 -0.3 -0.9 -0.85 70 80 40 150 100 25 50 300 200 130 80 200 500 -1.25 -1
iA iA V V V
VCE(sat) IC=-100mA,IB=-1A VBE(sat) IC=-1A,IB=-100mA VBE(ON) IC=-1A,VCE=-2V IC=-50mA, VCE=-2V
DC current gain *
hFE
IC=-1A, VCE=-2V IC=-2A, VCE=-2V IC=-500mA,VCE=-2V
Current-gain-bandwidth product Output capacitance Switching times * Pulse test: tp 300 is; d 0.02.
fT Cobo ton toff
IC=-100mA,VCE=-5V,f=100MHz VCB=-10V,f=1MHz VCB=-10V, f=1MHz IC=-500mA,VCC=-10V,IB1=IB2=-50mA
MHz pF ns ns
Marking
Marking 59A
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of FMMT549A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X