Part Number Hot Search : 
IR2010 M1000 2SC5505 AD836 500000 UZ13BSB TC4584BF B25667
Product Description
Full Text Search
 

To Download EX64-FCS100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v3.2
eX Automotive Family FPGAs
ue
TM
Specifications
* * * * 3,000 to 12,000 Available System Gates Maximum 512 Flip-Flops (Using CC Macros) 0.22 m CMOS Process Technology Up to 132 User-Programmable I/O Pins
* * * * *
Features
* * * * * * * 250 MHz Internal Performance, Low-Power Antifuse FPGA Advanced Small-Footprint Packages Pin-to-Pin Compatibility with eX Commercial- and Industrial-Grade Devices Hot-Swap Compliant I/Os Single-Chip Solution Nonvolatile Live on Power-Up * * * * *
No Power-Up/Down Sequence Required for Supply Voltages Configurable Weak Resistor Pull-Up or Pull-Down for Tristated Outputs during Power-Up Individual Output Slew-Rate Control 2.5 V and 3.3 V I/Os Software Design Support with Actel Designer and Libero(R) Integrated Design Environment (IDE) Tools Up to 100% Resource Utilization with 100% Pin Locking Deterministic Timing Unique In-System Diagnostic and Verification Capability with Silicon Explorer II Boundary Scan Testing in Compliance with IEEE Standard 1149.1 (JTAG) FuseLockTM Secure Programming Technology Prevents Reverse Engineering and Design Theft
Product Profile
Device Capacity System Gates Typical Gates Register Cells Dedicated Flip-Flops Maximum Flip-Flops Combinatorial Cells Maximum User I/Os Global Clocks Hardwired Routed Speed Grades* Temperature Grades* Package (by pin count) TQFP CSP eX64 3,000 2,000 64 128 128 84 1 2 Std. A 64, 100 49, 128 eX128 6,000 4,000 128 256 256 100 1 2 Std. A 64, 100 49, 128 eX256 12,000 8,000 256 512 512 132 1 2 Std. A 100 128, 180
Note: * The eX family is also offered in commercial and industrial temperature grades with -F, -P, and Std. speed grades. Refer to the eX Family FPGAs datasheet for more details.
June 2006 (c) 2006 Actel Corporation
i
eX Automotive Family FPGAs
Ordering Information
eX128 TQ G 100 A Application (Ambient Temperature Range) A = Automotive (-40C to 125C) Blank = Commercial (0C to 70C) I = Industrial (-40C to 85C) Package Lead Count
Lead-Free Packaging Blank = Standard Packaging G = RoHS Compliant Packaging
Package Type TQ = Thin Quad Flat Pack (1.4mm pitch) CS = Chip-Scale Package (0.8mm pitch) Speed Grade Blank= Standard Speed P = Approximately 30% Faster than Standard F = Approximately 40% Slower than Standard Part Number eX64 = 64 Dedicated Flip-Flops (3,000 System Gates) eX128 = 128 Dedicated Flip-Flops (6,000 System Gates) eX256 = 256 Dedicated Flip-Flops (12,000 System Gates)
Note: Automotive grade parts (A grade) devices are tested at room temperature to specifications that have been guard banded based on characterization across the recommended operating conditions. A-grade parts are not tested at extended temperatures. If testing to ensure guaranteed operation at extended temperatures is required, please contact your local Actel Sales office to discuss testing options available.
Plastic Device Resources
User I/Os (Including Clock Buffers) Device eX64 eX128 eX256 64-Pin TQFP 41 46 -- 100-Pin TQFP 56 70 81 49-Pin CSP 36 36 -- 128-Pin CSP 84 100 100 180-Pin CSP -- -- 132
Note: Package Definitions: TQFP = Thin Quad Flat Pack, CSP = Chip Scale Package
Speed Grade and Temperature Grade Matrix
Std. A Note: Refer to the eX Family FPGAs datasheet for more details on commercialand industrial-grade offerings.
Contact your local Actel representative for device availability.
ii
v3.2
eX Automotive Family FPGAs
Table of Contents
eX Automotive Family FPGAs
General Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-1 eX Family Architecture . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-1 Other Architectural Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-5 Design Considerations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-10 Related Documents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-11 Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-12 2.5 V LVCMOS2 Electrical Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-13 3.3 V LVTTL Electrical Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-13 Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-14 CEQ Values for eX Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-14 Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-15 Package Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-16 eX Timing Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-17 Output Buffer Delays . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-18 AC Test Loads . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-18 Input Buffer Delays . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-19 C-Cell Delays . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-19 Cell Timing Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-19 Timing Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-20 Temperature and Voltage Derating Factors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-20 eX Family Timing Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-21 Pin Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-24
Package Pin Assignments
64-Pin TQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-1 100-Pin TQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-3 49-Pin CSP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-6 128-Pin CSP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-8 180-Pin CSP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-11
Datasheet Information
List of Changes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-1 Datasheet Categories . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-1 This datasheet version contains information that is considered to be final. . . . . . 3-1 Export Administration Regulations (EAR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-1
v3.2
iii
eX Automotive Family FPGAs
eX Automotive Family FPGAs
General Description
Based on a 0.22 m CMOS process technology, the eX family of FPGAs is a low-cost solution for low-power, high-performance designs. With the automotive temperature grade support (-40C to 125C), the eX devices can address many in-cabin telematics and automobile interconnect applications. The low-power attributes inherent in antifuse technology make the eX devices ideal for designers who are looking to integrate low-density, power-sensitive automotive applications into a programmable logic solution, enabling quick timeto-market. low-signal impedance. The antifuses are normally open circuit and, when programmed, form a permanent lowimpedance connection. Actel's eX family provides two types of logic modules, the register cell (R-cell) and the combinatorial cell (C-cell). The R-cell contains a flip-flop featuring asynchronous clear, asynchronous preset, and clock enable (using the S0 and S1 lines) control signals (Figure 1-1). The R-cell registers feature programmable clock polarity selectable on a register-by-register basis. This provides additional flexibility while allowing mapping of synthesized functions into the eX FPGA. The clock source for the Rcell can be chosen from either the hardwired clock or the routed clock. The C-cell implements a range of combinatorial functions up to five inputs (Figure 1-2 on page 1-2). Inclusion of the DB input and its associated inverter function enables the implementation of more than 4,000 combinatorial functions in the eX architecture in a single module. Two C-cells can be combined together to create a flipflop to imitate an R-cell via the use of the CC macro. This is particularly useful when implementing nontimingcritical paths and when the design engineer is running out of R-cells. For more information about the CC macro, refer to the Actel Maximizing Logic Utilization in eX, SX and SX-A FPGA Devices Using CC Macros application note.
eX Family Architecture
The Actel eX family is implemented on a high-voltage twin-well CMOS process using 0.22 m design rules. The eX family architecture uses a "sea-of-modules" structure where the entire floor of the device is covered with a grid of logic modules with virtually no chip area lost to interconnect elements or routing. Interconnection among these logic modules is achieved using Actel's patented metal-to-metal programmable antifuse interconnect elements. The antifuse interconnect is made up of a combination of amorphous silicon and dielectric material with barrier metals and has an "on" state resistance of 25 with a capacitance of 1.0 fF for
S0
Routed Data Input S1 PSET
DirectConnect Input
D
Q
Y
HCLK CLKA, CLKB, Internal Logic CKS
Figure 1-1 * R-Cell
CLR
CKP
v3.2
1-1
eX Automotive Family FPGAs
Module Organization
C-cell and R-cell logic modules are arranged into horizontal banks called Clusters, each of which contains two C-cells and one R-cell in a C-R-C configuration. Clusters are further organized into modules called SuperClusters for improved design efficiency and device performance, as shown in Figure 1-3 on page 1-3. Each SuperCluster is a two-wide grouping of Clusters.
DirectConnect is a horizontal routing resource that provides connections from a C-cell to its neighboring R-cell in a given SuperCluster. DirectConnect uses a hardwired signal path requiring no programmable interconnection to achieve its fast signal propagation time of less than 0.1 ns. FastConnect enables horizontal routing between any two logic modules within a given SuperCluster and vertical routing with the SuperCluster immediately below it. Only one programmable connection is used in a FastConnect path, delivering maximum pin-to-pin propagation of 0.6 ns. In addition to DirectConnect and FastConnect, the architecture makes use of two globally oriented routing resources, known as segmented routing and high-drive routing. Actel's segmented routing structure provides a variety of track lengths for extremely fast routing between SuperClusters. The exact combination of track lengths and antifuses within each path is chosen by the fully automatic place-and-route software to minimize signal propagation delays.
Routing Resources
Clusters and SuperClusters can be connected through the use of two innovative local routing resources called FastConnect and DirectConnect, which enable extremely fast and predictable interconnection of modules within Clusters and SuperClusters (Figure 1-4 on page 1-3). This routing architecture also dramatically reduces the number of antifuses required to complete a circuit, ensuring the highest possible performance.
D0 D1 Y D2 D3 Sa Sb
DB A0 B0
Figure 1-2 * C-Cell
A1 B1
1 -2
v3.2
eX Automotive Family FPGAs
R-Cell
Routed Data Input S1 PSET DirectConnect Input D2 D Q Y D3 D0 D1
C-Cell
S0
Y
Sa HCLK CLKA, CLKB, Internal Logic
Sb
CLR DB CKS CKP A0 B0 A1 B1
Cluster SuperCluster
Figure 1-3 * Cluster Organization
Cluster
SuperClusters
DirectConnect * No antifuses * 0.1 ns routing delay
FastConnect * One antifuse * 0.6 ns routing delay
Routing Segments * Typically 2 antifuses * Max. 5 antifuses
Figure 1-4 * DirectConnect and FastConnect for SuperClusters
v3.2
1-3
eX Automotive Family FPGAs
Clock Resources
eX's high-drive routing structure provides three clock networks. The first clock, called HCLK, is hardwired from the HCLK buffer to the clock select MUX in each R-cell. HCLK cannot be connected to combinational logic. This provides a dedicated propagation path for the clock signal for the automotive-grade eX devices. The hardwired clock is tuned to provide a clock skew of less than 0.1 ns worst case. If not used, the HCLK pin must be tied Low or High and must not be left floating. Figure 1-5 describes the clock circuit used for the constant load HCLK. HCLK does not function until the fourth clock cycle each time the device is powered up to prevent false output levels due to any possible slow power-on-reset signal and fast start-up clock circuit. To activate HCLK from the first cycle, the TRST pin must be reserved in the Designer software and the pin must be tied to GND on the board. (See the "TRST, I/O Boundary Scan Reset Pin" section on page 1-24). The remaining two clocks (CLKA, CLKB) are global routed clock networks that can be sourced from external pins or from internal logic signals (via the CLKINT routed clock buffer) within the eX device. CLKA and CLKB may be connected to sequential cells or to combinational logic. If CLKA or CLKB is sourced from internal logic signals, the external clock pin cannot be used for any other input and must be tied Low or High and must not float. Figure 1-6 describes the CLKA and CLKB circuit used in eX devices. Table 1-1 describes the possible connections of the routed clock networks, CLKA and CLKB. Unused clock pins must not be left floating and must be tied to High or Low.
Constant Load Clock Network HCLKBUF
Figure 1-5 * eX HCLK Clock Pad
Clock Network
From Internal Logic CLKBUF CLKBUFI CLKINT CLKINTI
Figure 1-6 * eX Routed Clock Buffer Table 1-1 * Connections of Routed Clock Networks, CLKA and CLKB Module C-Cell R-Cell I/O Cell Pins A0, A1, B0 and B1 CLKA, CLKB, S0, S1, PSET, and CLR EN
1 -4
v3.2
eX Automotive Family FPGAs
Other Architectural Features
Performance
The combination of the various architectural features enables automotive-grade eX devices to operate with internal clock frequencies at 250 MHz for fast execution of complex logic functions. Automotive-grade eX devices are the optimal platforms upon which to integrate in-cabin telematics and automobile interconnect applications previously only contained in ASICs or gate arrays. eX devices meet the performance goals of gate arrays, and, at the same time, present significant improvements in cost and time to market. Using timing-driven placeand-route tools, designers can achieve highly deterministic device performance.
to GND on the board. Each I/O module has an available pull-up or pull-down resistor of approximately 50 k that can configure the I/O in a known state during power-up. Just shortly before VCCA reaches 2.5 V, the resistors are disabled and the I/Os will be controlled by user logic. Table 1-2 describes the I/O features of eX devices. For more information on I/Os, refer to the Actel eX, SX-A, and RT54SX-S I/Os application note. The automotive eX devices support I/O operation at 2.5 V and 3.3 V. The detailed description of the I/O pins in eX automotive devices can be found in "Pin Description" section on page 1-24.
Table 1-2 * I/O Features Function Description 3.3 V LVTTL 2.5 V LVCMOS2 3.3 V LVTTL 2.5 V LVCMO 2 I/O on an unpowered device does not sink current Can be used for "cold sparing" Selectable on an individual I/O basis Input Buffer * Threshold * Selection Nominal Output Drive * * * * * Power-Up
User Security
The Actel FuseLock advantage ensures that unauthorized users will not be able to read back the contents of an Actel antifuse FPGA. In addition to the inherent strengths of the architecture, there is a special Security Fuse inside the eX device that disables the probing circuitry and prohibits further programming of the device. This Fuse cannot be accessed or bypassed without destroying access to the rest of the device, making both invasive and more-subtle noninvasive attacks ineffective against Actel antifuse FPGAs. Look for this symbol to ensure your valuable IP is secure.
Output Buffer "Hot-Swap" Capability
Individually selectable low-slew option Individually selectable pull-ups and pull-downs during power-up (default is to power-up in tristate) Enables deterministic power-up of device VCCA and VCCI can be powered in any order
FuseLock
Figure 1-7 * FuseLock
Hot Swapping
eX I/Os are configured to be hot-swappable. During power-up/down (or partial up/down), all I/Os are tristated, provided VCCA ramps up within a diode drop of VCCI. VCCA and VCCI do not have to be stable during power-up/down, and they do not require a specific power-up or powerdown sequence in order to avoid damage to the eX devices. In addition, all outputs can be programmed to have a weak resistor pull-up or pull-down for tristate output at power-up. After the eX device is plugged into an electrically active system, the device will not degrade the reliability of or cause damage to the host system. The device's output pins are driven to a high impedance state until normal chip operating conditions are reached. Please see the application note, Actel SX-A and RT54SX-S Devices in Hot-Swap and Cold-Sparing Applications, which also applies to eX devices, for more information on hot swapping.
For more information, refer to Actel's Implementation of Security in Actel Antifuse FPGAs application note.
I/O Modules
Each I/O on an eX device can be configured as an input, an output, a tristate output, or a bidirectional pin. I/O cells in eX devices do not contain embedded latches or flip-flops and can be inferred directly from HDL code. The device can easily interface with any other device in the system, which in turn enables parallel design of system components and reduces overall design time. All unused I/Os are configured as tristate outputs by Actel's Designer software, for maximum flexibility when designing new boards or migrating existing designs. However, it is still recommended to tie all unused I/O pins
v3.2
1-5
eX Automotive Family FPGAs
Power Requirements
Power consumption is extremely low for the automotive-grade eX devices due to the low capacitance of the antifuse interconnects. The antifuse architecture does not require active circuitry to hold a charge (as do SRAM or EPROM), making it the lowest-power FPGA architecture available today. Figure 1-8 through Figure 1-11 on page 1-7 show some sample power characteristics of eX devices.
300 250 Power (mW) 200 150 100 50 0 50 100 150 200 Frequency (MHz) eX64 eX128 eX256
Notes: 1. Device filled with 16-bit counters. 2. VCCA, VCCI = 2.7 V, device tested at room temperature. Figure 1-8 * eX Dynamic Power Consumption - High Frequency
80 70 60 Power (mW) 50 40 30 20 10 0 0 10 20 30 40 50 Frequency (MHz) eX64 eX128 eX256
Notes: 1. Device filled with 16-bit counters. 2. VCCA, VCCI = 2.7 V, device tested at room temperature. Figure 1-9 * eX Dynamic Power Consumption - Low Frequency
1 -6
v3.2
eX Automotive Family FPGAs
180 160
Total Dynamic Power (mW)
140 120 100 80 60 40 20 0 0 25 50 75 100 125 150 175 200 32-bit Decoder 8 x 8-bit Counters SDRAM Controller
Frequency (MHz)
Figure 1-10 * Total Dynamic Power (mW)
12 System Power (mW) 10 8 6 4 2 0 0 10 20 30 40 Frequency (MHz) 50 60 5% DC 10% DC 15% DC
Figure 1-11 * System Power at 5%, 10%, and 15% Duty Cycle
v3.2
1-7
eX Automotive Family FPGAs
Boundary Scan Testing (BST)
All eX devices are IEEE 1149.1 compliant. eX devices offer superior diagnostic and testing capabilities by providing Boundary Scan Testing (BST) and probing capabilities. These functions are controlled through the special test pins (TMS, TDI, TCK, TDO and TRST). The functionality of each pin is defined by two available modes, Dedicated and Flexible, and is described in Table 1-3. In the dedicated test mode, TCK, TDI, and TDO are dedicated pins and cannot be used as regular I/Os. In flexible mode (default mode), TMS should be set High through a pullup resistor of 10 k. TMS can be pulled Low to initiate the test sequence.
Table 1-3 * Boundary Scan Pin Functionality Dedicated Test Mode Flexible Mode
Flexible Mode
In Flexible mode, TDI, TCK and TDO may be used as either user I/Os or as JTAG input pins. The internal resistors on the TMS and TDI pins are disabled in flexible JTAG mode, and an external 10 k pull-resistor to VCCI is required on the TMS pin. To select the Flexible mode, users need to uncheck the "Reserve JTAG" box in "Device Selection Wizard" in Actel Designer software. The functionality of TDI, TCK, and TDO pins is controlled by the BST TAP controller. The TAP controller receives two control inputs; TMS and TCK. Upon power-up, the TAP controller enters the Test-LogicReset state. In this state, TDI, TCK, and TDO function as user I/Os. The TDI, TCK, and TDO pins are transformed from user I/Os into BST pins when the TMS pin is Low at the first rising edge of TCK. The TDI, TCK, and TDO pins return to user I/Os when TMS is held High for at least five TCK cycles. Table 1-4 describes the different configuration requirements of BST pins and their functionality in different modes.
Table 1-4 * Boundary Scan Pin Configurations and Functions Designer "Reserve JTAG" Selection Checked Unchecked Unchecked TAP Controller State Any Test-Logic-Reset Any EXCEPT TestLogic-Reset
TCK, TDI, TDO are dedicated TCK, TDI, TDO are flexible and BST pins may be used as I/Os No need for pull-up resistor for Use a pull-up resistor of 10 k TMS and TDI on TMS
Dedicated Test Mode
In Dedicated mode, all JTAG pins are reserved for BST; designers cannot use them as regular I/Os. An internal pull-up resistor is automatically enabled on both TMS and TDI pins, and the TMS pin will function as defined in the IEEE 1149.1 (JTAG) specification. To select Dedicated mode, users need to reserve the JTAG pins in Actel's Designer software by checking the "Reserve JTAG" box in "Device Selection Wizard" (Figure 1-12). JTAG pins comply with LVTTL/TTL I/O specification regardless of whether they are used as a user I/O or a JTAG I/O. Refer to the "3.3 V LVTTL Electrical Specifications" section on page 1-13 for detailed specifications.
Mode Dedicated (JTAG) Flexible (User I/O) Flexible (JTAG)
TRST Pin
The TRST pin functions as a dedicated Boundary-Scan Reset pin when the "Reserve JTAG Test Reset" option is selected as shown in Figure 1-12. An internal pull-up resistor is permanently enabled on the TRST pin in this mode. It is recommended to connect this pin to GND in normal operation to keep the JTAG state controller in the Test-Logic-Reset state. When JTAG is being used, it can be left floating or be driven High. When the "Reserve JTAG Test Reset" option is not selected, this pin will function as a regular I/O. If unused as an I/O in the design, it will be configured as a tristated output.
Figure 1-12 * Device Selection Wizard
1 -8
v3.2
eX Automotive Family FPGAs
JTAG Instructions
Table 1-5 lists the supported instructions with the corresponding IR codes for eX devices.
Table 1-5 * JTAG Instruction Code Instructions (IR4: IR0) EXTEST SAMPLE / PRELOAD INTEST USERCODE IDCODE HIGHZ CLAMP Diagnostic BYPASS Reserved Binary Code 00000 00001 00010 00011 00100 01110 01111 10000 11111 All others
The procedure for programming an eX device using Silicon Sculptor II is as follows: 1. Load the .AFM file 2. Select the device to be programmed 3. Begin programming When the design is ready to go to production, Actel offers device volume-programming services either through distribution partners or via in-house programming from the factory. For more details on programming eX Automotive devices, please refer to the Programming Antifuse Devices and the Silicon Sculptor II User's Guides.
Probing Capabilities
Automotive-grade eX devices provide internal probing capability that is accessed with the JTAG pins. The Silicon Explorer II Diagnostic hardware is used to control the TDI, TCK, TMS, and TDO pins to select the desired nets for debugging. The user assigns the selected internal nets in the Silicon Explorer II software to the PRA/PRB output pins for observation. Probing functionality is activated when the BST pins are in JTAG mode and the TRST pin is driven High or left floating. If the TRST pin is held Low, the TAP controller will remain in the TestLogic-Reset state, so no probing can be performed. The Silicon Explorer II automatically places the device into JTAG mode, but the user must drive the TRST pin High or allow the internal pull-up resistor to pull TRST High. When you select the "Reserve Probe" box, as shown in Figure 1-12 on page 1-8, the Designer software reserves the PRA and PRB pins as dedicated outputs for probing. This "reserve" option is merely a guideline. If the Designer software requires that the PRA and PRB pins be user I/Os to achieve successful layout, the tool will use these pins for user I/Os. If you assign user I/Os to the PRA and PRB pins and select the "Reserve Probe" option, Designer Layout will override the option and place user I/Os on those pins. To allow for probing capabilities, the security fuse must not be programmed. Programming the security fuse will disable the probe circuitry. Table 1-7 on page 1-10 summarizes the possible device configurations for probing once the device leaves the "Test-Logic-Reset" JTAG state.
Table 1-6 lists the codes returned after executing the IDCODE instruction for eX devices. Note that bit 0 is always "1." Bits 11-1 are always "02F," which is Actel's manufacturer code.
Table 1-6 * IDCODE for eX Devices Device eX64 eX128 eX256 eX64 eX128 eX256 Revision 0 0 0 1 1 1 Bits 31-28 8 9 9 A B B Bits 27-12 40B2, 42B2 40B0, 42B0 40B5, 42B5 40B2, 42B2 40B0, 42B0 40B5, 42B5
Programming
Device programming is supported through Silicon Sculptor series of programmers. In particular, Silicon Sculptor II is a compact, robust, single-site and multi-site device programmer for the PC. With standalone software, Silicon Sculptor II allows concurrent programming of multiple units from the same PC, ensuring the fastest programming times possible. Each fuse is subsequently verified by Silicon Sculptor II to insure correct programming. In addition, integrity tests ensure that no extra fuses are programmed. Silicon Sculptor II also provides extensive hardware self-testing capability.
v3.2
1-9
eX Automotive Family FPGAs
Silicon Explorer II Probe
Silicon Explorer II is an integrated hardware and software solution that, in conjunction with Actel Designer software tools, allows users to examine any of the internal nets of the device while it is operating in a prototype or a production system. The user can probe into an eX device via the PRA and PRB pins without changing the placement and routing of the design and without using any additional resources. Silicon Explorer II's noninvasive method does not alter timing or loading effects, thus shortening the debug cycle. Silicon Explorer II does not require relayout or additional MUXes to bring signals out to an external pin, which is necessary when using programmable logic devices from other suppliers. Silicon Explorer II samples data at 100 MHz (asynchronous) or 66 MHz (synchronous). Silicon Explorer II attaches to a PC's standard COM port, turning the PC into a fully functional 18-channel logic analyzer. Silicon Explorer II allows designers to complete the design verification process at their desks and reduces verification time from several hours per cycle to a few seconds.
The Silicon Explorer II tool uses the boundary scan ports (TDI, TCK, TMS and TDO) to select the desired nets for verification. The selected internal nets are assigned to the PRA/PRB pins for observation. Figure 1-13 illustrates the interconnection between Silicon Explorer II and the automotive-grade eX device to perform in-circuit verification.
Design Considerations
The TDI, TCK, TDO, PRA, and PRB pins should not be used as input or bidirectional ports. Since these pins are active during probing, critical signals input through these pins are not available while probing. In addition, the Security Fuse should not be programmed because doing so disables the probe circuitry. It is recommended to use a 70 series termination resistor on every probe connector (TDI, TCK, TMS, TDO, PRA, PRB). The 70 series termination is used to prevent data transmission corruption during probing and reading back the checksum.
Table 1-7 * Device Configuration Options for Probe Capability (TRST pin reserved) JTAG Mode Dedicated Flexible Dedicated Flexible - Notes: 1. If TRST pin is not reserved, the device behaves according to TRST = High in the table. 2. Avoid using the TDI, TCK, TDO, PRA, and PRB pins as input or bidirectional ports. Since these pins are active during probing, input signals will not pass through these pins and may cause contention. 3. If no user signal is assigned to these pins, they will behave as unused I/Os in this mode. Unused pins are automatically tristated by Actel's Designer software. TRST1 Low Low High High - Security Fuse Programmed No No No No Yes PRA, PRB2 User I/O3 User I/O3 Probe Circuit Outputs Probe Circuit Outputs Probe Circuit Secured TDI, TCK, TDO2 Probing Unavailable User I/O3 Probe Circuit Inputs Probe Circuit Inputs Probe Circuit Secured
16 Pin Connection Serial Connection Silicon Explorer II TDI TCK TMS TDO PRA PRB 22 Pin Connection Additional 16 Channels (Logic Analyzer)
Figure 1-13 * Silicon Explorer II Probe Setup
eX FPGAs
1 -1 0
v3.2
eX Automotive Family FPGAs
Development Tool Support
The automotive-grade eX family of FPGAs is fully supported by both the Actel Libero(R) Integrated Design Environment (IDE) and Designer FPGA Development software. Actel Libero IDE is a design management environment, seamlessly integrating design tools while guiding the user through the design flow, managing all design and log files, and passing necessary design data among tools. Libero IDE allows users to integrate both schematic and HDL synthesis into a single flow and verify the entire design in a single environment. Libero IDE includes Synplify(R) for Actel from Synplicity(R), ViewDraw(R) for Actel from Mentor Graphics(R), ModelSim(R) HDL Simulator from Mentor Graphics, WaveFormer LiteTM from SynaptiCAD(R), and Designer software from Actel. Refer to the Libero IDE flow (located on Actel's website) diagram for more information. Actel's Designer software is a place-and-route tool and provides a comprehensive suite of backend support tools for FPGA development. The Designer software includes timing-driven place-and-route, and a world-class integrated static timing analyzer and constraints editor. With the Designer software, a user can select and lock package pins while only minimally impacting the results of place-and-route. Additionally, the back-annotation flow is compatible with all the major simulators and the simulation results can be cross-probed with Silicon Explorer II, Actel's integrated verification and logic analysis tool. Another tool included in the Designer software is the SmartGen core builder, which easily creates popular and commonly used logic functions for implementation into your schematic or HDL design. Actel's Designer software is compatible with the most popular FPGA design entry and verification tools from companies such as Mentor Graphics, Synplicity, Synopsys(R), and Cadence Design Systems. The Designer software is available for both the Windows and UNIX operating systems.
Related Documents
Datasheet
eX Family FPGAs http://www.actel.com/documents/eX_DS.pdf
Application Notes
Maximizing Logic Utilization in eX, SX and SX-A FPGA Devices Using CC Macros http://www.actel.com/documents/CC_Macro_AN.pdf Implementation of Security in Actel Antifuse FPGAs http://www.actel.com/documents/ Antifuse_Security_AN.pdf Actel eX, SX-A, and RT54SX-S I/Os http://www.actel.com/documents/antifuseIO_AN.pdf Actel SX-A and RT54SX-S Devices in Hot-Swap and ColdSparing Applications http://www.actel.com/documents/ HotSwapColdSparing_AN.pdf Design for Low Power in Actel Antifuse FPGAs http://www.actel.com/documents/Low_Power_AN.pdf Programming Antifuse Devices http://www.actel.com/documents/ AntifuseProgram_AN.pdf
User Guides
Silicon Sculptor II User's Guide http://www.actel.com/techdocs/manuals/ default.asp#programmers
Miscellaneous
Libero IDE flow http://www.actel.com/products/tools/libero/flow.html
v3.2
1-11
eX Automotive Family FPGAs
Operating Conditions
Table 1-8 * Absolute Maximum Ratings* Symbol VCCI VCCA VI VO TSTG Tj Parameter DC Supply Voltage for I/Os DC Supply Voltage for Array Input Voltage Output Voltage Storage Temperature Maximum Junction Temperature Limits -0.3 to +4.0 -0.3 to +3.0 -0.5 to VCCI + 0.5 -0.5 to +VCCI -65 to +150 -65 to +150 Units V V V V C C
Note: *Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Exposure to temperatures between absolute maximum and recommended operating conditions for extended periods may affect device reliability. Devices should not be operated outside the Recommended Operating Conditions. Table 1-9 * Recommended Operating Conditions Parameter Temperature Range (Tj) 2.5 V Power Supply Range (VCCA, VCCI) 3.3 V Power Supply Range (VCCI) Automotive -40 to +125 2.3 to 2.7 3.0 to 3.6 Units C V V
Note: Automotive grade parts (A grade) devices are tested at room temperature to specifications that have been guard banded based on characterization across the recommended operating conditions. A-grade parts are not tested at extended temperatures. If testing to ensure guaranteed operation at extended temperatures is required, please contact your local Actel Sales office to discuss testing options available. Table 1-10 * Typical Automotive-Grade eX Standby Current at 25C Product eX64 eX128 eX256 VCCA= 2.5 V VCCI = 2.5 V 397 A 696 A 698 A VCCA = 2.5 V VCCI = 3.3 V 497 A 795 A 796 A
1 -1 2
v3.2
eX Automotive Family FPGAs
2.5 V LVCMOS2 Electrical Specifications
Automotive Symbol VOH VOL VIL VIH IIL / IIH IOZ tR, tF CIN ICC3 IV Curve Notes: 1. 2. 3. tR is the transition time from 0.7 V to 1.7 V. tF is the transition time from 1.7 V to 0.7 V. ICC = ICCI + ICCA
1,2
Parameter VCCI = MIN, VI = VIH or VIL VCCI = MIN, VI = VIH or VIL Input Low Voltage, VOUT VOL(max) Input High Voltage, VOUT VOH(min) Input Leakage Current, VIN = VCCI or GND Tristate Output Leakage Current, VOUT = Tristate Input Transition Time tR, tF Input Capacitance Standby Current Can be derived from the IBIS model at www.actel.com/custsup/models/ibis.html. (IOH = -1 mA) (IOL= 1 mA)
Min. 2.0
Max.
Units V
0.4 0.7 1.7 -20 -20 20 20 10 10 25
V V V A A ns pF mA
3.3 V LVTTL Electrical Specifications
Automotive Symbol VOH VOL VIL VIH IIL / IIH IOZ tR, tF CIN ICC3 IV Curve Notes: 1. 2. 3. 4. tR is the transition time from 0.8 V to 2.0 V. tF is the transition time from 2.0 V to 0.8 V. ICC = ICCI + ICCA JTAG pins comply with LVTTL/TTL I/O specification regardless of whether they are used as a user I/O or a JTAG I/O.
1,2
Parameter VCCI = MIN, VI = VIH or VIL VCCI = MIN, VI = VIH or VIL Input Low Voltage, VOUT VOL(max) Input High Voltage, VOUT VOH(min) Input Leakage Current, VIN = VCCI or GND Tristate Output Leakage Current, VOUT = Tristate Input Transition Time tR, tF Input Capacitance Standby Current Can be derived from the IBIS model at www.actel.com/custsup/models/ibis.html. (IOH = -3.5 mA) (IOL= 3.5 mA)
Min. 2.4
Max.
Units V
0.4 0.8 2.0 -20 -20 20 20 10 10 35
V V V A A ns pF mA
v3.2
1-13
eX Automotive Family FPGAs
5 V Tolerance of 3.3 V LVTTL I/Os Using a Tristate Buffer
Input: 3.3 V LVTTL I/Os are 5-V-input tolerant only if the non-PCI mode is used (no clamp diode). Output: To configure an Actel eX device to drive 5 V with VCCI = 3.3 V, users can utilize an Open Drain configuration of the I/O cell with an array inverter cell and an external pull-up resistor to 5 V. The recommended configuration is illustrated in Figure 1-14. The I/O configuration must be set to LVTTL to disable the PCI clamp diode. For the recommended resistor value in a specific application, please contact Actel Technical Support. For more details, refer to the Design Tips section of the Actel eX, SX-A and RT54SX-S I/Os application note.
Actel Open Drain Configuration 5V User Internal Signal E PAD TRIBUFF
Figure 1-14 * Open-Drain Configuration for eX
Power Dissipation
Power consumption for eX devices can be divided into two components: static and dynamic.
CEQ = Equivalent capacitance F = switching frequency Equivalent capacitance is calculated by measuring ICCA at a specified frequency and voltage for each circuit component of interest. Measurements have been made over a range of frequencies at a fixed value of VCCA. Equivalent capacitance is frequency-independent, so the results can be used over a wide range of operating conditions. Equivalent capacitance values are shown below.
Static Power Component
The power due to standby current is typically a small component of the overall power. Typical standby current for eX devices is listed in Table 1-10 on page 1-12. For example, the typical static power for eX128 at 3.3 V VCCI is: ICC * VCCA = 795 A x 2.5 V = 1.99 mW
CEQ Values for eX Devices
Combinatorial modules (Ceqcm) Sequential modules (Ceqsm) Input buffers (Ceqi) Output buffers (Ceqo) Routed array clocks (Ceqcr) 1.70 pF 1.70 pF 1.30 pF 7.40 pF 1.05 pF
Dynamic Power Component
Power dissipation in CMOS devices is usually dominated by the dynamic power dissipation. This component is frequency-dependent and a function of the logic and the external I/O. Dynamic power dissipation results from charging internal chip capacitance. An additional component of the dynamic power dissipation is the totem pole current in the CMOS transistor pairs. The net effect can be associated with an equivalent capacitance that can be combined with frequency and voltage to represent dynamic power dissipation. Dynamic power dissipation = CEQ * VCCA2 x F
The variable and fixed capacitance of other device components must also be taken into account when estimating the dynamic power dissipation.
1 -1 4
v3.2
eX Automotive Family FPGAs
Table 1-11 shows the capacitance components of eX devices.
of
the
clock
Table 1-11 * Capacitance of Clock Components of eX Devices eX64 Dedicated array clock - variable (Ceqhv) Dedicated array clock - fixed (Ceqhf) Routed array clock A (r1) Routed array clock B (r2) 0.85 pF 18.00 pF 23.00 pF 23.00 pF eX128 0.85 pF 20.00 pF 28.00 pF 28.00 pF eX256 0.85 pF 25.00 pF 35.00 pF 35.00 pF
= Average input buffer switching frequency, typically F/5 fp = Average output buffer switching frequency, typically F/5 fq1 = Frequency of routed clock A fq2 = Frequency of routed clock B fs1 = Frequency of dedicated array clock The eX, SX-A and RTSX-S Power Calculator can be used to estimate the total power dissipation (static and dynamic) of eX devices and can be found at http://www.actel.com/products/rescenter/power/ calculators.aspx.
fn
The estimation of the dynamic power dissipation is a piece-wise linear summation of the power dissipation of each component. Dynamic power dissipation = VCCA2 * [(mc * Ceqcm * fmC)Comb Modules + (ms * Ceqsm * fmS)Seq Modules + (n * Ceqi * fn)Input Buffers + (0.5 * (q1 * Ceqcr * fq1) + (r1 * fq1))RCLKA + (0.5 * (q2 * Ceqcr * fq2) + (r2 * fq2))RCLKB + (0.5 * (s1 * Ceqhv * fs1)+(Ceqhf * fs1))HCLK] + VCCI2 * [(p * (Ceqo + CL) * fp)Output Buffers] where: mc = Number of combinatorial cells switching at frequency fm, typically 20% of C-cells = Number of sequential cells switching at ms frequency fm, typically 20% of R-cells n = Number of input buffers switching at frequency fn, typically number of inputs / 4 p = Number of output buffers switching at frequency fp, typically number of outputs / 4 q1 = Number of R-cells driven by routed array clock A q2 = Number of R-cells driven by routed array clock B r1 = Fixed capacitance due to routed array clock A r2 = Fixed capacitance due to routed array clock B s1 = Number of R-cells driven by dedicated array clock Ceqcm = Equivalent capacitance of combinatorial modules Ceqsm = Equivalent capacitance of sequential modules Ceqi = Equivalent capacitance of input buffers Ceqcr = Equivalent capacitance of routed array clocks Ceqhv = Variable capacitance of dedicated array clock Ceqhf = Fixed capacitance of dedicated array clock Ceqo = Equivalent capacitance of output buffers = Average output loading capacitance, typically CL 10pF = Average C-cell switching frequency, typically fmc F/10 fms = Average R-cell switching frequency, typically F/10
Junction Temperature
The temperature variable in the Designer software refers to the junction temperature, not the ambient temperature. This is an important distinction because the heat generated from dynamic power consumption is usually hotter than the ambient temperature. EQ 1-1, shown below, can be used to calculate junction temperature. Please refer to Table 1-9 on page 1-12 for the recommended operating conditions.
EQ 1-1
Junction Temperature = T + Ta(1) Where: Ta = Ambient Temperature T = Temperature gradient between junction (silicon) and ambient = ja * P P = Power
ja = Junction to ambient of package. ja numbers are
located in the "Package Thermal Characteristics" section on page 1-16.
v3.2
1-15
eX Automotive Family FPGAs
Package Thermal Characteristics
The device junction-to-case thermal characteristic is jc, and the junction-to-ambient air characteristic is ja. The thermal characteristics for ja are shown with two different air flow rates. jc is provided for reference. The maximum junction temperature is 150C. The maximum power dissipation allowed for eX devices is a function of ja. A sample calculation of the absolute maximum power dissipation allowed for a TQFP 100-pin package at automotive temperature and still air is as follows:
Max. junction temp. (C) - Max. ambient temp. (C) 150C - 125C Maximum Power Allowed = --------------------------------------------------------------------------------------------------------------------------------- = ------------------------------------- = 0.746 W 33.5C/W ja (C/W) Table 1-12 * Package Thermal Characteristics
ja
Package Type Thin Quad Flat Pack Thin Quad Flat Pack Chip-Scale Package Chip-Scale Package Chip-Scale Package Pin Count 64 100 49 128 180
jc
12.0 14.0
Still Air 42.4 33.5 72.2 54.1 57.8
ja 1.0 m/s
36.3 27.4 59.5 44.6 47.6
ja 2.5 m/s
34.0 25.0 54.1 40.6 43.3
Units C/W C/W C/W C/W C/W
1 -1 6
v3.2
eX Automotive Family FPGAs
eX Timing Model
Input Delays Internal Delays Combinatorial Cell Predicted Routing Delays Output Delays
I/O Module t INYH = 1.3 ns
t IRD1 = 0.5 ns t IRD2 = 0.7 ns
I/O Module
t PD = 1.1 ns
t RD1 = 0.6 ns t RD4 = 1.1 ns t RD8 = 1.9 ns I/O Module
t DHL = 4.9 ns
Register Cell t ENZL= 4.0 ns t SUD = 0.8 ns t HD = 0.0 ns Routed Clock D Q t RD1 = 0.6 ns t DHL = 4.9 ns
t RCKH = 2.3 ns (100% Load)
t RCO= 1.0 ns Register Cell t IRD1 = 0.5 ns t SUD = 0.8 ns t HD = 0.0 ns D Q t RD1 = 0.6 ns
I/O Module
I/O Module t INYH = 1.3 ns
t ENZL= 4.0 ns
t DHL = 4.9 ns
Hardwired Clock
t HCKH = 1.8 ns
t RCO= 1.0 ns
Note: *Values shown for eX128, worst-case automotive conditions (2.3 V VCCA, 3.3 V VCCI, 35 pF Pad Load). Figure 1-15 * eX Timing Model
Hardwired Clock
External Setup = = = = tINYH + tIRD1 + tSUD - tHCKH 1.3 + 0.5 + 0.8 - 1.8 = 0.8 ns tHCKH + tRCO + tRD1 + tDHL 1.8 + 1.0 + 0.6 + 4.9 = 8.3 ns
Routed Clock
External Setup = = = = tINYH + tIRD2 + tSUD - tRCKH 1.3 + 0.7 + 0.8 - 2.3 = 0.5 ns tRCKH + tRCO + tRD1 + tDHL 2.3 + 1.0 + 0.6 + 4.9 = 8.8 ns
Clock-to-Out (Pad-to-Pad), typical
Clock-to-Out (Pad-to-Pad), typical
v3.2
1-17
eX Automotive Family FPGAs
Output Buffer Delays
E D
TRIBUFF
PAD T AC test loads (shown below) o
In Out VOL
VCC 50% 50% VOH 1.5 V tDLH
GND 1.5 V tDHL
En Out
VCC 50% 50% GND VCC 1.5 V 10% VOL tENZL tENLZ
En
Out GND t ENZH
VCC 50% 50% VOH 1.5 V tENHZ
GND 90%
Table 1-13 * Output Buffer Delays
AC Test Loads
Load 1 (used to measure propagation delay) To the output under test 35 pF Load 2 (Used to measure enable delays) VCC GND R to VCC for tPZL R to GND for tPHZ R = 1 k 35 pF Load 3 (Used to measure disable delays) VCC GND R to VCC for tPLZ R to GND for tPHZ R = 1 k 5 pF
To the output under test
To the output under test
Figure 1-16 * AC Test Loads
1 -1 8
v3.2
eX Automotive Family FPGAs
Input Buffer Delays
C-Cell Delays
S A B VCC S, A, or B
PAD
INBUF
Y
Y
3V In Out GND 1.5 V 1.5 V VCC 50% tINY tINY 0V 50%
50% 50% VCC 50% tPD 50% tPD tPD
GND 50% VCC 50%
Out GND Out
GND tPD
Table 1-14 * Input Buffer Delays
Table 1-15 * C-Cell Delays
Cell Timing Characteristics
D CLK PRESET CLR Q
D t SUD CLK
(Positive edge triggered) tHD t HPWH , t RPWH tRCO tH P tHPWL, tRPWL tCLR t PRESET
Q CLR t WASYN PRESET
Figure 1-17 * Flip-Flops
v3.2
1-19
eX Automotive Family FPGAs
Timing Characteristics
Timing characteristics for eX devices fall into three categories: family-dependent, device-dependent, and design-dependent. The input and output buffer characteristics are common to all eX family members. Internal routing delays are device-dependent. Design dependency means actual delays are not determined until after placement and routing of the user's design are complete. Delay values may then be determined by using the Timer tool in the Designer software or performing simulation with post-layout delays. Table 1-17 on page 1-21 lists sample characteristics for automotive eX devices. timing
Long Tracks
Some nets in the design use long tracks. Long tracks are special routing resources that span multiple rows, columns, or modules. Long tracks employ three to five antifuse connections. This increases capacitance and resistance, resulting in longer net delays for macros connected to long tracks. Typically, no more than six percent of nets in a fully utilized device require long tracks. Long tracks contribute approximately 4 ns to 8.4 ns delay. This additional delay is represented statistically in higher fanout routing delays.
Timing Derating
eX devices are manufactured with a CMOS process. Therefore, device performance varies according to temperature, voltage, and process changes. Minimum timing parameters reflect maximum operating voltage, minimum operating temperature, and best-case processing. Maximum timing parameters reflect minimum operating voltage, maximum operating temperature, and worst-case processing.
Critical Nets and Typical Nets
Propagation delays are expressed only for typical nets, which are used for initial design performance evaluation. Critical net delays can then be applied to the most timing critical paths. Critical nets are determined by net property assignment prior to placement and routing. Up to six percent of the nets in a design may be designated as critical.
Temperature and Voltage Derating Factors
Table 1-16 * Temperature and Voltage Derating Factors (Normalized to Worst-Case Commercial, TJ = 125C, VCCA = 2.3 V) Junction Temperature (TJ) VCCA 2.3 2.5 2.7 -55 0.70 0.65 0.61 -40 0.70 0.66 0.62 0 0.77 0.72 0.67 25 0.78 0.73 0.69 70 0.88 0.83 0.78 85 0.91 0.85 0.80 125 1.00 0.93 0.88
1 -2 0
v3.2
eX Automotive Family FPGAs
eX Family Timing Characteristics
Table 1-17 * eX Family Timing Characteristics (Worst-Case Automotive Conditions, VCCA = 2.3 V, TJ = 125C) `Std.' Speed Parameter Description
1
Min.
Max.
Units
C-Cell Propagation Delays tPD
Internal Array Module
2
1.1
ns
Predicted Routing Delays tDC tFC tRD1 tRD2 tRD3 tRD4 tRD8 tRD12 R-Cell Timing tRCO tCLR tPRESET tSUD tHD tWASYN tRECASYN tHASYN tINYH tINYL tINYH tINYL tIRD1 tIRD2 tIRD3 Notes:
FO=1 Routing Delay, DirectConnect FO=1 Routing Delay, FastConnect FO=1 Routing Delay FO=2 Routing Delay FO=3 Routing Delay FO=4 Routing Delay FO=8 Routing Delay FO=12 Routing Delay
0.1 0.6 0.6 0.7 0.9 1.1 1.9 2.8
ns ns ns ns ns ns ns ns
Sequential Clock-to-Q Asynchronous Clear-to-Q Asynchronous Preset-to-Q Flip-Flop Data Input Set-Up Flip-Flop Data Input Hold Asynchronous Pulse Width Asynchronous Recovery Time Asynchronous Hold Time 0.8 0.0 2.2 0.6 0.6
1.0 0.9 1.0
ns ns ns ns ns ns ns ns
2.5 V Input Module Propagation Delays Input Data Pad-to-Y High Input Data Pad-to-Y Low 1.1 1.4 ns ns
3.3 V Input Module Propagation Delays Input Data Pad-to-Y High Input Data Pad-to-Y Low Delays2 0.5 0.7 0.9 ns ns ns 1.3 1.6 ns ns
Input Module Predicted Routing
FO=1 Routing Delay FO=2 Routing Delay FO=3 Routing Delay
1. For dual-module macros, use tPD + tRD1 + tPDn, tRCO + tRD1 + tPDn or tPD1 + tRD1 + tSUD, whichever is appropriate. 2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. 3. Clock skew improves as the clock network becomes more heavily loaded. 4. Delays based on 35 pF loading.
v3.2
1-21
eX Automotive Family FPGAs
Table 1-17 * eX Family Timing Characteristics (Worst-Case Automotive Conditions, VCCA = 2.3 V, TJ = 125C) `Std.' Speed Parameter tIRD4 tIRD8 tIRD12 tHCKH tHCKL tHPWH tHPWL tHCKSW tHP fHMAX tRCKH tRCKL tRCKH tRCKL tRCKH tRCKL tRPWH tRPWL tRCKSW3 tRCKSW3 tRCKSW3 tDLH tDHL tDHLS Notes: 1. For dual-module macros, use tPD + tRD1 + tPDn, tRCO + tRD1 + tPDn or tPD1 + tRD1 + tSUD, whichever is appropriate. 2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. 3. Clock skew improves as the clock network becomes more heavily loaded. 4. Delays based on 35 pF loading. Description FO=4 Routing Delay FO=8 Routing Delay FO=12 Routing Delay Min. Max. 1.1 1.9 2.8 Units ns ns ns
Dedicated (Hardwired) Array Clock Networks Input Low to High (Pad to R-Cell Input) Input High to Low (Pad to R-Cell Input) Minimum Pulse Width High Minimum Pulse Width Low Maximum Skew Minimum Period Maximum Frequency 4.0 250 2.0 2.0 0.1 1.8 1.8 ns ns ns ns ns ns MHz
Routed Array Clock Networks Input Low to High (Light Load) (Pad to R-Cell Input) Input High to Low (Light Load) (Pad to R-Cell Input) Input Low to High (50% Load) (Pad to R-Cell Input) Input High to Low (50% Load) (Pad to R-Cell Input) Input Low to High (100% Load) (Pad to R-Cell Input) Input High to Low (100% Load) (Pad to R-Cell Input) Min. Pulse Width High Min. Pulse Width Low Maximum Skew (Light Load) Maximum Skew (50% Load) Maximum Skew (100% Load) Timing4 (VCCI = 2.3 V) 5.9 6.3 20.8 ns ns ns 2.0 2.0 0.3 0.2 0.1 1.6 1.6 1.9 1.9 2.3 2.3 ns ns ns ns ns ns ns ns ns ns ns
2.5 V LVCMOS2 Output Module
Data-to-Pad Low to High Data-to-Pad High to Low Data-to-Pad High to Low--Low Slew
1 -2 2
v3.2
eX Automotive Family FPGAs
Table 1-17 * eX Family Timing Characteristics (Worst-Case Automotive Conditions, VCCA = 2.3 V, TJ = 125C) `Std.' Speed Parameter tENZL tENZLS tENZH tENLZ tENHZ dTLH dTHL dTHLS tDLH tDHL tDHLS tENZL tENZLS tENZH tENLZ tENHZ dTLH dTHL dTHLS Notes: 1. For dual-module macros, use tPD + tRD1 + tPDn, tRCO + tRD1 + tPDn or tPD1 + tRD1 + tSUD, whichever is appropriate. 2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. 3. Clock skew improves as the clock network becomes more heavily loaded. 4. Delays based on 35 pF loading. Description Enable-to-Pad, Z to L Enable-to-Pad Z to L--Low Slew Enable-to-Pad, Z to H Enable-to-Pad, L to Z Enable-to-Pad, H to Z Delta Delay vs. Load Low to High Delta Delay vs. Load High to Low Delta Delay vs. Load High to Low--Low Slew Timing1 (VCCI = 3.0 V) 5.0 4.9 17.4 4.0 17.4 5.0 5.0 4.8 0.038 0.028 0.090 ns ns ns ns ns ns ns ns ns/pF ns/pF ns/pF Min. Max. 4.5 21.2 6.1 3.8 7.1 0.058 0.028 0.090 Units ns ns ns ns ns ns/pF ns/pF ns/pF
3.3 V LVTTL Output Module
Data-to-Pad Low to High Data-to-Pad High to Low Data-to-Pad High to Low--Low Slew Enable-to-Pad, Z to L Enable-to-Pad Z to L--Low Slew Enable-to-Pad, Z to H Enable-to-Pad, L to Z Enable-to-Pad, H to Z Delta Delay vs. Load Low to High Delta Delay vs. Load High to Low Delta Delay vs. Load High to Low--Low Slew
v3.2
1-23
eX Automotive Family FPGAs
Pin Description
CLKA/B Routed Clock A and B TDI, I/O Test Data Input
These pins are clock inputs for clock distribution networks. Input levels are compatible with LVTTL and LVCMOS specifications. The clock input is buffered prior to clocking the R-cells. If not used, this pin must be set Low or High on the board. It must not be left floating.
GND Ground
Serial input for boundary scan testing and diagnostic probe. In flexible mode, TDI is active when the TMS pin is set Low (refer to Table 1-3 on page 1-8). This pin functions as an I/O when the boundary scan state machine reaches the "logic reset" state.
TDO, I/O Test Data Output
Low supply voltage.
HCLK Dedicated (Hardwired) Array Clock
This pin is the clock input for sequential modules. Input levels are compatible with LVTTL and LVCMOS specifications. This input is directly wired to each R-cell and offers clock speeds independent of the number of R-cells being driven. If not used, this pin must be set Low or High on the board. It must not be left floating.
I/O Input/Output
Serial output for boundary scan testing. In flexible mode, TDO is active when the TMS pin is set Low (refer to Table 1-3 on page 1-8). This pin functions as an I/O when the boundary scan state machine reaches the "logic reset" state. When Silicon Explorer is being used, TDO will act as an output when the "checksum" command is run. It will return to a user I/O when "checksum" is complete.
TMS Test Mode Select
The I/O pin functions as an input, output, tristate, or bidirectional buffer. Input and output levels are compatible with LVTTL and LVCMOS specifications. Unused I/O pins are automatically tristated by the Designer software. It is recommended to tie unused I/Os to Low on the board. This also applies to dual-purpose pins when configured as I/Os.
NC No Connection
This pin is not connected to circuitry within the device. These pins can be driven to any voltage or can be left floating with no effect on the operation of the device.
PRA/PRB, I/O Probe A/B
The TMS pin controls the use of the IEEE 1149.1 boundary scan pins (TCK, TDI, TDO, TRST). In flexible mode, when the TMS pin is set Low, the TCK, TDI, and TDO pins are boundary scan pins (refer to Table 1-3 on page 1-8). Once the boundary scan pins are in test mode, they will remain in that mode until the internal boundary scan state machine reaches the "logic reset" state. At this point, the boundary scan pins will be released and will function as regular I/O pins. The "logic reset" state is reached five TCK cycles after the TMS pin is set High. In dedicated test mode, TMS functions as specified in the IEEE 1149.1 specifications.
TRST, I/O Boundary Scan Reset Pin
The Probe pin is used to output data from any userdefined design node within the device. This diagnostic pin can be used independently or in conjunction with the other probe pin to allow real-time diagnostic output of any signal path within the device. The Probe pin can be employed as a user-defined I/O when verification has been completed. The pin's probe capabilities can be permanently disabled to protect programmed design confidentiality.
TCK, I/O Test Clock
Once it is configured as the JTAG Reset pin, the TRST pin functions as an active-low input to asynchronously initialize or reset the boundary scan circuit. The TRST pin is equipped with an internal pull-up resistor. This pin functions as an I/O when the "Reserve JTAG Reset Pin" is not selected in the Designer software.
VCCI Supply Voltage
Supply voltage for I/Os.
VCCA Supply Voltage
Supply voltage for Array.
Test clock input for diagnostic probe and device programming. In flexible mode, TCK becomes active when the TMS pin is set Low (refer to Table 1-3 on page 1-8). This pin functions as an I/O when the boundary scan state machine reaches the "logic reset" state.
1 -2 4
v3.2
eX Automotive Family FPGAs
Package Pin Assignments
64-Pin TQFP
64 1
64-Pin TQFP
Figure 2-1 * 64-Pin TQFP
Note
For Package Manufacturing and Environmental information, visit the Resource Center at http://www.actel.com/products/rescenter/package/index.html.
v3.2
2-1
eX Automotive Family FPGAs
64-Pin TQFP Pin Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 eX64 Function GND TDI, I/O I/O TMS GND VCCI I/O I/O NC NC TRST, I/O I/O NC GND I/O I/O I/O I/O VCCI I/O PRB, I/O VCCA GND I/O HCLK I/O I/O I/O I/O I/O I/O TDO, I/O eX128 Function GND TDI, I/O I/O TMS GND VCCI I/O I/O I/O I/O TRST, I/O I/O I/O GND I/O I/O I/O I/O VCCI I/O PRB, I/O VCCA GND I/O HCLK I/O I/O I/O I/O I/O I/O TDO, I/O Pin Number 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
64-Pin TQFP eX64 Function GND I/O I/O VCCA VCCI I/O I/O NC NC I/O I/O VCCA GND GND I/O I/O I/O I/O I/O VCCI I/O I/O CLKA CLKB VCCA GND PRA, I/O I/O VCCI I/O I/O TCK, I/O eX128 Function GND I/O I/O VCCA VCCI I/O I/O I/O I/O I/O I/O VCCA GND GND I/O I/O I/O I/O I/O VCCI I/O I/O CLKA CLKB VCCA GND PRA, I/O I/O VCCI I/O I/O TCK, I/O
2 -2
v3.2
eX Automotive Family FPGAs
100-Pin TQFP
100 1
100-Pin TQFP
Figure 2-2 * 100-Pin TQFP (Top View)
Note
For Package Manufacturing and Environmental information, visit the Resource Center at http://www.actel.com/products/rescenter/package/index.html.
v3.2
2-3
eX Automotive Family FPGAs
100-Pin TQFP Pin Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 eX64 Function GND TDI, I/O NC NC NC I/O TMS VCCI GND NC NC I/O NC I/O NC TRST, I/O NC I/O NC VCCI I/O NC NC NC I/O I/O I/O I/O I/O I/O I/O I/O I/O PRB, I/O VCCA eX128 Function GND TDI, I/O NC NC NC I/O TMS VCCI GND I/O I/O I/O I/O I/O I/O TRST, I/O I/O I/O I/O VCCI I/O I/O NC NC I/O I/O I/O I/O I/O I/O I/O I/O I/O PRB, I/O VCCA eX256 Function GND TDI, I/O I/O I/O I/O I/O TMS VCCI GND I/O I/O I/O I/O I/O I/O TRST, I/O I/O I/O I/O VCCI I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O PRB, I/O VCCA Pin Number 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70
100-Pin TQFP eX64 Function GND NC I/O HCLK I/O I/O I/O I/O VCCI I/O I/O I/O I/O TDO, I/O NC GND NC NC NC I/O I/O VCCA VCCI NC I/O NC I/O NC I/O NC I/O VCCA GND GND I/O eX128 Function GND NC I/O HCLK I/O I/O I/O I/O VCCI I/O I/O I/O I/O TDO, I/O I/O GND NC NC NC I/O I/O VCCA VCCI I/O I/O I/O I/O I/O I/O I/O I/O VCCA GND GND I/O eX256 Function GND NC I/O HCLK I/O I/O I/O I/O VCCI I/O I/O I/O I/O TDO, I/O I/O GND I/O I/O I/O I/O I/O VCCA VCCI I/O I/O I/O I/O I/O I/O I/O I/O VCCA GND GND I/O
2 -4
v3.2
eX Automotive Family FPGAs
100-Pin TQFP Pin Number 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 eX64 Function I/O NC NC NC NC NC I/O I/O I/O I/O I/O VCCI I/O I/O I/O I/O CLKA CLKB NC VCCA GND PRA, I/O I/O I/O I/O I/O I/O I/O I/O TCK, I/O eX128 Function I/O I/O NC NC NC I/O I/O I/O I/O I/O I/O VCCI I/O I/O I/O I/O CLKA CLKB NC VCCA GND PRA, I/O I/O I/O I/O I/O I/O I/O I/O TCK, I/O eX256 Function I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O VCCI I/O I/O I/O I/O CLKA CLKB NC VCCA GND PRA, I/O I/O I/O I/O I/O I/O I/O I/O TCK, I/O
v3.2
2-5
eX Automotive Family FPGAs
49-Pin CSP
A1 Ball Pad Corner 1 A B C D E F G
Figure 2-3 * 49-Pin CSP (Top View)
2
3
4
5
6
7
Note
For Package Manufacturing and Environmental information, visit the Resource Center at http://www.actel.com/products/rescenter/package/index.html.
2 -6
v3.2
eX Automotive Family FPGAs
49-Pin CSP Pin Number A1 A2 A3 A4 A5 A6 A7 B1 B2 B3 B4 B5 B6 B7 C1 C2 C3 C4 C5 C6 C7 D1 D2 D3 D4 eX64 Function I/O I/O I/O I/O VCCA I/O I/O TCK, I/O I/O I/O PRA, I/O CLKA I/O GND I/O TDI, I/O VCCI GND CLKB VCCA I/O I/O TMS GND GND eX128 Function I/O I/O I/O I/O VCCA I/O I/O TCK, I/O I/O I/O PRA, I/O CLKA I/O GND I/O TDI, I/O VCCI GND CLKB VCCA I/O I/O TMS GND GND Pin Number D5 D6 D7 E1 E2 E3 E4 E5 E6 E7 F1 F2 F3 F4 F5 F6 F7 G1 G2 G3 G4 G5 G6 G7
49-Pin CSP eX64 Function VCCA I/O I/O I/O TRST, I/O VCCI GND I/O I/O VCCI I/O I/O I/O I/O HCLK I/O TDO, I/O I/O I/O I/O PRB, I/O VCCA I/O I/O eX128 Function VCCA I/O I/O I/O TRST, I/O VCCI GND I/O I/O VCCI I/O I/O I/O I/O HCLK I/O TDO, I/O I/O I/O I/O PRB, I/O VCCA I/O I/O
v3.2
2-7
eX Automotive Family FPGAs
128-Pin CSP
A1 Ball Pad Corner 1 A B C D E F G H J K L M 2 3 4 5 6 7 8 9 10 11 12
Figure 2-4 * 128-Pin CSP (Top View)
Note
For Package Manufacturing and Environmental information, visit the Resource Center at http://www.actel.com/products/rescenter/package/index.html.
2 -8
v3.2
eX Automotive Family FPGAs
128-Pin CSP Pin Number A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 eX64 Function I/O TCK, I/O VCCI I/O I/O VCCA I/O I/O VCCI I/O I/O I/O TMS I/O I/O I/O I/O PRA, I/O CLKB I/O I/O I/O GND I/O I/O TDI, I/O I/O I/O I/O CLKA I/O I/O I/O NC NC eX128 Function I/O TCK, I/O VCCI I/O I/O VCCA I/O I/O VCCI I/O I/O I/O TMS I/O I/O I/O I/O PRA, I/O CLKB I/O I/O I/O GND I/O I/O TDI, I/O I/O I/O I/O CLKA I/O I/O I/O I/O I/O eX256 Function I/O TCK, I/O VCCI I/O I/O VCCA I/O I/O VCCI I/O I/O I/O TMS I/O I/O I/O I/O PRA, I/O CLKB I/O I/O I/O GND I/O I/O TDI, I/O I/O I/O I/O CLKA I/O I/O I/O I/O I/O Pin Number C12 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 E1 E2 E3 E4 E9 E10 E11 E12 F1 F2 F3 F4 F9 F10 F11 F12 G1 G2 G3 G4 G9 G10
128-Pin CSP eX64 Function I/O NC I/O I/O I/O I/O GND I/O GND I/O I/O I/O VCCI NC VCCI I/O GND GND I/O GND VCCA NC NC NC I/O GND NC I/O I/O NC TRST, I/O I/O GND GND NC eX128 Function I/O I/O I/O I/O I/O I/O GND I/O GND I/O I/O I/O VCCI I/O VCCI I/O GND GND I/O GND VCCA I/O I/O I/O I/O GND I/O I/O I/O I/O TRST, I/O I/O GND GND I/O eX256 Function I/O I/O I/O I/O I/O I/O GND I/O GND I/O I/O I/O VCCI I/O VCCI I/O GND GND I/O GND VCCA I/O I/O I/O I/O GND I/O I/O I/O I/O TRST, I/O I/O GND GND I/O
v3.2
2-9
eX Automotive Family FPGAs
128-Pin CSP Pin Number G11 G12 H1 H2 H3 H4 H9 H10 H11 H12 J1 J2 J3 J4 J5 J6 J7 J8 J9 J10 J11 J12 K1 K2 K3 K4 K5 K6 K7 eX64 Function I/O NC GND I/O VCCI GND I/O VCCI VCCA NC NC I/O VCCI I/O I/O I/O GND I/O GND I/O I/O NC NC I/O I/O I/O I/O PRB, I/O HCLK eX128 Function I/O I/O GND I/O VCCI GND I/O VCCI VCCA I/O NC I/O VCCI I/O I/O I/O GND I/O GND I/O I/O I/O I/O I/O I/O I/O I/O PRB, I/O HCLK eX256 Function I/O I/O GND I/O VCCI GND I/O VCCI VCCA I/O VCCA I/O VCCI I/O I/O I/O GND I/O GND I/O I/O I/O I/O I/O I/O I/O I/O PRB, I/O HCLK Pin Number K8 K9 K10 K11 K12 L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 L11 L12 M1 M2 M3 M4 M5 M6 M7 M8 M9 M10 M11 M12
128-Pin CSP eX64 Function I/O I/O I/O TDO, I/O I/O I/O I/O NC I/O I/O I/O I/O I/O I/O I/O NC VCCI GND I/O I/O I/O I/O I/O VCCA I/O I/O I/O I/O I/O eX128 Function I/O I/O I/O TDO, I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O VCCI GND I/O I/O I/O I/O I/O VCCA I/O I/O I/O I/O I/O eX256 Function I/O I/O I/O TDO, I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O VCCI GND I/O I/O I/O I/O I/O VCCA I/O I/O I/O I/O I/O
2 -1 0
v3.2
eX Automotive Family FPGAs
180-Pin CSP
A1 Ball Pad Corner 1 A B C D E F G H J K L M N P
Figure 2-5 * 180-Pin CSP
2
3
4
5
6
7
8
9 10 11 12 13 14
Note
For Package Manufacturing and Environmental information, visit the Resource Center at http://www.actel.com/products/rescenter/package/index.html.
v3.2
2-11
eX Automotive Family FPGAs
180-Pin CSP Pin Number A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 B14 C1 C2 C3 C4 C5 eX256 Function I/O I/O GND NC NC NC NC NC NC NC NC I/O I/O I/O I/O I/O TCK, I/O VCCI I/O I/O VCCA I/O I/O VCCI I/O I/O I/O I/O I/O TMS I/O I/O I/O
180-Pin CSP Pin Number C6 C7 C8 C9 C10 C11 C12 C13 C14 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 E1 E2 E3 E4 E5 E6 E7 E8 E9 E10 eX256 Function I/O PRA, I/O CLKB I/O I/O I/O GND I/O I/O I/O I/O TDI, I/O I/O I/O I/O CLKA I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O GND I/O GND I/O
180-Pin CSP Pin Number E11 E12 E13 E14 F1 F2 F3 F4 F5 F10 F11 F12 F13 F14 G1 G2 G3 G4 G5 G10 G11 G12 G13 G14 H1 H2 H3 H4 H5 H10 H11 H12 H13 eX256 Function I/O I/O VCCI I/O I/O I/O VCCI I/O GND GND I/O GND VCCA I/O VCCA I/O I/O I/O I/O GND I/O I/O I/O VCCA I/O I/O TRST, I/O I/O GND GND I/O I/O I/O
180-Pin CSP Pin Number H14 J1 J2 J3 J4 J5 J10 J11 J12 J13 J14 K1 K2 K3 K4 K5 K6 K7 K8 K9 K10 K11 K12 K13 K14 L1 L2 L3 L4 L5 L6 L7 L8 eX256 Function I/O I/O GND I/O VCCI GND I/O VCCI VCCA I/O I/O I/O VCCA I/O VCCI I/O I/O I/O GND I/O GND I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O PRB, I/O HCLK
2 -1 2
v3.2
eX Automotive Family FPGAs
180-Pin CSP Pin Number L9 L10 L11 L12 L13 L14 M1 M2 M3 M4 M5 M6 M7 M8 M9 M10 M11 M12 M13 M14 N1 N2 N3 N4 N5 N6 N7 N8 N9 N10 N11 N12 N13 eX256 Function I/O I/O I/O TDO, I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O VCCI I/O I/O GND I/O I/O I/O I/O I/O VCCA I/O I/O I/O I/O I/O
180-Pin CSP Pin Number N14 P1 P2 P3 P4 P5 P6 P7 P8 P9 P10 P11 P12 P13 eX256 Function I/O I/O I/O I/O NC NC NC NC NC NC NC NC GND I/O
v3.2
2-13
eX Automotive Family FPGAs
Datasheet Information
List of Changes
The following table lists critical changes that were made in the current version of the document.
Previous version v3.1 (Published 4/06) Changes in current version (v3.2) Page The "Ordering Information" section was updated to include RoHS information. The TQFP ii measurement was also updated. The "Dedicated Test Mode" section was updated. Note 4 was added to the"3.3 V LVTTL Electrical Specifications" table. v3.0 (Published 6/04) A note was added to the "Ordering Information" section. The Junction temperature was added to Table 1-8 * Absolute Maximum Ratings*. The note was changed in Table 1-9 * Recommended Operating Conditions. The IOH and IOL values were updated in the "3.3 V LVTTL Electrical Specifications" table. The "5 V Tolerance of 3.3 V LVTTL I/Os Using a Tristate Buffer" section is new. 1-8 1-13 ii 1-12 1-12 1-13 1-14
A reference to Table 1-9 * Recommended Operating Conditions was added to the 1-12 "Junction Temperature". v2.0 "Speed Grade and Temperature Grade Matrix" section table is new. Table 1-2 was updated. Table 1-9 was updated. The "CEQ Values for eX Devices" sectionis new. The "Package Thermal Characteristics" section was updated. Table 1-14 was updated. Figure 1-15 was updated. The "Pin Description" section was updated. ii 1-5 1-12 1-14 1-16 1-19 1-17 1-24
Datasheet Categories
In order to provide the latest information to designers, some datasheets are published before data has been fully characterized. Datasheets are designated as "Product Brief," "Advanced," "Production," and "Datasheet Supplement." The definitions of these categories are as follows:
Product Brief
The product brief is a summarized version of a datasheet (advanced or production) containing general product information. This brief gives an overview of specific device and family information.
Advanced
This datasheet version contains initial estimated information based on simulation, other products, devices, or speed grades. This information can be used as estimates, but not for production.
Unmarked (production)
This datasheet version contains information that is considered to be final.
Export Administration Regulations (EAR)
The product described in this datasheet is subject to the Export Administration Regulations (EAR). They could require an approved export license prior to export from the United States. An export includes release of product or disclosure of technology to a foreign national inside or outside the United States.
v3.2 3-1
Actel and the Actel logo are registered trademarks of Actel Corporation. All other trademarks are the property of their owners.
http://www.actel.com
Actel Corporation 2061 Stierlin Court Mountain View, CA 94043-4655 USA Phone 650.318.4200 Fax 650.318.4600 Actel Europe Ltd. Dunlop House, Riverside Way Camberley, Surrey GU15 3YL United Kingdom Phone +44 (0) 1276 401 450 Fax +44 (0) 1276 401 490 Actel Japan www.jp.actel.com EXOS Ebisu Bldg. 4F 1-24-14 Ebisu Shibuya-ku Tokyo 150 Japan Phone +81.03.3445.7671 Fax +81.03.3445.7668 Actel Hong Kong www.actel.com.cn Suite 2114, Two Pacific Place 88 Queensway, Admiralty Hong Kong Phone +852 2185 6460 Fax +852 2185 6488
51700017-4/6.06


▲Up To Search▲   

 
Price & Availability of EX64-FCS100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X