Part Number Hot Search : 
ADUC841 20TTS TL06401 C7812CT SMAJ18 BF77107 002223 F1404L
Product Description
Full Text Search
 

To Download ES2GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ES2AA thru ES2JA
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS FEATURES
Super fast switching time for high efficiency Low forward voltage drop and
REVERSE VOLTAGE - 50 to 600 Volts FORWARD CURRENT - 2.0 Amperes SMA
high current capability
Low reverse leakage current Plastic material has UL flammability
.062(1.60) .055(1.40)
classification 94V-0
.181(4.60) .157(4.00)
.114(2.90) .098(2.50)
.012(.305) .006(.152)
MECHANICAL DATA
Case Molded Plastic Polarity:Color band denotes cathode Weight: 0.002 ounces,0.053 grams Mounting position: Any
.103(2.62) .079(2.00) .060(1.52) .030(0.76) .008(.203) .002(.051)
.208(5.28) .188(4.80)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 2.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA=50
SYMBOL VRRM VRMS VDC I(AV)
ES2AA 50 35 50
ES2BA 100 70 100
ES2DA 200 140 200 2.0
ES2GA 400 280 400
ES2JA 600 420 600
UNIT V V V A
IFSM VF IR TRR CJ RJA TJ TSTG 40 0.95
75 1.25 5.0 100 35 30 25 -55 to +150 -55 to +150 1.70
A V A nS pF /W
Maximum Reverse Recovery Time(Note 1) Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES: 1.Measured with IF=0.5A, IR=1A, IRR=0.25A
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction to ambient.
~ 152 ~
RATING AND CHARACTERTIC CURVES ES2AA thru ES2JA
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT AMPERES 3.0 AVERAGE FORWARD CURRENT AMPERES 2.5 2.0 1.5 1.0 0.5 0 25 50 75 100 125 150 175
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 100
75
50
25
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 1 2 5 10 20 50 100
AMBIENT TEMPERATURE (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 100 100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
ES2AA - ES2DA
INSTANTANEOUS FORWARD CURRENT, (A)
ES2AA - ES2DA
CAPACITANCE (pF)
ES2GA - ES1JA
10
TJ = 25C PULSE WIDTH 300us ES2GA
10
TJ = 25C f = 1 MHz
1.0
ES2JA
1 1 4 10 100
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE ,VOLTS
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
~ 153 ~


▲Up To Search▲   

 
Price & Availability of ES2GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X