|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ES2AA thru ES2MA Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes Features Glass passivated chip Super fast switching for high efficiency For surface mounted applications Low forward voltage drop and high current capability Low reverse leakage current Plastic material has UL flammability classification 94V-0 Mechanical Data Case : Molded plastic Polarity : Indicated by cathode band Weight : 0.002 ounce, 0.064 gram Maximum Ratings and Electrical Characteristics Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20% Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current @TL=110oC Symbols VRRM VRMS V DC I(AV) IFSM VF IR trr CJ RJL TJ TSTG 0.92 5.0 350 25 25 20 -55 to +150 -55 to +150 o ES 2AA 50 35 50 ES 2B A 100 70 100 ES 2C A 150 105 150 ES 2D A 200 140 200 ES 2FA 300 210 300 2.0 ES 2GA 400 280 400 ES 2JA 600 420 600 ES 2K A 800 560 800 ES 2MA 1000 700 1000 Units Volts Volts Volts Amps Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage @ 2.0A DC Maximum DC reverse current at rated DC blocking voltage @ TJ=25oC @ TJ=125oC 50.0 1.25 1.7 Amps Volts uA uA nS pF C/W o Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating junction temperature range Storage temperature range Notes: C C o 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. Thermal Resistance junction to Lead. 241 RATINGS AND CHARACTERISTIC CURVES 242 |
Price & Availability of ES2CA |