Part Number Hot Search : 
33411 RT2512 RT2512 CIT2211 F7205 2N440101 TFP410PA SC101
Product Description
Full Text Search
 

To Download BUW132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BUW132/A
DESCRIPTION *High Switching Speed *Collector-Emitter Sustaining Voltage: VCEO(SUS)= 450V (Min)-BUW132 500V (Min)-BUW132A APPLICATIONS *Designed for use in very fast switching applications in inductive circuits. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER BUW132 BUW132A BUW132 BUW132A VEBO IC ICM IB
B
MAX 850
UNIT
VCES
Collector- Emitter Voltage(VBE= 0)
V 1000 450 V 500 6 8 16 6 12 125 200 -65~200 V A A A A W
VCEO
Collector-Emitter Voltage
Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current Base Current-Peak Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature Range
IBM PC Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance, Junction to Case MAX 1.0 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER BUW132 IC= 0.1A ; IB= 0; L= 10mH BUW132A BUW132 BUW132A BUW132 BUW132A BUW132 BUW132A ICEV IEBO hFE COB Collector Cutoff Current Emitter Cutoff Current DC Current Gain Output Capacitance IC= 3A; IB= 0.4A
B
BUW132/A
CONDITIONS
MIN 450
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
V 500 2.5 V 1.0 3.0 V 1.5 1.5 V 1.5 0.25 1.5 1 5 350 pF mA mA
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.6A
B
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.66A
B
IC= 5A; IB= 1A
B
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 0.66A
B
IC= 5A; IB= 1A
B
VCE=VCESMmax;VBE=-1.5V VCE=VCESMmax;VBE=-1.5V;TJ=100 VEB= 6V; IC= 0 IC= 8A ; VCE= 5V IE= 0 ; VCB= 10V; ftest= 1kHz
Switching Times , Resistive Load ton tstg tf Turn-On Time Storage Time Fall Time IC= 5A ;IB1= 0.66A;IB2= -1.3A 0.35 1.5 0.1 s s s
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of BUW132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X