Part Number Hot Search : 
527268ZN HC405 AQW212 23400 LM781 SE567N 2SD1565 DRM33395
Product Description
Full Text Search
 

To Download BSS63R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
High Voltage Transistor BSS63R
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
Features
+0.1 2.4-0.1
SOT23 PNP silicon planar
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Continuous collector current Power dissipation Operating and storage temperature range Symbol VCBO VCEO VEBO IC Ptot Tj,Tstg Rating -110 -100 -6 -100 330 -55 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage * Emitter-base breakdown voltage Collector-base cut-off current Emitter-base current Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain Transitional frequency Output capacitance * Pulse test: tp = 300 is; d 0.02. Symbol V(BR)CBO IC=-10iA V(BR)CEO IC=-100iA V(BR)EBO IE=-10iA ICBO IEBO VCB=-90V VCB=-90V,Ta = 150 VEB=-6V Testconditons Min -110 -100 -6 -100 -50 -200 -250 -900 30 30 50 85 3 MHz pF Typ Max Unit V V V nA iA nA V V
VCE(sat) IC=-25mA, IB=-2.5mA VBE(sat) IC=-25mA, IB=-2.5mA hFE fT Cobo IC=-10mA,VCE=-1V IC=-25mA,VCE=-1V IC=25mA, VCE=-5V, f=35MHz VCB=-10V, f=1MHz
Marking
Marking T6
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BSS63R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X