Part Number Hot Search : 
MCP1825 ASI10 25M50 7906CT HER306 ASI10 ASI10 8ACPA
Product Description
Full Text Search
 

To Download BDX33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-220C package High DC current gain DARLINGTON Complement to type BDX34/A/B/C APPLICATIONS For power linear and switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
BDX33/A/B/C
Absolute maximum ratings(Ta=25ae )
SYMBOL
VCBO

PARAMETER
CONDITIONS
BDX33 BDX33A BDX33B
Collector-base voltage
VCEO
IN
Collector-emitter voltage
HAN C
SEM GE
BDX33C BDX33 BDX33A BDX33B BDX33C Open base
Open emitter
ICON
DUC
VALUE 45
60 80
TOR
UNIT
V
100 45 60 80 100 V
VEBO IC ICM IB PC Tj Tstg
Emitter-base voltage Collector current-DC Collector current-Pulse Base current Collector power dissipation Junction temperature Storage temperature
Open collector
5 10 15 0.25
V A A A W ae ae
TC=25ae
70 150 -65~150
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.78 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER BDX33 BDX33A IC=0.1A, IB=0 BDX33B BDX33C BDX33/33A BDX33B/33C BDX33/33A BDX33B/33C BDX33 IC=4A ,IB=8mA 80 100 CONDITIONS MIN 45 60
BDX33/A/B/C
SYMBOL
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
V
VCEsat
Collector-emitter saturation voltage
2.5 IC=3A ,IB=6mA IC=4A ; VCE=3V 2.5 IC=3A ; VCE=3V VCB=45V, IE=0 VCB=60V, IE=0 VCB=80V, IE=0
V
VBE
Base-emitter on voltage
V
ICBO
IN
Collector cut-off current

BDX33A BDX33B
BDX33C BDX33
ICEO
Collector cut-off current
ANG CH
BDX33A BDX33B BDX33C
EMIC ES
VCB=100V, IE=0 VCE=22V, IB=0 VCE=30V, IB=0 VCE=40V, IB=0 VCE=50V, IB=0 VEB=5V; IC=0
DUC ON
TOR
0.2 0.5
mA
mA
IEBO
Emitter cut-off current BDX33/33A DC current gain BDX33B/33C
5
mA
hFE
IC=4A ; VCE=3V 750 IC=3A ; VCE=3V IF=8A 4.0 V
VF
Forward diode voltage
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BDX33/A/B/C
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BDX33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X