Part Number Hot Search : 
32100 5M250 HRB0103A BU2527DX MAX16920 00030 SE4100L 20TTS
Product Description
Full Text Search
 

To Download BDX20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
BDX20
DESCRIPTION *High Current Capability *Collector-Emitter Sustaining Voltage: VCEO(SUS)= -140V(Min) *High Switching Speed APPLICATIONS *Designed for LF large signal power amplification. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEX VCEO VEBO IC IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage- VBE= 1.5V Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Base Current-Continuous Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature
VALUE -160 -160 -140 -7 -10 -7 117 200 -65~200
UNIT V V V V A A W
PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.5 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
BDX20
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -200mA ; IB= 0
-140
V
VCEX
Collector-Emitter Breakdown Voltage
IC= -100mA ; VBE= 1.5V
-160
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -3A; IB= -0.3A
B
-1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -10A; IB= -2A
-5.0
V
VBE(on)-1
Base-Emitter On Voltage
IC= -3A ; VCE= -4V
-1.7
V
VBE(on)-2
Base-Emitter On Voltage
IC= -10A ; VCE= -4V VCE= -140V;VBE= 1.5V VCE= -140V;VBE=1.5V,TC= 150 VCB= -140V; IE= 0
-5.7 -1.0 -10 -1.0
V
ICEX
Collector Cutoff Current
mA
ICBO
Collector Cutoff Current
mA
IEBO
Emitter Cutoff Current
VEB= -7.0V; IC= 0
-5.0
mA
hFE-1
DC Current Gain
IC= -3A ; VCE= -4V
20
70
hFE-2
DC Current Gain
IC= -10A ; VCE= -4V
10
fT
Current Gain-Bandwidth Product
IC= -1A;VCE=-10V;ftest= 1.0MHz
4
MHz
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of BDX20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X