Part Number Hot Search : 
CNQ04 TC12V 1N6050 LBN70 LM780 BF245A HA1743 L7585G
Product Description
Full Text Search
 

To Download BAV170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Low-leakage double diode BAV170
Diodes
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
Features
+0.1 2.4-0.1
Low leakage current: typ. 3 pA Switching time: typ. 0.8 s
1
+0.1 0.95-0.1 +0.1 1.9-0.1
+0.1 1.3-0.1
Plastic SMD package
2
0.55
0.4
3
+0.05 0.1-0.01
Continuous reverse voltage:max. 75 V Repetitive peak reverse voltage:max. 85 V Repetitive peak forward current:max. 500 mA.
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Repetitive peak reverse voltage Continuous reverse voltage Continuous forward current Repetitive peak forward current Symbol VRRM VR IF IFRM square wave; Tj = 25 Non-repetitive peak forward current IFSM t=1 s prior to surge 4 1 0.5 250 -65 +150 150 360 500 K/W K/W mW A single diode loaded double diode loaded Conditions Min Max 85 75 215 125 500 mA Unit V V mA
t = 1 ms t=1s Total power dissipation Storage temperature Junction temperature thermal resistance from junction to tie-point thermal resistance from junction to ambient Ptot Tstg Tj Rth j-t p Rth j-a Ta mb = 25
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
BAV170
Electrical Characteristics Ta = 25
Parameter Symbol Conditions IF = 1 mA Forward voltage VF IF = 10 mA IF = 50 mA IF = 150 mA Reverse current Diode capacitance Reverse recovery time IR Cd trr VR = 75 V VR = 75 V; Tj = 150 f = 1 MHz; VR = 0; when switched from IF = 10 mA to IR = 10 mA; RL = 100 ;measured at IR = 1 mA; 0.003 3 2 0.8 3 Typ Max 900
Diodes
Unit
1000 1100 1250 5 80
mV
nA pF is
Marking
Marking JXp
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BAV170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X