Part Number Hot Search : 
ICS95 P30CA LVC1G32 N10NG 1921X251 MC4053 SD335 15KE22CA
Product Description
Full Text Search
 

To Download BAT720 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Schottky barrier diode BAT720
Diodes
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
+0.1 2.4-0.1
Ultra high switching speed Low forward current Guard ring protected Small plastic SMD package
1
+0.1 0.95-0.1 +0.1 1.9-0.1
+0.1 1.3-0.1
Features
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Continuous reverse voltage Continuous forward current Non-repetitive peak forward current Storage temperature Junction temperature thermal resistance from junction to ambient Note 1. Pulse test: tp < 300 s; a 0.02. Symbol VR IF IFSM Tstg Tj Rth j-a tp < 10 ms -65 Conditions Min Max 40 500 2 +150 125 500 K/W Unit V mA A
Electrical C haracteristics T a = 25
Param eter Forward voltage Reverse current Diode capacitance Sym bol VF IR Cd Conditions IF = 500 m A VR = 35 V VR = 35 V; Tj = 100 f = 1 M Hz; VR = 0 V; 60 M in M ax 550 100 10 90 Unit mV A mA pF
Marking
Marking L6p
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BAT720

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X