Part Number Hot Search : 
12B0909 186EM FC115 NTHC3SA3 SI4750DY 92315 PC271C IDTQS3VH
Product Description
Full Text Search
 

To Download BAS170WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Schottky Diodes BAS170WS
Diodes
SOD-323
+0.1 1.7-0.1
Unit: mm
Schottky diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing
0.475
+0.1 2.6-0.1
1.0max
0.375
Absolute Maximum Ratings Ta = 25
PARAMATER Repetitive peak reverse voltage Forward continuous current Surge forward current Power Dissipation
(1)
SYMBOL VRM IF IFSM Ptot ReJA Tj Ramb Ts
TEST CONDITION
VALUE 70
UNIT V mA mA mW /W
Tamb = 25 tp < 1 s, Tamb = 25 Tamb = 25
70 600 200 650 150 -55 to+125 -55 to+125
Thermal resistance junction to ambient air(1) Junction temperature Operating temperature range Storage temperature range
1.valid provided that electrodes are kept at ambient temperature
Electrical Characteristics Ta = 25
PARAMATER Reverse breakdown voltage Leakage current SYMBOL V(BR)R IR TEST CONDITION IR = 10 A(Pulse) MIN 70 0.1 10 375 705 880 1.5 100 34 410 750 1000 2 TYP MAX UNIT V A A V V mV pF ps
VR =50 V VR =70 V
Forward voltage Forward voltage (1) Capacitance Charge carrier lifetime Differential forward resistance Note: 1.Pulse test: tp 300 s
VF VF Ctot t RF
IF = 200 mA I < tief < F = 10 mA VF = 15 mA VR =0 V, f =1 MHz IF = 25 mA; IE = 5 mA; f = 10 kHz
Marking
Marking 73
+0.05 0.1-0.02
+0.1 1.3-0.1
Features
+0.05 0.3-0.05
+0.05 0.85-0.05
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BAS170WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X