Part Number Hot Search : 
HSP48901 MX29LV MX29LV 63821 CRBV5 MAX6505 AN1105W GS2985
Product Description
Full Text Search
 

To Download AO4447AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AO4447AL P-Channel Enhancement Mode Field Effect Transistor
General Description
The AO4447AL uses advanced trench technology to provide excellent RDS(ON) with low gate charge.This device is ideal for load switch and battery protection applications. -RoHS Compliant -Halogen Free
Features
VDS (V) = -30V ID = -17A RDS(ON) < 7m RDS(ON) < 8m RDS(ON) < 9m (VGS = -10V) (VGS = -10V) (VGS = -4.5V) (VGS = -4V) ESD Protected!
SOIC-8 D
Rg
D
G
G S
S
Absolute Maximum Ratings TJ=25C unless otherwise noted Symbol Parameter VDS Drain-Source Voltage VGS Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Power Dissipation B
C
Maximum
-30 20 -17 -13 -160 3.1 2.0 -55 to 150 Typ 31 59 16 Max 40 75 24
Units V V A
TA=25C TA=70C TA=25C TA=70C ID IDM PD TJ, TSTG Symbol
A AD
W C Units C/W C/W C/W
Junction and Storage Temperature Range Parameter Maximum Junction-to-Ambient Maximum Junction-to-Ambient Maximum Junction-to-Lead
t 10s Steady State Steady State
RJA RJL
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AO4447AL
Electrical Characteristics (TJ=25C unless otherwise noted) Symbol Parameter Conditions ID =-250A, VGS = 0V VDS =-30V, VGS = 0V TJ = 55C VDS = 0V, VGS =16V VDS =VGS ID =-250A VGS =-10V, VDS =-5V VGS =-10V, ID =-17A RDS(ON) Static Drain-Source On-Resistance TJ=125C VGS =-4.5V, ID =-15A VGS =-4V, ID =-13A gFS VSD IS Forward Transconductance VDS =-5V, ID =-17A Diode Forward Voltage IS =-1A,VGS = 0V Maximum Body-Diode Continuous Current -0.8 -160 5.5 7 6.5 6.9 70 -0.62 -1 -3 4580 VGS=0V, VDS=-15V, f=1MHz VGS=0V, VDS=0V, f=1MHz 755 564 160 87 VGS=-10V, VDS=-15V, ID=-17A 41 12.8 17 180 VGS=-10V, VDS=15V RL=-0.9, RGEN=3 IF=-17A, dI/dt=300A/s 260 1.2 9.7 32 77 40 210 105 5500 7 8.5 8 9 S V A pF pF pF nC nC nC nC ns ns s s ns nC m -1.3 Min -30 -1 -5 10 -1.6 Typ Max Units V A A V A
STATIC PARAMETERS BVDSS Drain-Source Breakdown Voltage IDSS IGSS VGS(th) ID(ON) Zero Gate Voltage Drain Current Gate-Body leakage current Gate Threshold Voltage On state drain current
DYNAMIC PARAMETERS Ciss Input Capacitance Coss Crss Rg Output Capacitance Reverse Transfer Capacitance Gate resistance
SWITCHING PARAMETERS Qg (-10V) Total Gate Charge Qg (-4.5V) Total Gate Charge Qgs Qgd tD(on) tr tD(off) tf trr Qrr Gate Source Charge Gate Drain Charge Turn-On DelayTime Turn-On Rise Time Turn-Off DelayTime Turn-Off Fall Time Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-17A, dI/dt=300A/s
A: The value of R JA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with T A =25C. The value in any given application depends on the user's specific board design. B. The power dissipation P D is based on T J(MAX)=150C, using 10s junction-to-ambient thermal resistance. C. Repetitive rating, pulse width limited by junction temperature T J(MAX)=150C. Ratings are based on low frequency and duty cycles to keep initial T J =25C. D. The RJA is the sum of the thermal impedence from junction to lead R JL and lead to ambient. E. The static characteristics in Figures 1 to 6 are obtained using <300 s pulses, duty cycle 0.5% max. #REF! F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, assuming a maximum junction temperature of T J(MAX)=150C. The SOA curve provides a single pulse rating. Rev 0: Aug 2008
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AO4447AL
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
160 140 120 100 -ID (A) 80 60 40 20 0 0 1 2 3 4 5 -VDS (Volts) Figure 1: On-Region Characteristics(Note E) 10 Normalized On-Resistance 1.8 1.6 1.4 1.2 1.0 0.8 0 25 50 75 100 125 150 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature(Note E) 1E+02 ID= -17A 16 RDS(ON) (m) 12 125C IS (A) 1E+01 1E+00 1E-01 VGS= -4.5V ID= -15A VGS= -10V ID= -17A VGS= -2.5V 0 0 1 2 3 4 -VGS(Volts) Figure 2: Transfer Characteristics(Note E) -3V -ID(A) -10V -4V -3.5V 80 100 VDS=-5V
60
40 125C 25C
20
8 RDS(ON) (m) VGS=-4V 6 VGS=-4.5V VGS=-10V
4
2 0 5 10 15
IF=-6.5A, dI/dt=100A/s 20 25 30
-ID (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage(Note E) 20
125C 8 1E-02 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING 1E-03 4 25C OUT OF SUCH APPLICATIONS OR USES OF 25C ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, 1E-04 FUNCTIONS AND RELIABILITY WITHOUT NOTICE. 0 1E-05 2 4 6 8 10 0.0 0.2 0.4 0.6 0.8 1.0 -VGS (Volts) -VSD (Volts) Figure 5: On-Resistance vs. Gate-Source Figure 6: Body-Diode Characteristics(Note E) Voltage(Note E)
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AO4447AL
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
10 8 -VGS (Volts) 6 4 2 0 0 20 40 60 80 100 Qg (nC) Figure 7: Gate-Charge Characteristics VDS=-15V ID= -17A Capacitance (pF) 7000 6000 5000 4000 3000 2000 1000 Crss 0 0 5 10 15 20 25 30 -VDS (Volts) Figure 8: Capacitance Characteristics Coss Ciss
1000 100 -ID (Amps) 10 1 0.1 DC TJ(Max)=150C TA=25C 0.1
F 1 -VDS (Volts)
1000
TJ(Max)=150C TA=25C RDS(ON) limited 10s 100s 1m 10ms 100ms 10s
Power (W)
100
10
0.01 0.01
I =-6.5A, dI/dt=100A/s 10 100
1 0.00001
0.001
0.1
10
1000
Figure 9: Maximum Forward Biased Safe Operating Area (Note F)
Pulse Width (s) Figure 10: Single Pulse Power Rating Junctionto-Ambient (Note F)
10 ZJA Normalized Transient Thermal Resistance
1
D=Ton/T TJ,PK=TA+PDM.ZJA.RJA RJA=75C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0.1 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL PD COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, 0.01 Ton FUNCTIONS AND RELIABILITY WITHOUT NOTICE. Single Pulse T 0.001 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance(Note F)
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AO4447AL
Gate Charge Test Circuit & Waveform
Vgs Qg -10V
VDC
VDC
DUT Vgs Ig
Resistive Switching Test Circuit & Waveforms
RL Vds Vgs Vgs Rg Vgs Vds DUT
VDC
Diode Recovery Test Circuit & Waveforms
Vds + DUT Vgs
t rr
Vds -
Isd Vgs
L
VDC
+ Vdd -Vds
Ig
Alpha & Omega Semiconductor, Ltd.
+
-
+
Charge
t on td(on) tr t d(off) t off tf
-
+
-
Vds
Qgs
Qgd
Vdd
90%
10%
Q rr = - Idt
-Isd
-I F
dI/dt -I RM Vdd
www.aosmd.com


▲Up To Search▲   

 
Price & Availability of AO4447AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X