Part Number Hot Search : 
VN750 HMCS44C SEC4203C 221M16V8 DF1510 75N08 4HAC10J 3V10X
Product Description
Full Text Search
 

To Download AAT1149IUV-06-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT DATASHEET
AAT1 149
SwitchRegTM
General Description
The AAT1149 SwitchReg is a 3.0MHz step-down converter with an input voltage range of 2.7V to 5.5V and output voltage as low as 1.0V. It is optimized to react quickly to load variations and operate with a tiny 0603 inductor that is only 1mm tall. The AAT1149 output voltage is programmable via external feedback resistors. It can deliver 400mA of load current while maintaining a low 45A no load quiescent current. The 3.0MHz switching frequency minimizes the size of external components while keeping switching losses low. The AAT1149 maintains high efficiency throughout the operating range, which is critical for portable applications. The AAT1149 is available in a Pb-free, space-saving 2.0x2.1mm SC70JW-8 package or a 5-pin wafer-level chip scale (WLCSP) package and is rated over the -40C to +85C temperature range.
3MHz Fast Transient 400mA Step-Down Converter
Features
* * * * * * * * * * * * * * * Ultra-Small 0603 Inductor (Height = 1mm) VIN Range: 2.7V to 5.5V VOUT Adjustable from 1.0V to VIN 400mA Max Output Current Up to 98% Efficiency 45A No Load Quiescent Current 3.0MHz Switching Frequency 70s Soft Start Fast Load Transient Over-Temperature Protection Current Limit Protection 100% Duty Cycle Low-Dropout Operation <1A Shutdown Current SC70JW-8 or 0.9x1.2mm WLCSP Package Temperature Range: -40C to +85C
Applications
* * * * * * Cellular Phones Digital Cameras Handheld Instruments Microprocessor / DSP Core / IO Power PDAs and Handheld Computers USB Devices
Typical Application
VIN = 3.6V U1 AAT1149 VOUT = 1.8V L1 1.8H LX FB PGND PGND R2 59k R1 118k C1 4.7F
IN
C2 4.7F EN AGND PGND
1149.2008.08.1.3
www.analogictech.com
1
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Pin Descriptions
SC70JW-8 1 2 3 4 5 6, 7, 8
3MHz Fast Transient 400mA Step-Down Converter
Pin #
WLCSP 2 1 4 5 3
Symbol
EN FB IN LX AGND PGND
Function
Enable pin. Feedback input pin. This pin is connected to an external resistive divider for an adjustable output. Input supply voltage for the converter. Switching node. Connect the inductor to this pin. It is internally connected to the drain of both high- and low-side MOSFETs. Non-power signal ground pin. Main power ground return pins. Connect to the output and input capacitor return.
Pin Configuration
SC70JW-8 (Top View) WLCSP-5 (Top View)
EN FB IN LX
1
8
PGND PGND PGND AGND
2
7
3
6
FB AGND/PGND IN
1 3 4
2
EN LX
5
4
5
2
www.analogictech.com
1149.2008.08.1.3
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Absolute Maximum Ratings1
Symbol
VIN VLX VFB VEN TJ TLEAD
3MHz Fast Transient 400mA Step-Down Converter
Description
Input Voltage to GND LX to GND FB to GND EN to GND Operating Junction Temperature Range Maximum Soldering Temperature (at leads, 10 sec)
Value
6.0 -0.3 to VIN + 0.3 -0.3 to VIN + 0.3 -0.3 to 6.0 -40 to 150 300
Units
V V V V C C
Thermal Information
Symbol
PD JA
Description
Maximum Power Dissipation Thermal Resistance2 SC70JW-8 WLCSP-52, 4 SC70JW-8 WLCSP-5
2, 3
Value
625 352 160 284
Units
mW C/W
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Mounted on an FR4 board; for the WLCSP package, use the NSMD (none-solder mask defined) pad style for tighter control on the copper etch process. 3. Derate 6.25mW/C above 25C. 4. Derate 3.52 mW/C above 25C.
1149.2008.08.1.3
www.analogictech.com
3
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Electrical Characteristics1
VIN = 3.6V, TA = -40C to +85C, unless otherwise noted. Typical values are TA = 25C. Symbol
VIN VUVLO VOUT VOUT IQ ISHDN ILIM RDS(ON)H RDS(ON)L ILXLEAK VLinereg VOUT IOUT TS FOSC TSD THYS EN VEN(L) VEN(H) IEN
3MHz Fast Transient 400mA Step-Down Converter
Description
Input Voltage UVLO Threshold Output Voltage Tolerance Adjustable Output Voltage Range Quiescent Current Shutdown Current P-Channel Current Limit High Side Switch On Resistance Low Side Switch On Resistance LX Leakage Current Line Regulation Out Threshold Voltage Accuracy Out Leakage Current Start-Up Time Oscillator Frequency Over-Temperature Shutdown Threshold Over-Temperature Shutdown Hysteresis Enable Threshold Low Enable Threshold High Input Low Current
Conditions
Min
2.7
Typ
Max
5.5 2.7
Units
V V mV V % V A A mA
Step-Down Converter VIN Rising Hysteresis VIN Falling IOUT = 0 to 400mA, VIN = 2.7V to 5.5V No Load VEN = GND 600 SC70JW-8 WLCSP-5 SC70JW-8 WLCSP-5 VIN = 5.5V, VLX = 0 to VIN, VEN = GND VIN = 2.7V to 5.5V 0.6V Output, No Load, TA = 25C 0.6V Output From Enable to Output Regulation TA = 25C 0.45 0.40 0.40 0.35 1 591 0.1 600 70 3.0 140 15 0.6 VIN = VOUT = 5.5V 1.4 -1.0 1.0 609 0.2
100 1.8 -3.0 1.0 45 3.0 VIN 70 1.0
A %/V mV A s MHz C C V V A
1. The AAT1149 is guaranteed to meet performance specifications over the -40C to +85C operating temperature range and is assured by design, characterization, and correlation with statistical process controls.
4
www.analogictech.com
1149.2008.08.1.3
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Typical Characteristics
Efficiency vs. Load Current
(VOUT = 3V; L = 3H)
100 1.00
3MHz Fast Transient 400mA Step-Down Converter
Load Regulation
(VOUT = 3V; L = 3H)
0.75
VIN = 3.3V Output Error (%)
90
Efficiency (%)
0.50 0.25 0.00 -0.25 -0.50 -0.75
VIN = 4.2V VIN = 5V
80 70 60 50 0.1 1 10 100 1000
VIN = 4.2V
VIN = 5V
VIN = 3.3V
0.1 1 10 100 1000
-1.00
Load Current (mA)
Load Current (mA)
Efficiency vs. Load Current
(VOUT = 1.8V; L = 2.2H)
100 90
Load Regulation
(VOUT = 1.8V; L = 2.2H)
1.00 0.75
VIN = 3V VIN = 3.6V
VIN = 2.7V Output Error (%)
Efficiency (%)
0.50 0.25 0.00 -0.25 -0.50 -0.75
80 70 60 50
VIN = 3V
VIN = 4.2V
VIN = 5V VIN = 4.2V
VIN = 5V
VIN = 3.6V VIN = 2.7V
0.1
1
10
100
1000
-1.00 0.1
1
10
100
1000
Load Current (mA)
Load Current (mA)
No Load Quiescent Current vs. Input Voltage
70 2
Switching Frequency vs. Input Voltage
Supply Current (A)
60 50 40 30 20 10 0 2.5
85C
Frequency Variation (%)
25C
1 0 -1 -2 -3 -4
VOUT = 1.1V
-40C
VOUT = 1.8V
VOUT = 3V
3
3.5
4
4.5
5
5.5
6
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Input Voltage (V)
1149.2008.08.1.3
www.analogictech.com
5
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Typical Characteristics
Switching Frequency Variation vs. Temperature
10 8 6 2.0
3MHz Fast Transient 400mA Step-Down Converter
Output Voltage Error vs. Temperature
(VIN = 3.6V; VO = 1.8V; IOUT = 400mA)
Output Error (%)
Variation (%)
4 2 0 -2 -4 -6 -8 -10 -40 -20 0 20 40 60 80 100 120
1.0
0.0
-1.0
-2.0 -40
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
Line Regulation
(VOUT = 3V)
1 0.8 0.6
Line Regulation
(VOUT = 1.8V)
1 0.8 0.6
Accuracy (%)
Accuracy (%)
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1 2.5 3 3.5
1mA 400mA 300mA 600mA 100mA 0mA
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1
400mA 0mA 100mA
600mA
4
4.5
5
5.5
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Input Voltage (V)
Line Regulation
(VOUT = 1.1V)
1 0.6 4.50
Line Transient
(VOUT = 1.8; 400mA Load; No Feedforward Capacitor)
1.90 1.88 1.86 1.84 1.82 1.80 1.78 1.76 1.74
Output Voltage (bottom) (V)
Input Voltage (top) (V)
6
0.8
4.25 4.00 3.75 3.50 3.25 3.00 2.75 2.50
Accuracy (%)
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8
1mA
0mA 400mA
600mA
-1 2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Time (50s/div)
6
www.analogictech.com
1149.2008.08.1.3
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Typical Characteristics
Line Transient
(VOUT = 1.8; No Load; No Feedforward Capacitor) Input Voltage (top) (V)
4.25 4.00 3.75 3.50 3.25 3.00 2.75 2.50 1.92 1.90 1.88 1.86 1.84 1.82 1.80 1.78
3MHz Fast Transient 400mA Step-Down Converter
Line Transient
(VOUT = 1.8; CFF = 100pF) Output Voltage (bottom) (V)
1.86 1.85 1.84 1.83 1.82 1.81 1.80 1.79 1.78 4.50 4.25 4.00 3.75 3.50 3.25 3.00 2.75 2.50 1.94
4.50
Output Voltage (bottom) (V)
Input Voltage (top) (V)
Time (50s/div)
Time (20s/div)
N-Channel RDS(ON) vs. Input Voltage
(SC70JW-8)
750 700 650 120C 750 700
P-Channel RDS(ON) vs. Input Voltage
(SC70JW-8)
RDS(ON) (m)
600 550 500 450 400 350 300 2.5 3.0 3.5 25C 85C
RDS(ON) (m)
100C
650 600 550 500 450 400 350 300 25C
120C
100C
85C
4.0
4.5
5.0
5.5
6.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Input Voltage (V)
N-Channel RDS(ON) vs. Input Voltage
(WLCSP-5)
750 700 650 750 700 650
P-Channel RDS(ON) vs. Input Voltage
(WLCSP-5)
RDS(ON) (m)
RDS(ON) (m)
600 550 500 450 400 350 300 250 2.5 25C 3
120C
100C
120C
100C
600 550 500 450 400 350 300 250 2.5 25C 85C
85C
3.5
4
4.5
5
5.5
6
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Input Voltage (V)
1149.2008.08.1.3
www.analogictech.com
7
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Typical Characteristics
Load Transient
(VOUT = 1.1V; No Feedforward Capacitor)
1.30 2.00 1.75 400mA 1.50 1.25 1.00 1mA 0.75 0.50 0.25 0.00 1.30
3MHz Fast Transient 400mA Step-Down Converter
Load Transient
(VOUT = 1.1V; CFF = 100pF)
2.00 1.75 1.50 400mA 1mA 1.25 1.00 0.75 0.50 0.25 0.00
Load and Inductor Current (bottom) (A)
Load and Inductor Current (bottom) (A)
Output Voltage (top) (V)
Output Voltage (top) (V)
1.20 1.10 1.00 0.90 0.80 0.70 0.60 0.50
1.20 1.10 1.00 0.90 0.80 0.70 0.60 0.50
Time (50s/div)
Time (50s/div)
Load Transient
(VOUT = 1.8V; No Feedforward Capacitor)
2.25 2.00 1.75 1.50 400mA 10mA 1.25 1.00 0.75 2.00
Load Transient
(VOUT = 1.8V; CFF = 100pF)
2.00 1.75 1.50 400mA 10mA 1.25 1.00 0.75 0.50 0.25 0.00
Load and Inductor Current (bottom) (A)
Load and Inductor Current (bottom) (A)
Output Voltage (top) (V)
Output Voltage (top) (V)
2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25
1.90 1.80 1.70 1.60 1.50 1.40 1.30 1.20
0.25 0.00
Time (50s/div)
Time (50s/div)
Load Transient
(VOUT = 1.8V; No Feedforward Capacitor)
2.25 2.00 1.75 1.50 400mA 1mA 1.25 1.00 0.75 0.50 0.25 0.00 2.00
Load Transient
(VOUT = 1.8V; CFF = 100pF)
2.00 1.75 1.50 400mA 1.25 1.00 1mA 0.75 0.50 0.25 0.00
Load and Inductor Current (bottom) (A)
Load and Inductor Current (bottom) (A)
Output Voltage (top) (V)
Output Voltage (top) (V)
2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25
1.90 1.80 1.70 1.60 1.50 1.40 1.30 1.20
Time (50s/div)
Time (50s/div)
8
www.analogictech.com
1149.2008.08.1.3
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Typical Characteristics
Soft Start
(VOUT = 1.8V; No Feedforward Capacitor) Enable and Output Voltage (top) (V)
3.00 2.00 1.00 0.00 -1.00 -2.00 -3.00 -4.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 0.00
3MHz Fast Transient 400mA Step-Down Converter
Soft Start
(VOUT = 1.8V; CFF = 100pF) Enable and Output Voltage (top) (V)
2.50 2.00 1.50 1.00 0.50 0.00 -0.50 -1.00 -1.50 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 0.00 2.00
4.00
Inductor Current (bottom) (250mA/div)
Inductor Current (bottom) (250mA/div)
Time (50s/div)
Time (50s/div)
Soft Start
(VOUT = 3V; No Feedforward Capacitor) Enable and Output Voltage (top) (V) Enable and Output Voltage (top) (V)
4.00 3.00 2.00 1.00 0.00 -1.00 -2.00 -3.00 -4.00 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 0.00 3.50 3.00 2.50 2.00 1.50 1.00 0.50 0.00 -0.50
Soft Start
(VOUT = 1.1V; No Feedforward Capacitor)
1.25 1.00 0.75 0.50 0.25 0.00 -0.25 -0.50 -0.75
Inductor Current (bottom) (250mA/div)
Inductor Current (bottom) (250mA/div)
Time (50s/div)
Time (20s/div)
1149.2008.08.1.3
www.analogictech.com
9
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Functional Block Diagram
FB IN
3MHz Fast Transient 400mA Step-Down Converter
Err Amp .
DH
Voltage Reference
Logic
LX
EN
INPUT
DL
PGND
AGND
Functional Description
The AAT1149 is a high performance 400mA 3.0MHz monolithic step-down converter. It minimizes external component size, enabling the use of a tiny 0603 inductor that is only 1mm tall, and optimizes efficiency over the complete load range. Apart from the small bypass input capacitor, only a small L-C filter is required at the output. Typically, a 1.8H inductor and a 4.7F ceramic capacitor are recommended (see table of values). Only three external power components (CIN, COUT, and L) are required. Output voltage is programmed with external feedback resistors, ranging from 1.0V to the input voltage. An additional feed-forward capacitor can also be
added to the external feedback to provide improved transient response (see Figure 4). At dropout, the converter duty cycle increases to 100% and the output voltage tracks the input voltage minus the RDS(ON) drop of the P-channel high-side MOSFET. The input voltage range is 2.7V to 5.5V. The converter efficiency has been optimized for all load conditions, ranging from no load to 400mA. The internal error amplifier and compensation provides excellent transient response, load, and line regulation. Soft start eliminates any output voltage overshoot when the enable or the input voltage is applied.
10
www.analogictech.com
1149.2008.08.1.3
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Control Loop
The AAT1149 is a peak current mode step-down converter. The current through the P-channel MOSFET (high side) is sensed for current loop control, as well as short circuit and overload protection. A fixed slope compensation signal is added to the sensed current to maintain stability for duty cycles greater than 50%. The peak current mode loop appears as a voltage-programmed current source in parallel with the output capacitor. The output of the voltage error amplifier programs the current mode loop for the necessary peak switch current to force a constant output voltage for all load and line conditions. Internal loop compensation terminates the transconductance voltage error amplifier output. For the adjustable output, the error amplifier reference is fixed at 0.6V.
3MHz Fast Transient 400mA Step-Down Converter
Applications Information
Inductor Selection
The step-down converter uses peak current mode control with slope compensation to maintain stability for duty cycles greater than 50%. The output inductor value must be selected so the inductor current down slope meets the internal slope compensation requirements. Table 1 displays suggested inductor values for various output voltages. Manufacturer's specifications list both the inductor DC current rating, which is a thermal limitation, and the peak current rating, which is determined by the saturation characteristics. The inductor should not show any appreciable saturation under normal load conditions. Some inductors may meet the peak and average current ratings yet result in excessive losses due to a high DCR. Always consider the losses associated with the DCR and its effect on the total converter efficiency when selecting an inductor. The 1.8H Sumida has rent rating. which gives output. CDRH2D09 series inductor selected from a 131mW DCR and a 400mA saturation curAt full load, the inductor DC loss is 21mW a 2.8% loss in efficiency for a 400mA, 1.8V
Soft Start / Enable
Soft start limits the current surge seen at the input and eliminates output voltage overshoot. When pulled low, the enable input forces the AAT1149 into a low-power, non-switching state. The total input current during shutdown is less than 1A.
Current Limit and Over-Temperature Protection
For overload conditions, the peak input current is limited. To minimize power dissipation and stresses under current limit and short-circuit conditions, switching is terminated after entering current limit for a series of pulses. Switching is terminated for seven consecutive clock cycles after a current limit has been sensed for a series of four consecutive clock cycles. Thermal protection completely disables switching when internal dissipation becomes excessive. The junction over-temperature threshold is 140C with 15C of hysteresis. Once an over-temperature or over-current fault conditions is removed, the output voltage automatically recovers.
Input Capacitor
Select a 4.7F to 10F X7R or X5R ceramic capacitor for the input. To estimate the required input capacitor size, determine the acceptable input ripple level (VPP) and solve for C. The calculated value varies with input voltage and is a maximum when VIN is double the output voltage.
CIN =
V VO * 1- O VIN VIN
VPP - ESR * FS IO
Under-Voltage Lockout
Internal bias of all circuits is controlled via the IN input. Under-voltage lockout (UVLO) guarantees sufficient VIN bias and proper operation of all internal circuitry prior to activation.
VO V 1 * 1 - O = for VIN = 2 * VO VIN VIN 4 1 CIN(MIN) = VPP - ESR * 4 * FS IO
Always examine the ceramic capacitor DC voltage coefficient characteristics when selecting the proper value. For example, the capacitance of a 10F, 6.3V, X5R ceramic capacitor with 5.0V DC applied is actually about 6F.
1149.2008.08.1.3
www.analogictech.com
11
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Configuration
0.6V Adjustable With External Feedback
3MHz Fast Transient 400mA Step-Down Converter
Output Voltage
1V, 1.2V 1.5V, 1.8V 2.5V 3.3V
Typical Inductor Value
1.0H to 1.2H 1.5H to 1.8H 2.2H to 2.7H 3.3H
Table 1: Inductor Values. The maximum input capacitor RMS current is: from the bench power supply, most applications do not exhibit this problem. In applications where the input power source lead inductance cannot be reduced to a level that does not affect the converter performance, a high ESR tantalum or aluminum electrolytic should be placed in parallel with the low ESR, ESL bypass ceramic. This dampens the high Q network and stabilizes the system.
IRMS = IO *
VO V * 1- O VIN VIN
The input capacitor RMS ripple current varies with the input and output voltage and will always be less than or equal to half of the total DC load current.
VO V * 1- O = VIN VIN
for VIN = 2 * VO
D * (1 - D) =
0.52 =
1 2
Output Capacitor
The output capacitor limits the output ripple and provides holdup during large load transitions. A 4.7F to 10F X5R or X7R ceramic capacitor typically provides sufficient bulk capacitance to stabilize the output during large load transitions and has the ESR and ESL characteristics necessary for low output ripple. The output voltage droop due to a load transient is dominated by the capacitance of the ceramic output capacitor. During a step increase in load current, the ceramic output capacitor alone supplies the load current until the loop responds. Within two or three switching cycles, the loop responds and the inductor current increases to match the load current demand. The relationship of the output voltage droop during the three switching cycles to the output capacitance can be estimated by:
IRMS(MAX) =
VO
V * 1- O
IN
IO 2
The term V V appears in both the input voltage ripple and input capacitor RMS current equations and is a maximum when VO is twice VIN. This is why the input voltage ripple and the input capacitor RMS current ripple are a maximum at 50% duty cycle.
IN
The input capacitor provides a low impedance loop for the edges of pulsed current drawn by the AAT1149. Low ESR/ESL X7R and X5R ceramic capacitors are ideal for this function. To minimize stray inductance, the capacitor should be placed as closely as possible to the IC. This keeps the high frequency content of the input current localized, minimizing EMI and input voltage ripple. The proper placement of the input capacitor (C2) can be seen in the evaluation board layout in Figure 1. A laboratory test set-up typically consists of two long wires running from the bench power supply to the evaluation board input voltage pins. The inductance of these wires, along with the low-ESR ceramic input capacitor, can create a high Q network that may affect converter performance. This problem often becomes apparent in the form of excessive ringing in the output voltage during load transients. Errors in the loop phase and gain measurements can also result. Since the inductance of a short PCB trace feeding the input voltage is significantly lower than the power leads
COUT =
3 * ILOAD VDROOP * FS
Once the average inductor current increases to the DC load level, the output voltage recovers. The above equation establishes a limit on the minimum value for the output capacitor with respect to load transients. The internal voltage loop compensation also limits the minimum output capacitor value to 4.7F. This is due to its effect on the loop crossover frequency (bandwidth), phase margin, and gain margin. Increased output capacitance will reduce the crossover frequency with greater phase margin.
12
www.analogictech.com
1149.2008.08.1.3
PRODUCT DATASHEET
AAT1 149
SwitchRegTM 3MHz Fast Transient 400mA Step-Down Converter
Figure 1: AAT1149IJS Evaluation Board Top Side.
Figure 2: Exploded View of Evaluation Board Top Side.
Figure 3: AAT1149IJS Evaluation Board Bottom Side.
1149.2008.08.1.3
www.analogictech.com
13
PRODUCT DATASHEET
AAT1 149
SwitchRegTM 3MHz Fast Transient 400mA Step-Down Converter
1 2 3
Enable VIN C3
1
U1 AAT1149
8
R1 VOUT L1 C1 4.7F GND GND LX
EN
2
PGND
7
FB
3
PGND
6
IN
4
PGND
5
LX
AGND
R2 59k
C2 4.7F
U1 AAT1149 SC70JW-8 L1 CDRH2D09 or SD3112 C1,C2 4.7F 10V 0805 X5R Improved Transient Response Version C3 100pF C1 10F 10V 0805 X5R
Figure 4: AAT1149IJS Evaluation Board Schematic.
Figure 5: AAT1149IUV Evaluation Board Top Side.
Figure 6: AAT1149IUV Evaluation Board Bottom Side.
14
www.analogictech.com
1149.2008.08.1.3
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
VIN
4
3MHz Fast Transient 400mA Step-Down Converter
U1
5
L1 VOUT R1 adj R2 59k
IN
LX
EN
3 2 1 2
AAT1149IUV
EN FB
1
C3
C1 4.7F
C2 4.7F
GND
3
WLCSP-5
Figure 7: AAT1149IUV Evaluation Board Schematic.
The maximum output capacitor RMS ripple current is given by:
VOUT 1.5V R1 = V -1 * R2 = 0.6V - 1 * 59k = 88.5k REF
The AAT1149, combined with an external feedforward capacitor (C3 in Figure 4), delivers enhanced transient response for extreme pulsed load applications. The addition of the feedforward capacitor typically requires a larger output capacitor C1 for stability. R2 = 59k R1 (k)
29.4 39.2 49.9 59.0 68.1 78.7 88.7 118 124 137 187 267
IRMS(MAX) =
VOUT * (VIN(MAX) - VOUT) L * FS * VIN(MAX) 2* 3 *
1
Dissipation due to the RMS current in the ceramic output capacitor ESR is typically minimal, resulting in less than a few degrees rise in hot-spot temperature.
Feedback Resistor Selection
Resistors R1 and R2 of Figure 4 program the output to regulate at a voltage higher than 0.6V. To limit the bias current required for the external feedback resistor string while maintaining good noise immunity, the minimum suggested value for R2 is 59k. Although a larger value will further reduce quiescent current, it will also increase the impedance of the feedback node, making it more sensitive to external noise and interference. Table 2 summarizes the resistor values for various output voltages with R2 set to either 59k for good noise immunity or 221k for reduced no load input current.
VOUT (V)
0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.8 1.85 2.0 2.5 3.3
R2 = 221kW R1 (k)
113K 150K 187K 221K 261K 301K 332K 442K 464K 523K 715K 1.00M
Table 2: Feedback Resistor Values.
1149.2008.08.1.3
www.analogictech.com
15
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Thermal Calculations
There are three types of losses associated with the AAT1149 step-down converter: switching losses, conduction losses, and quiescent current losses. Conduction losses are associated with the RDS(ON) characteristics of the power output switching devices. Switching losses are dominated by the gate charge of the power output switching devices. At full load, assuming continuous conduction mode (CCM), a simplified form of the losses is given by:
3MHz Fast Transient 400mA Step-Down Converter
1. 2. The input capacitor (C2) should connect as closely as possible to IN (Pin 3) and PGND (Pins 6-8). C1 and L1 should be connected as closely as possible. The connection of L1 to the LX pin should be as short as possible. The feedback trace or FB pin (Pin 2) should be sepaate from any power trace and connect as closely as possible to the load point. Sensing along a highcurrent load trace will degrade DC load regulation. If external feedback resistors are used, they should be placed as closely as possible to the FB pin (Pin 2) to minimize the length of the high impedance feedback trace. The resistance of the trace from the load return to the PGND (Pins 6-8) should be kept to a minimum. This will help to minimize any error in DC regulation due to differences in the potential of the internal signal ground and the power ground. The pad on the PCB for the WLCSP-5 package should use NSMD (non-solder mask defined) configuration due to its tighter control on the copper etch process. A pad thickness of less than 1oz is recommended to achieve higher stand-off. A high density, small footprint layout can be achieved using an inexpensive, miniature, non-shielded, high DCR inductor, as shown in Figure 8.
3.
PTOTAL =
IO2 * (RDS(ON)H * VO + RDS(ON)L * [VIN - VO]) VIN
4.
+ (tsw * FS * IO + IQ) * VIN
IQ is the step-down converter quiescent current. The term tsw is used to estimate the full load step-down converter switching losses. For the condition where the step-down converter is in dropout at 100% duty cycle, the total device dissipation reduces to:
5.
PTOTAL = IO2 * RDS(ON)H + IQ * VIN
Since RDS(ON), quiescent current, and switching losses all vary with input voltage, the total losses should be investigated over the complete input voltage range. Given the total losses, the maximum junction temperature can be derived from the JA for the SC70JW-8 package which is 160C/W.
TJ(MAX) = PTOTAL * JA + TAMB
WLCSP Package Light Sensitivity
The electrical performance of the WLCSP package can be adversely affected by exposing the device to certain light sources such as direct sunlight or a halogen lamp whose wavelengths are red and infra-reds. However, fluorescent lighting has very little effect on the electrical performance of the WLCSP package.
Layout
The suggested PCB layout for the AAT1149 is shown in Figures 1, 2, and 3. The following guidelines should be used to help ensure a proper layout.
Figure 8: Minimum Footprint Evaluation Board Using 2.0x1.25x1.0mm Inductor.
16
www.analogictech.com
1149.2008.08.1.3
PRODUCT DATASHEET
AAT1 149
SwitchRegTM 3MHz Fast Transient 400mA Step-Down Converter
Step-Down Converter Design Example
Specifications
VO = 1.8V @ 400mA (adjustable using 0.6V version), Pulsed Load DILOAD = 300mA VIN = 2.7V to 4.2V (3.6V nominal) FS = 3.0MHz TAMB= 85C
1.8V Output Inductor
L1 = 1 s s VO = 1 1.8V = 1.8H (use 2.2H; see Table 1) A A
For Taiyo Yuden inductor CBC2518T2R2M, 2.2H, DCR = 130m.
IL1 =
VO V 1.8V 1.8V 1- O = 1= 156mA L1 FS VIN 2.2H 3.0MHz 4.2V
IPKL1 = IO +
IL1 = 0.4A + 0.078A = 0.478A 2
PL1 = IO2 DCR = 0.4A2 130m = 21mW
1.8V Output Capacitor
VDROOP = 0.1V
COUT = IRMS =
3 * ILOAD 3 * 0.3A = = 3.0F; use 4.7F VDROOP * FS 0.1V * 3.0MHz 1 2* 3 * (VO) * (VIN(MAX) - VO) 1 1.8V * (4.2V - 1.8V) * = 45mArms = L1 * FS * VIN(MAX) 2 * 3 2.2H * 3.0MHz * 4.2V
Pesr = esr * IRMS2 = 5m * (45mA)2 = 10W
1149.2008.08.1.3
www.analogictech.com
17
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Input Capacitor
Input Ripple VPP = 25mV
3MHz Fast Transient 400mA Step-Down Converter
CIN =
VPP IO
1 1 = = 1.45F; use 2.2F 25mV - 5m * 4 * 3.0MHz - ESR * 4 * FS 0.4A
IRMS =
IO = 0.2Arms 2
P = esr * IRMS2 = 5m * (0.2A)2 = 0.2mW
AAT1149 Losses (SC70JW-8 Package)
PTOTAL = IO2 * (RDS(ON)H * VO + RDS(ON)L * [VIN -VO]) VIN
+ (tsw * FS * IO + IQ) * VIN
=
0.42 * (0.725 * 1.8V + 0.7 * [4.2V - 1.8V])
4.2V
+ (5ns * 3MHz * 0.4A + 70A) * 4.2V = 140mW TJ(MAX) = TAMB + JA * PLOSS = 85C + (160C/W) * 140mW = 107C
18
www.analogictech.com
1149.2008.08.1.3
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Adjustable Version (0.6V device) VOUT (V)
1.0 1.2 1.5 1.8 2.5 3.3
3MHz Fast Transient 400mA Step-Down Converter
R2 = 59k1 R1 (k)
39.2 59.0 88.7 118 187 267
R2 = 221k1 R1 (k)
150 221 332 442 715 1000
L1 (H)
1.0 1.2 1.5 1.8 2.2 3.3
Table 3: Evaluation Board Component Values. Rated Current (mA)
660 520 410 600 550 450 1000 890 590 520 480 440 400 485 445 425 375 980 830 720 630 510 430
Manufacturer
Part Number/Type
BRC1608
Inductance (H)
0.77 1.0 1.5 1.5 2.2 3.3 1.0 2.2 1.2 1.5 1.8 2.5 3.0 1.0 1.5 2.2 3.3 0.68 0.82 1.2 1.5 2.2 3.3
DCR ()
110 180 300 200 250 350 80 130 97.5 110 131 150 195 300 400 480 600 31 54 75 104 116 139
Size (mm) LxWxH
0603 (HMAX = 1mm) 0805 (HMAX = 1mm) 2.5x1.8x1.8
Taiyo Yuden
BRL2012 CBC2518 Wire Wound Chip CDRH2D09 Shielded
Sumida
3.2x3.2x1.0
Murata
LQH2MCN4R7M02 Unshielded
2.0x1.6x0.95
Coiltronics
SD3118 Shielded
3.15x3.15x1.2
Table 4: Typical Surface Mount Inductors. Manufacturer
Murata Murata Murata
Part Number
GRM219R61A475KE19 GRM21BR60J106KE19 GRM185R60J475M
Value
4.7F 10F 4.7F
Voltage
10V 6.3V 6.3V
Temp. Co.
X5R X5R X58
Case
0805 0805 0603
Table 5: Surface Mount Capacitors.
1. For reduced quiescent current, R2 = 221k.
1149.2008.08.1.3
www.analogictech.com
19
PRODUCT DATASHEET
AAT1 149
SwitchRegTM
Ordering Information
Output Voltage1
0.6; Adj 1.0 0.6; Adj 1.0
3MHz Fast Transient 400mA Step-Down Converter
Package
SC70JW-8 WLCSP-5
Marking2
RGXYY RGYW4
Part Number (Tape and Reel)3
AAT1149IJS-0.6-T1 AAT1149IUV-0.6-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/about/quality.aspx.
Package Information
SC70JW-8
0.50 BSC 0.50 BSC 0.50 BSC
1.75 0.10 0.225 0.075 2.00 0.20
2.20 0.20
0.048REF 0.15 0.05
0.85 0.15
1.10 MAX
0.100
7 3
0.45 0.10 2.10 0.30
4 4
All dimensions in millimeters.
1. 2. 3. 4.
Contact Sales for other voltage options. XYY = assembly and date code. Sample stock is generally held on part numbers listed in BOLD. YW = date code (year, week) for WLCSP-5 package.
20
www.analogictech.com
0.05 0.05
1149.2008.08.1.3
PRODUCT DATASHEET
AAT1 149
SwitchRegTM 3MHz Fast Transient 400mA Step-Down Converter
WLCSP-5
0.910 0.035 0.400 BSC 0.180 + 0.030 - 0.025 0.380 0.300 Line_1: Part Code Line_2: Year Code + Date Code
Line_1
Line_2
C
0.4
00
0.300
BS
0.070 0.140 o 0.2 (Ref.) Pin 1 indication
60
0.200 0.030
Bottom View
1.235 0.035
0.693 BSC
Side View
Top View
End View
Advanced Analogic Technologies, Inc. 3230 Scott Boulevard, Santa Clara, CA 95054 Phone (408) 737-4600 Fax (408) 737-4611
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Except as provided in AnalogicTech's terms and conditions of sale, AnalogicTech assumes no liability whatsoever, and AnalogicTech disclaims any express or implied warranty relating to the sale and/or use of AnalogicTech products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. In order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed. AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are registered trademarks or trademarks of their respective holders.
1149.2008.08.1.3
www.analogictech.com
+ 0.030 0.580 -0.070
21


▲Up To Search▲   

 
Price & Availability of AAT1149IUV-06-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X