Part Number Hot Search : 
CF50603 B360B 2SD12 MHW1915 HEF4086B 5NF06 M27V512 FST20150
Product Description
Full Text Search
 

To Download 6HP04SS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA1041
6HP04SS
SANYO Semiconductors
DATA SHEET
P-Channel Silicon MOSFET
6HP04SS
Features
* *
General-Purpose Switching Device Applications
4V drive. Halogen free compliance.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% When mounted on glass epoxy substrate (145mm80mm1.6mm) Conditions Ratings --60 20 --120 --480 0.15 150 --55 to +150 Unit V V mA mA W C C
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 Ciss Coss Crss Conditions ID=-1mA, VGS=0V VDS=-60V, VGS=0V VGS=16V, VDS=0V VDS=-10V, ID=-100A VDS=-10V, ID=--60mA ID=-60mA, VGS=-10V ID=-30mA, VGS=-4V VDS=-20V, f=1MHz VDS=-20V, f=1MHz VDS=-20V, f=1MHz --1.2 100 180 5.1 6.8 13.5 3.4 1.3 6.6 9.6 Ratings min --60 --1 10 --2.6 typ max Unit V A A V mS pF pF pF
Marking : XU
Continued on next page.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
20608PE TI IM TC-00001178 No. A1041-1/4
6HP04SS
Continued from preceding page.
Parameter Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=-30V, VGS=-10V, ID=-120mA VDS=-30V, VGS=-10V, ID=-120mA VDS=-30V, VGS=-10V, ID=-120mA IS=--120mA, VGS=0V Ratings min typ 36.5 38 455 160 1.6 0.4 0.16 -0.85 --1.2 max Unit ns ns ns ns nC nC nC V
Package Dimensions
unit : mm (typ) 7029-003
Top View 1.4
Switching Time Test Circuit
VIN 0V --10V VIN ID= --60mA RL=500 VOUT VDD= --30V
0.3
D
PW=10s D.C.1%
0.25 3
1.4
0.8
G
1 2 0.2 0.45 0.1
Rg
0.3
P.G
6HP04SS 50
S
0.6
1
2
0.07
Rg=5k
3 Bottom View
0.07
1 : Gate 2 : Source 3 : Drain SANYO : SSFP
--120
ID -- VDS
0V
.0V -10 .0V --8 .
--120
ID -- VGS
VDS= --10V
--5 .0V --4 .
. --3
0V
--100
--100
0V
Drain Current, ID -- mA
Drain Current, ID -- mA
--80
--80
--1 5
--60
--2.5 V GS=
V
--60
0 0 --0.2 --0.4 --0.6 --0.8 --1.0 IT10865
0 0 --0.5 --1.0 --1.5 --2.0 --2.5 --3.0 --3.5
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Ta= 7
--20
--20
25C --25C
--40
--40
5C
IT10866
No. A1041-2/4
6HP04SS
14
RDS(on) -- VGS
Ta=25C
14
RDS(on) -- Ta
Static Drain-to-Source On-State Resistance, RDS(on) --
--60mA
10
Static Drain-to-Source On-State Resistance, RDS(on) --
12
12
10
8
8
= -V GS
4
-I= V, D
30m
A
6
ID= --30mA
6
= -V GS
10
-I= V, D
60m
A
4
4
2 0 0 --2 --4 --6 --8 --10 --12 --14 --16 --18 --20
2 0 --60
--40
--20
0
20
40
60
80
100
120
140
160
Gate-to-Source Voltage, VGS -- V
7
IT10867 --1000 7 5 3 2
Ambient Temperature, Ta -- C
IT10868
yfs -- ID
IS -- VSD
VGS=0V
Forward Transfer Admittance, yfs -- mS
5 3 2
VDS= --10V
Source Current, IS -- mA
100 7 5 3 2
= Ta
--2
C 5
C 75
25
C
--100 7 5 3 2 --10 7 5 3 2
Ta=7 5C
--0.4
--1.0 7 5 3 2 --0.1 --0.2
10 --1.0
2
3
5
7 --10
2
3
5
7 --100
2
3
5
7
--0.6
--25C
--0.8
25C
--1.0
--1.2
--1.4 IT10870
Drain Current, ID -- mA
1000 7
IT10869 3 2
SW Time -- ID
td(off)
Ciss, Coss, Crss -- VDS
f=1MHz Ciss
Diode Forward Voltage, VSD -- V
VDD= --30V VGS= --10V
Switching Time, SW Time -- ns
5 3 2
Ciss, Coss, Crss -- pF
10 7 5
tf
100 7 5 3 2 --0.01 2 3 5 7 2 3 5 7
Coss
3 2
tr
td(on)
1.0 7
Crss
--0.1
0
--5
--10
--15
--20
--25
--30 IT10872
Drain Current, ID -- A
--10 --9
IT10871 0.18
VGS -- Qg
Drain-to-Source Voltage, VDS -- V
PD -- Ta
Allowable Power Dissipation, PD -- W
Gate-to-Source Voltage, VGS -- V
VDS= --30V ID= --120mA
--8 --7 --6 --5 --4 --3 --2 --1 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.16 0.15 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0 0 20 40
When mounted on glass epoxy substrate (145mm80mm1.6mm)
60
80
100
120
140
160
Total Gate Charge, Qg -- nC
IT10873
Ambient Temperature, Ta -- C
IT13270
No. A1041-3/4
6HP04SS
Note on usage : Since the 6HP04SS is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of February, 2008. Specifications and information herein are subject to change without notice.
PS No. A1041-4/4


▲Up To Search▲   

 
Price & Availability of 6HP04SS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X