Part Number Hot Search : 
KJ12ETT 487LI 440GX HM7550 DY10F 29333C 128128A 60R199
Product Description
Full Text Search
 

To Download 3DD303A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
3DD303A
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 40V(Min) *Collector-Emitter Saturation Voltage: VCE(sat)= 1.5V(Max) @IC= 3A
APPLICATIONS *Designed for B/W TV vertical output applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current-Continuous Collector Power Dissipation @ TC=75 Junction Temperature
3
A
PC
30
W
TJ
150
Tstg
Storage Temperature Range
-55~150
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 2.5 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
3DD303A
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 5mA; IB= 0
B
40
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
4
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
60
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.3A
B
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 3A; IB= 0.3A
B
1.5
V
ICBO
Collector Cutoff Current
VCB= 50V; IE= 0
0.5
mA
ICEO
Collector Cutoff Current
VCE= 25V; IB= 0
B
0.1
mA
hFE
DC Current Gain
IC= 2A; VCE= 5V
40
250
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 3DD303A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X