Part Number Hot Search : 
APT8065 5ETTT Z5225 S72N27SF AT1396X CXA2040 TDA9809M KSD471A
Product Description
Full Text Search
 

To Download 2SK2869 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
N-Channel Silicon MOSFET 2SK2869
IC MOSFET
Features
Low on-resistance RDS = 0.033 typ.
+0.15 6.50-0.15 +0.2 5.30-0.2
TO-252
+0.15 1.50-0.15
+0.1 2.30-0.1 +0.8 0.50-0.7
Unit: mm
High speed switching
+0.2 9.70-0.2
4V gate drive device can be driven from 5V source
+0.1 0.80-0.1
+0.15 0.50-0.15
0.127 max
+0.28 1.50-0.1
+0.25 2.65-0.1
+0.15 5.55-0.15
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
1 Gate 2 Drain 3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Symbol VDSS VGSS ID Idp * PD Tch Tstg Rating 60 20 20 80 30 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain to source breakdown voltage Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol VDSS IDSS IGSS VGS(off) Yfs RDS(on) Ciss Coss Crss ton tr toff tf ID=10A,VGS(on)=10V,RL=3 VDS=20V,VGS=0,f=1MHZ Testconditons ID=10mA,VGS=0 VDS=60V,VGS=0 VGS= 16V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=10A VGS=10V,ID=10A VGS=4V,ID=10A 1.5 10 16 0.033 0.045 0.055 740 380 140 10 110 105 120 0.07 pF pF pF ns ns ns ns Min 60 10 10 2.5 Typ Max Unit V A A V S
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK2869

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X