Part Number Hot Search : 
NTE17 GPZ20G 5011B 10C10 MPSW56 XP2501 RJH60D D3620
Product Description
Full Text Search
 

To Download 2SK2414 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK2414
IC MOSFET
Features
Low On-Resistance RDS(on)1 = 70 m RDS(on)2 = 95 m MAX. (@ VGS = 10 V, ID = 5.0 A) MAX. (@ VGS = 4 V, ID = 5.0 A)
+0.15 6.50-0.15 +0.2 5.30-0.2
TO-252
+0.15 1.50-0.15
+0.1 2.30-0.1 +0.8 0.50-0.7
Unit: mm
+0.2 9.70-0.2
+0.1 0.80-0.1
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50-0.1
+0.25 2.65-0.1
High Avalanche Capability Ratings
+0.15 0.50-0.15
Built-in G-S Gate Protection Diodes
0.127 max
+0.15 5.55-0.15
1 Gate 2 Drain 3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Symbol VDSS VGSS ID Idp * PD Tch Tstg Rating 60 20 10 40 20 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS Testconditons VDS=60V,VGS=0 VGS= 20V,VDS=0 1.0 7.0 1.6 12 52 68 860 VDS=10V,VGS=0,f=1MHZ 440 110 15 ID=5A,VGS(on)=10V,RG=10 ,VDD=30V 90 75 35 70 95 Min Typ Max 10 10 2.0 Unit A A V S m m pF pF pF ns ns ns ns
VGS(off) VDS=10V,ID=1mA Yfs RDS(on) Ciss Coss Crss ton tr toff tf VDS=10V,ID=5A VGS=10V,ID=5A VGS=4V,ID=5A
3.80
Low Ciss Ciss = 840 pF TYP.
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK2414

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X