Part Number Hot Search : 
TLHF5400 LB064V02 AC128 01010 P6SMB91 THP25A 7078AF1 N4004G
Product Description
Full Text Search
 

To Download 2SK2329S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon N-Channel MOSFET 2SK2329S
IC MOSFET
Features
Low on-resistance High speed switching Low drive current
+0.2 9.70-0.2
+0.15 6.50-0.15 +0.2 5.30-0.2
TO-252
+0.15 1.50-0.15
+0.1 2.30-0.1 +0.8 0.50-0.7
Unit: mm
2.5 V gate drive device can be driven from 3 V source Suitable for Switching regulator, DC-DC converter
+0.1 0.80-0.1
+0.15 0.50-0.15
0.127 max
+0.28 1.50-0.1
+0.25 2.65-0.1
+0.15 5.55-0.15
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
1 Gate 2 Drain 3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Symbol VDSS VGSS ID Idp * PD Tch Tstg Rating 30 10 10 40 20 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain to source breakdown voltage Gate to source voltage Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol VDSS VGSS IDSS IGSS Testconditons ID=10mA,VGS=0 IG= 200 A,VGS=0 VDS=25V,VGS=0 VGS= 6.5V,VDS=0 0.4 10 18 0.03 0.04 1250 VDS=10V,VGS=0,f=1MHZ 540 120 20 ID=5A,VGS(on)=4V,RL=2 145 225 125 0.04 0.06 pF pF pF ns ns ns ns Min 30 10 100 10 1.4 Typ Max Unit V V A A V S
VGS(off) VDS=10V,ID=1mA Yfs RDS(on) Ciss Coss Crss ton tr toff tf VDS=10V,ID=5A VGS=4V,ID=5A VGS=2.5V,ID=5A
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK2329S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X