|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMD Type MOS Field Effect Transistor 2SK2033 IC MOSFET Features High input impedance. Low gate threshold voltage :Vth=0.5 to 1.5V +0.1 2.4-0.1 SOT-23 +0.1 2.9-0.1 +0.1 0.4-0.1 Unit: mm Enhancement-Mode +0.1 1.3-0.1 1 +0.1 0.95-0.1 +0.1 1.9-0.1 2 0.55 0.4 3 +0.05 0.1-0.01 +0.1 0.97-0.1 1.Base 1. Gate 2.Emitter 2. Source +0.1 0.38-0.1 0-0.1 3. Drain 3.collector Absolute Maximum Ratings Ta = 25 Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature Symbol VDSS VGSS ID PD Tch Tstg Rating 20 10 100 200 150 -55 to +150 Unit V V mA mW Electrical Characteristics Ta = 25 Parameter Drain cut-off current Gate leakage current Gate threshold voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Turn-off delay time Symbol IDSS IGSS Vth Yfs Testconditons VDS=10V,VGS=0 VGS=20V,VDS=0 VDS=3V,ID=0.1mA VDS=3V,ID=10mA 0.5 25 50 8 8.5 VDS=3V,VGS=0,f=1MHZ 3.3 9.3 ID=10mA,VGS(on)=2.5V,VDD=3V 0.16 0.15 12 pF pF pF s s Min Typ Max 1 1 1.5 Unit A A V ms RDS(on) VGS=2.5V,ID=10mA Ciss Coss Crss td(on) td(off) Marking Marking KP www.kexin.com.cn 1 |
Price & Availability of 2SK2033 |