Part Number Hot Search : 
TIL111SD SG260 A2024 C4630 KSC5039 IT8706R 2SJ46407 20000
Product Description
Full Text Search
 

To Download 2SD780 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Epitaxia 2SD780
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors IC
Unit: mm
Features
+0.1 2.4-0.1
Micro package. High DC current gain. hFE: 200TYP.(VCE=1.0V,IC=50mA).
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation at 25 ambient temperature Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PT Tj Tstg Rating 60 60 5.0 300 200 150 -55 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain * Base to emitter voltage * Collector saturation voltage * Output capacitance Gain bandwidth product * Pulsed: PW 350 is, duty cycle 2% Symbol ICBO IEBO hFE VBE Testconditons VCB = 50 V, IE = 0 VEB = 5.0 V, IC = 0 VCE = 1.0 V, IC = 50 mA VCE = 6.0 V, IC = 10 mA 110 600 200 645 0.15 7.0 140 Min Typ Max 100 100 400 700 0.6 mV V pF MHz Unit nA nA
VCE(sat) IC = 300 mA, IB = 30 mA Cob fT VCB = 6.0 V, IE = 0 , f = 1.0 MHz VCE = 6.0 V, IE = -10 mA
hFE Classification
Marking hFE DW1 110 180 DW2 135 220 DW3 170 270 DW4 200 320 DW5 250 400
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD780

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X