Part Number Hot Search : 
LTC3418 IRF730 IRF1404 C3510 SN67D07 MPC852 232AM TS241808
Product Description
Full Text Search
 

To Download 2SD718 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD718
DESCRIPTION With TO-3P(I) package Complement to type 2SB688 APPLICATIONS Power amplifier applications Recommend for 45~50W audio frequency amplifier output stage
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PT Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 120 Collector-base voltage Open emitter Collector-emitter voltage Open base 120 5 Emitter-base voltage Open collector Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25ae 8 0.8 80 150 -55~150
UNIT V V V A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Base-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA ,IB=0 IC=5A; IB=0.5A IC=5A ; VCE=5V VCB=120V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=1A ; VCE=5V IE=0 ; VCB=10V ;f=1MHz 55 12 170 MIN 120 TYP.
2SD718
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE fT Cob
MAX
UNIT V
2.5 1.5 10 10 160 |I |I
V V A A
MHz pF
hFE Classifications R 55-110 O
TOR NDU ICO E SEM ANG INCH
80-160
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD718
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions(unindicated tolerance:A 0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD718
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SD718

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X