Part Number Hot Search : 
5N50N 1N5237B TPS0402 BD536J RT9271 DTRPBF MC1320 21170C
Product Description
Full Text Search
 

To Download 2SD476 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD476 2SD476A
DESCRIPTION With TO-220C package Complement to type 2SB566/566A APPLICATIONS For low frequency power amplifier power switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO PARAMETER
VCEO
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 70 Collector-base voltage Open emitter 2SD476 50 Collector-emitter voltage Open base 2SD476A 60 5 4 8 TC=25ae 40 150 -55~150 Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature Open collector
UNIT V
V
VEBO IC ICM PC Tj Tstg
V A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-base breakdown voltage 2SD476 IC=50mA; RBE= 2SD476A V(BR)EBO VCEsat VBEsat ICBO hFE-1 hFE-2 fT Emitter-base breakdown votage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current DC current gain DC current gain IE=10|I A; IC=0 IC=10|I CONDITIONS A ; IE=0
2SD476 2SD476A
SYMBOL V(BR)CBO
MIN 70 50
TYP.
MAX
UNIT V
V(BR)CEO
Collector-emitter breakdown voltage
V 60 5 1.0 1.2 1 35 60 |I V V V A
IC=2 A;IB=0.2 A IC=2 A;IB=0.2 A VCB=50V; IE=0 IC=0.1A ; VCE=4V IC=1A ; VCE=4V
Switching times ton toff tstg
NDU ICO E SEM ANG INCH
Transition frequency IC=0.5A ; VCE=4V Turn-on time Turn-off time IC=0.5A ; VCC=10.5V IB1=-IB2=0.05 A Storage time
TOR
200 7 0.3 3.0 2.5
MHz
|I |I |I
s s s
hFE-2 classifications B 60-120 C 100-200
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD476 2SD476A
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions (unindicated tolerance:A 0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD476 2SD476A
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SD476

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X