Part Number Hot Search : 
LTC1655 MAX756 XP6114 RB751 USD3045C MAX96 STZ8082 36445
Product Description
Full Text Search
 

To Download 2SD1899-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Epitaxial Transistor 2SD1899-Z
TO-252
+0.15 1.50 -0.15
Transistors
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
6.50 +0.2 5.30-0.2
+0.15 -0.15
Features
Low VCE(sat).
+0.2 9.70 -0.2
High hFE.
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector Current (pulse) *1 Base current Total power dissipation Ta = 25 Total power dissipation TC = 25 Junction temperature Storage temperature *1 Pulse Test PW 10ms, Duty Cycle 50%. Symbol VCBO VCEO VEBO IC ICP IB PT *2 PT Tj Tstg Rating 60 60 7 3 5 0.5 2 10 150 -55 to +150 Unit V V V A A A W W
*2 Mounted on ceramic substrate of 7.5mm2x0.7mm
3.80
www.kexin.com.cn
1
SMD Type
2SD1899-Z
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current Symbol ICBO IEBO Testconditons VCB = 60 V, IE = 0 VEB = 7 V, IC = 0 VCE = 2V, IC = 0.2 A DC current gain * hFE VCE = 2V, IC = 0.6 A VCE = 2V, IC = 2.0 A Collector saturation voltage * Base saturation voltage * Gain bandwidth product Output capacitance Turn-on time Storage time Fall time * Pulsed: PW 350 is, duty cycle 2% VCE(sat) IC = 1.5 A, IB = 0.15 A VBE(sat) IC = 1.5 A, IB = 0.15 A fT Cob ton tstg tf VCE = 5 V, IE = -1.5 A VCB = 10 V, IE = 0, f = 1.0 MHz IC = 1 A,VCC = 10 V IB1=-IB2=0.1A RL=10U
Transistors
Min
Typ
Max 10 10
Unit is iA
60 100 50 0.14 0.93 120 30 0.15 0.75 0.2 0.5 2 0.5 0.25 1.2 V V MHz pF is is is 400
hFE Classification
Marking hFE M 100 200 L 160 320 K 200 400
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SD1899-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X