Part Number Hot Search : 
RS5C316 CLM4321 98463 BTS824R DL5711 M32F10 SP485EE ZL50052
Product Description
Full Text Search
 

To Download 2SD1898 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Power Transistor 2SD1898
Transistors
Features
High VCEO, VCEO=80V . High IC, IC=1A (DC) . Good hFE linearity . Low VCE (sat) .
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Symbol VCBO VCEO VEBO IC IC (Pulse) * Collector power dissipation Junction temperature Storage temperature *1. Pw=20ms. *2. 40X40X0.7mm Ceramic board. PC PC *2 Tj Tstg
1
Rating 120 80 5 1 2 0.5 2 150 -55 to +150
Unit V V V A A W W
Electrical Characteristics Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector-emitter saturation voltage Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE IC=50iA IC=1mA IE=50iA VCB=100V VEB=4V VCE=3V,IC=0.5A 82 0.15 100 20 Testconditons Min 120 80 5 1 1 390 0.4 V MHz pF Typ Max Unit V V V iA iA
VCE(sat) IC=500mA,IB=20mA fT Cob VCE=10V, IE= -50mA, f=100MHz VCB=10V, IE=0A, f=1MHz
hFE Classification
Marking Rank hFE P 82 180 DF Q 120 270 R 180 390
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD1898

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X