Part Number Hot Search : 
3005F 4DFT1G OP4006B1 TL406 MC44802 CXP88340 EMI1812 SRUDH
Product Description
Full Text Search
 

To Download 2SD1895 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
DESCRIPTION With TO-3PFa package High DC current gain Low collector saturation voltage Complement to type 2SB1255 APPLICATIONS Power amplification Optimum for 90W high-fidelity output applications
PINNING PIN 1 2 3 Base Collector DESCRIPTION
2SD1895
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICP PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 160 Collector-base voltage Open emitter Collector-emitter voltage Open base 140 5 15 8 TC=25ae 100 Emitter-base voltage Collector current Collector current-peak Open collector
Emitter
UNIT V V V A A
PC
Collector power dissipation 3
W
Tj Tstg
Junction temperature Storage temperature
150 -55~150
ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
2SD1895
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=30mA ; IB=0 IC=7A ;IB=7mA IC=7A ;IB=7mA VCB=160V; IE=0 VCE=140V; IB=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=7A ; VCE=5V 2000 5000 30000 MHz MIN 140 2.5 3.0 100 100 100 |I |I |I TYP. MAX UNIT V V V A A A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO ICEO IEBO hFE-1 hFE -2 fT
Switching times ton tstg tf
TOR NDU ICO E SEM ANG INCH
Transition frequency IC=0.5A ; VCE=10V;f=1MHz 20 Turn-on time Storage time 2.0 IC=7A; VCC=50V IB1=-IB2=7mA 6.0 Fall time 1.2
|I |I |I
s s s
hFE-2 classifications Q 5000-15000 P 8000-30000
2
Inchange Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
PACKAGE OUTLINE
2SD1895
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions (unindicated tolerance:A 0.30mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1895

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X