Part Number Hot Search : 
122MPD BIP015DU XXXMCXX FM250 ADV7312 PA142 KBPC35 205S35
Product Description
Full Text Search
 

To Download 2SD1619 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
NPN Epitaxial Planar Silicon Transistor 2SD1619
Features
Very small size making it easy to provide highdensity, small-sized hybrid IC' s.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation Junction temperature Storage temperature * Mounted on ceramic board(250mm2X0.8mm) Symbol VCBO VCEO VEBO IC ICP PC PC * Tj Tstg Rating 25 25 5 1 2 500 1.3 150 -55 to +150 Unit V V V A A mW W
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain Gain bandwidth product Output capacitance Collector-emitter saturation voltage Base-emitter saturation voltage Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Symbol ICBO IEBO hFE fT Cob Testconditons VCB = 20 V, IE=0 VEB = 4 V, IC=0 VCE = 2 V , IC = 50 mA VCE = 10 V , IC = 50 mA VCB = 10 V , f = 1.0MHz 100 180 15 0.1 0.85 25 25 5 0.3 1.2 Min Typ Max 0.1 0.1 560 MHz pF V V V V V Unit iA iA
VCE(sat) IC = 500 mA , IB = 50 mA VBE(sat) IC = 500 mA , IB = 50 mA V(BR)CBO IC = 10iA , IE = 0 V(BR)CEO IC = 1mA , RBE = V(BR)EBO IE = 10iA , IC = 0
hFE Classification
Marking Rank hFE R 100 200 S 140 280 DB T 200 400 U 280 560
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD1619

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X