Part Number Hot Search : 
NPO0402A S5M62GR MMZ0603 F12NK60 RF316506 74477410 CS5343 FAMDM15J
Product Description
Full Text Search
 

To Download 2SD1280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon NPN Epitaxial Planar Type 2SD1280
Transistors
Features
Low collector-emitter saturation voltage VCE(sat). Satisfactory operation performances at high efficiency with the lowvoltage power supply.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 20 20 5 1 2 1 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector-emitter voltage Emitter-base voltage Collector-base cutoff current Forward current transfer ratio Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Symbol VCEO VEBO ICBO hFE Testconditons IC = 1 mA, IB = 0 IE = 10 iA, IC = 0 VCB = 10 V, IB = 0 VCE = 2 V, IC = 0.5 A VCE = 2 V, IC = 1.5 A VCE(sat) IC = 1 A, IB = 50 mA VBE(sat) IC = 500 mA, IB = 50 mA fT Cob VCB = 6 V, IE = -50 mA, f = 200 MHz VCB = 6 V, IE = 0, f = 1 MHz 150 18 90 50 0.5 1.2 V V MHz pF Min 20 5 1 280 Typ Max Unit V V iA
hFE Classification
Marking Rank hFE Q 90 155 R R 130 210 S 180 280
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD1280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X