Part Number Hot Search : 
0N06S CR5CS 76CKE45 HIP9010 2SC2898 5KP180A 79H0005 MHR30V
Product Description
Full Text Search
 

To Download 2SC643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC643
DESCRIPTION With TO-3 package High voltage,high reliability Low collector saturation voltage APPLICATIONS For color TV horizontal output applications
PINNING(see fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg

PARAMETER
ANG INCH
Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature
Collector-base voltage
EMIC ES
Open emitter Open base Open collector
CONDITIONS
OND
TOR UC
VALUE 1100 600 5 2.5
UNIT V V V A W ae ae
TC=25ae
50 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SC643
SYMBOL
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA; IB=0
600
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA; IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=2A; IB=0.6A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=2A; IB=0.6A
1.5
V
ICBO
Collector cut-off current
VCB=500V;IE=0
10
|I
A
IEBO
Emitter cut-off current
VEB=5V; IC=0
100
|I
A
hFE
DC current gain
fT
Transition frequency
ANG CH
IC=2A ; VCE=15V
7
IC=0.1A ; VCE=10V
IN
EMIC ES
DUC ON
2
TOR
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC643
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X