Part Number Hot Search : 
20301 STM1815T TPA6120 500765 BCR16HM MTSS320A 20CTR 6100CT
Product Description
Full Text Search
 

To Download 2SC4762 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4762
DESCRIPTION With TO-3P(H)IS package High voltage,high speed Low saturation voltage Bult-in damper diode APPLICATIONS Horizontal deflection output for medium resolution display
PINNING PIN 1 2 3 Base Collector DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 1500 600 5 Collector-base voltage Open emitter Collector-emitter voltage Open base Emitter-base voltage Open collector Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25ae A A 7 14 3.5 50 150 -55~150
Emitter
Fig.1 simplified outline (TO-3P(H)IS) and symbol
UNIT V V V A A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4762
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Collector output capacitance Diode forward voltage Transition frequency CONDITIONS IE=300mA ;IC=0 IC=5A; IB=1A IC=5A ;IB=1A VCB=1500V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IE=0 ; VCB=10V,f=1MHz 83 8 5 170 12 9 pF V MHz MIN 5 5 1.5 1 250 TYP. MAX UNIT V V V mA mA
SYMBOL V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob VF fT
Switching times resistive load ts tf Storage time
TOR NDU ICO E SEM ANG INCH
IF=5A 1.25 3 IC=0.1A ; VCE=10V 1 Fall time ICP=5A;IB1=1A IB2=-2A; RL=39| 1.8 0.1
1.8
3.0 |I
|I
s s
0.2
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4762
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions (unindicated tolerance:A 0.20 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4762
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SC4762

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X