Part Number Hot Search : 
ASI10597 T74FS 2SD382 UG1005 IMP1233D ADN2849 BY254GP LBC847C
Product Description
Full Text Search
 

To Download 2SC4512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4512
DESCRIPTION With TO-220C package Complement to type 2SA1726 APPLICATIONS Audio and General Purpose
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 120 80 6 Collector-base voltage Open emitter Collector-emitter voltage Open base Emitter-base voltage Open collector Collector current 6 Base current Collector dissipation Junction temperature Storage temperature TC=25ae 3 50 150 -55~150
UNIT V V V A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4512
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Collertor output capacitance Transition frequency CONDITIONS IC=25mA; RBE= IC=5A; IB=0.2A VCB=120V ;IE=0 VEB=6V; IC=0 IC=2A ; VCE=4V f=1MHz; VCB=10V IE=-0.5A ; VCE=12V 50 110 20 pF MHz MIN 80 0.5 10 10 |I |I TYP. MAX UNIT V V A A
SYMBOL V(BR)CEO VCE(sat) ICBO IEBO hFE COB fT
Switching times ton tstg tf
hFE Classifications O 50-100 P 70-140
TOR NDU ICO E SEM ANG INCH
Turn-on time 0.16 2.60 Storage time Fall time VCC=30V; IC=3A IB1=-IB2=0.3A RL=10| 0.34 |I
|I |I
s s s
Y 90-180
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4512
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions (unindicated tolerance:A 0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4512
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SC4512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X