Part Number Hot Search : 
SERIES N2804AP TM128 MY51C SSS7N80A PG28512T RB480Y A3P060
Product Description
Full Text Search
 

To Download 2SC4511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4511
DESCRIPTION With TO-220F package Complement to type 2SA1725 APPLICATIONS Audio and general purpose
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 120 80 6 Collector-base voltage Open emitter Collector-emitter voltage Open base Emitter-base voltage Open collector Collector current 6 Base current Collector dissipation Junction temperature Storage temperature TC=25ae 3 30 150 -55~150
UNIT V V V A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=25mA ; IB=0 IC=2A; IB=0.2A VCB=120V; IE=0 VEB=6V; IC=0 IC=2A ; VCE=4V IE=0; VCB=10V;f=1MHz IE=-0.5A ; VCE=12V 50 110 20 MIN 80 TYP.
2SC4511
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE COB fT
MAX
UNIT V
0.5 10 10 180 |I |I
V A A
pF MHz
Switching times ton ts tf
hFE Classifications O 50-100 P
NDU ICO E SEM ANG INCH
Turn-on time Storage time IC=3.0A IB1=-IB2=0.3A VCC=30V ,RL=10| Fall time
0.16
2.60
TOR
|I |I
s |I s s
0.34
Y
70-140
90-180
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4511
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4511
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SC4511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X