Part Number Hot Search : 
LT1H51A UN1211 BUL52BFI ASY36 LT1949 PM2301 DS1227 2SK809
Product Description
Full Text Search
 

To Download 2SC4226 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Epitaxial Transistor 2SC4226
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
+0.1 2.4-0.1
Features
Low noise and high gain. NF = 1.2 dB Typ. @VCE = 3V, IC = 7 mA, f = 1.0 GHz High gain. |S21e|2 = 9.0 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
+0.1 0.38-0.1
0-0.1
1 Emitter 2Base Base 2
3 3Collector Collecotr 1 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current (DC) power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating 20 12 3.0 100 150 150 -65 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain * Insertion power gain Noise figure Reverse transfer capacitance Transition frequency *. Pulse measurement: PW 350 s, Duty Cycle Symbol ICBO IEBO hFE S21e NF Cre fT 2%.
2
Testconditons VCB = 10 V, IE = 0 VEB = 1.0 V, IC = 0 VCE = 3V, IC = 7 mA VCE = 3V, IC = 7 mA, f = 1 GHz VCE = 3 V, IC = 7 mA, f = 1 GHz VCB = 3 V, IE = 0 , f = 1 MHz VCE =3V, IC = 7 mA
Min
Typ
Max 1.0 1.0
Unit A A
40 7
110 9 1.2 0.7
250 dB 2.5 1.5 dB pF GHz
3.0
4.5
hFE Classification
Marking Rank hFE R23 R23 40 80 R24 R24 70 140 R25 R25 125 250
www.kexin.com.cn www.kesenes.com
1


▲Up To Search▲   

 
Price & Availability of 2SC4226

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X