Part Number Hot Search : 
BUZ50B BLV100 N5392 PELC5 TEA1083A LC75842M RPM42BD MAX1665S
Product Description
Full Text Search
 

To Download 2SC3710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3710
DESCRIPTION With TO-220Fa package Complement to type 2SA1452 Low collector saturation voltage High speed switching time APPLICATIONS High current switching applications
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-220Fa) and symbol Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg

PARAMETER
CHA IN
Collector current Base current Collector dissipation
Collector-base voltage
Collector-emitter voltage
E SEM NG
Open base
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 80 80 6 12 2
UNIT V V V A A W ae ae
Emitter-base voltage
Open collector
TC=25ae
30 150 -55~150
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=50mA ;IB=0 IC=6A;IB=0.3A IC=6A;IB=0.3A VCB=80V; IE=0 VEB=6V; IC=0 IC=1A ; VCE=1V IC=6A ; VCE=1V IE=0 ; VCB=10V, f=1MHz IC=1A ; VCE=5V 70 40 MIN 80 0.2 0.9
2SC3710
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 COB fT
TYP.
MAX
UNIT V
0.4 1.2 10 10 240 |I |I
V V A A
Switching times ton ts tf
Fall time

CHA IN
Turn-on time Storage time
E SEM NG
OND IC
TOR UC
80 0.2 1.0 0.2
220
pF MHz
|I |I |I
s s s
IB1=-IB2=0.3A VCCO 30V ,RL=5|
hFE-1 Classifications O 70-140 Y 120-240
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3710

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3710

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC3710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X