Part Number Hot Search : 
FDC6401N 1N3477A 25TTS P1402AL AG2401CI VF040 AD7247KR FDC6392S
Product Description
Full Text Search
 

To Download 2SC3588-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
NPN Silicon Triple Diffused Transistor 2SC3588-Z
TO-252
+0.15 1.50 -0.15
Unit: mm
+0.1 2.30-0.1 +0.8 0.50-0.7
Features
High voltage VCEO=400V
+0.2 9.70 -0.2
+0.15 6.50-0.15 +0.2 5.30-0.2
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current *1 Collector current Total power dissipation Junction temperature Storage temperature *1 pw 10ms,Duty cycle 50% *2 when mounted on ceramic substrate of 7.5cm2X0.7mm TC = 25 *2 Symbol VCBO VCES VEBO ICP IC PT Tj Tstg Rating 500 400 7 1 0.5 2 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain * Collector Saturation Voltage * Base Saturation Voltage * Turn-on Time Storage Time Fall Time * Pulsed: PW 350iA,Duty Cycle 2% Symbol ICBO IEBO hFE VCE(sat) VBE(sat) ton tstg tr Testconditons VCB=400V,IE=0 VEB=5.0V,IC=0 VCE=5V,IC=50mA VCE=5V,IC=300mA IC=300mA,IB=60mA IC=300mA,IB=60mA IC=0.3A,RL=500U,VCC=150V, PW=50is,IB1=-IB2=0.06A Duty Cycle 2% 20 10 42 20 0.2 0.85 0.12 2.0 0.35 0.5 1.0 1.0 2.5 1.0 is V V Min Typ Max 10 10 80 Unit iA iA
hFE Classification
Marking hFE M 20 to 40 L 30 to 60 K 40 to 80
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC3588-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X