Part Number Hot Search : 
RPM72 78LXX CY7C14 PA1A68 IDT74 DM160 A330HU3 MMSZXVX
Product Description
Full Text Search
 

To Download 2SC3307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3307
DESCRIPTION With TO-3PL package Excellent switching times : tr=1.0|I s(Max .),tf=1.0|I s(Max .)(IC=5A) High collector breakdown voltage : VCEO=800V APPLICATIONS High speed,high voltage switching applications Switching regulator applications High speed DC-DC converter applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg

PARAMETER
Fig.1 simplified outline (TO-3PL) and symbol
CHA IN
Emitter-base voltage Collector current
Collector-base voltage
E SEM NG
Open base
OND IC
CONDITIONS
TOR UC
VALUE 900 800 7 10 15 3
UNIT V V V A A A W ae ae
Open emitter
Collector-emitter voltage
Open collector
Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25ae
150 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=10mA ;IB=0 IC=1mA ;IE=0 IC=5A ;IB=1A IC=5A ;IB=1A VCB=800V ;IE=0 VEB=7V; IC=0 IC=10mA ; VCE=5V IC=5A ; VCE=5V 10 MIN 800 900
2SC3307
SYMBOL V(BR)CEO V(BR)CBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V V
1.0 1.5 100 1 |I
V V A mA
Switching times tr tstg tf
Rise time Fall time

INC
Storage time
E SEM ANG H
OND IC
TOR UC
10 1.0 3.0 1.0 |I |I |I s s s
IC=1A ; VCCO 400V IB1=-IB2=0.4A
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3307

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.50 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3307

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC3307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X