Part Number Hot Search : 
30N06 04700 ICE2A36 P6KE27 VE28X 221M10 151CMQ FL4315
Product Description
Full Text Search
 

To Download 2SC3233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Triple Diffused 2SC3233
TO-252
+0.15 1.50 -0.15
Transistors
Unit: mm
+0.1 2.30-0.1 +0.8 0.50-0.7
Features
Excellent Switching Times
+0.2 9.70 -0.2
+0.15 6.50-0.15 +0.2 5.30-0.2
+0.1 0.80-0.1
+0.15 0.50 -0.15
High colletor Breakdown Voltage: VCEO=400V
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Base Current Total Power dissipation Ta = 25 TC = 25 Junction temperature Storage temperature Tj Tstg Symbol VCBO VCEO VEBO IC IB PC Rating 500 400 7 2 0.5 1 20 150 -55 to +150 Unit V V V A A W W
Electrical Characteristics Ta = 25
Parameter collector cutoff current emitter cutoff current Emitter-Base Breakdown Voltage Collector-Emitter Breakdown Voltage DC current Gain Collector-Emitter Saturation Voltage Base- Emitter Voltage Switching time turn-0n time Symbol ICBO IEBO V(BR)EBO V(BR)CEO hFE VCE(sat) VBE(sat) tr Testconditons VCB=400V,IE=0 VEB=7V,IC=0 IE=1mA,IC=0 IC=10mA,IB=0 VCE=5V,IC=0.1A VCE=5V,IC=1A IC=0.1A,IB=0.2A IC=0.1A,IB=0.2A 500 400 20 8 1 1.5 1.0 V V is Min Typ Max 100 1 Unit iA mA V V
Switching storage time
tstg
2.5
tf Switching fall time
1
3.80
tr=1.0is (Max.) tf=1.0is (Max.) at IC=0.8A
is
is
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC3233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X