Part Number Hot Search : 
BA6956AN ISD111 02243 AON3402 2SK35 SMA6501 STRRP DEZP66D4
Product Description
Full Text Search
 

To Download 2SC3210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3210
DESCRIPTION With TO-3PFa package Low collector saturation voltage High breakdown voltage APPLICATIONS For high speed switching applications
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB
Collector-base voltage

PARAMETER
CHA IN
Collector current Base current
Collector-emitter voltage
Emitter-base voltage
ES NG
Open emitter
Open base
MIC E
CONDITIONS
OND
TOR UC
VALUE 500 400 7 10 20 5
UNIT V V V A A A
Open collector
Collector current-peak
TC=25ae PC Collector power dissipation Ta=25ae Tj Tstg Junction temperature Storage temperature
100 W 3 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3210
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.2A;L=25mH IC=5A ;IB=1A IC=5A ;IB=1A VCB=500V; IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V IC=5A ; VCE=5V IC=0.5A ; VCE=10V 15 8 MIN 400 1.0 1.5 100 100 |I |I TYP. MAX UNIT V V V A A
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT
Switching times ton tstg tf
Fall time

CHA IN
Storage time
Turn-on time
E SEM NG
OND IC
TOR UC
11 1.0 2.5 1.0
MHz
|I |I |I
s s s
IC=5A; VCC=100V IB1=-IB2=1A
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3210

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.30mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X