Part Number Hot Search : 
SMBG5933 SSP2N90A SIC403A 000901 BCP52TA P6KE15 SIC403A FTD2017R
Product Description
Full Text Search
 

To Download 2SC3153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3153
DESCRIPTION With TO-3PN package High breakdown voltage (VCBOY 900V) Fast switching speed Wide ASO Safe Operating Area(c) APPLICATIONS 800V/6A switching regulator applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg

PARAMETER
CHA IN
Collector current Base current
Collector-base voltage
Collector-emitter voltage
E SEM NG
Open base
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 900 800 7 6 20 3
UNIT V V V A A A W ae ae
Emitter-base voltage
Open collector
Collector current-peak
Collector power dissipation Junction temperature Storage temperature
TC=25ae
100 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance CONDITIONS IC=5mA ;RBE= IC=1mA ;IE=0 IE=1mA ;IC=0 IC=3A; IB=0.6A IC=3A ;IB=0.6A VCB=800V; IE=0 VEB=5V; IC=0 IC=0.4A ; VCE=5V IC=2A ; VCE=5V IE=0 ; VCB=10V;f=1MHz 10 8 MIN 800 900 7
2SC3153
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE -2 COB fT
TYP.
MAX
UNIT V V V
2.0 1.5 10 10 40 |I |I
V V A A
Switching times ton ts tf
Fall time
Transition frequency
ANG H
M 20-40
INC
L
Turn-on time Storage time
MIC E SE
IC=0.4A ; VCE=10V
DUC ON
120 15
TOR
1.0 3.0 0.7
pF MHz
|I |I |I
s s s
IC=4A;IB1=0.8A;IB2=-1.6A RL=100| ,VCC=400V
hFE-1 classifications K 10-20
15-30
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3153

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3153

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC3153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X