Part Number Hot Search : 
2SC2123 MCR0111 L2391 C4570C SB1060 SKKD4612 00130 SBL3040
Product Description
Full Text Search
 

To Download 2SC3138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon NPN Triple Diffused Type 2SC3138
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
+0.1 2.4-0.1
High voltage. VCBO = 200 V (max) VCEO = 200 V (max) Small flat package.
+0.1 1.3-0.1
Features
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating 200 200 5 50 20 150 125 -55 to +125 Unit V V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Collector cut-off current Emitter cut-off current Collector-base breakdown voltage Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Turn-on time Storage time Fall time Symbol ICBO IEBO Testconditons VCB = 200 V, IE = 0 VEB = 5 V, IC = 0 200 200 70 0.1 0.75 50 100 2 0.3 2 0.4 4 240 0.5 1.5 V V MHz pF is is is Min Typ Max 0.1 0.1 Unit iA iA V V
V(BR)CBO IC = 0.1 mA, IE = 0 V(BR)CEO IC = 1 mA, IB = 0 hFE VCE = 3 V, IC = 10 mA
VCE (sat) IC = 10 mA, IB = 1 mA VBE (sat) IC = 10 mA, IB = 1 mA fT Cob ton tstg tf VCE = 10 V, IC = 2 mA VCB = 10 V, IE = 0, f = 1 MHz pulse width = 5is,duty cycle 2 IB1=-IB2=0.6 mA VCC=50V,IC=6mA
hFE Classification
Marking Rank hFE NO O 70 140 NY Y 120 240
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC3138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X