Part Number Hot Search : 
TK65922 P6KE20 FPF2164 RPM7138 22B15 2SC52 TK65922 TK65922
Product Description
Full Text Search
 

To Download 2SC3058 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3058
DESCRIPTION With TO-3 package High voltage ,high speed APPLICATIONS For switching regulator and DC/DC converter applications
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PT Tj Tstg
Collector-base voltage

PARAMETER
Collector-emitter voltage
INC
Emitter-base voltage
Collector current
E SEM ANG H
Open base TC=25ae
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 600 400 7 30 200 200 -65~200
UNIT V V V A W ae ae
Open collector
Total power dissipation Junction temperature Storage temperature
THERMAL CHARACTERISTICS
SYMBOL Rth j-mb PARAMETER Thermal resistance from junction to mounting base VALUE 1.0 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=10mA ; IB=0 IC=1mA; IE=0 IE=1mA; IC=0 IC=20A; IB=4A IC=20A; IB=4A VCB=500V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V 15 MIN 400 600 7
2SC3058
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V V V
1.0 1.5 10 10 |I |I
V V A A
DC current gain

CHA IN
Transition frequency
Collector output capacitance
E SEM NG
IC=20A ; VCE=5V
IC=4A ; VCE=10V
OND IC
TOR UC
50 10 40 30 420 MHz pF
IE=0 ; VCB=10V;f=1MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3058

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC3058

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X