Part Number Hot Search : 
HN3C10FE WCB30C2 N360C AOT11N70 2SC17 G9131 S0500 T3906
Product Description
Full Text Search
 

To Download 2SC3040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3040
DESCRIPTION With TO-3PN package High breakdown voltage (VCBOY 500V) Fast switching speed Wide ASO Safe Operating Area(c) APPLICATIONS 400V/8A switching regulator applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER

CHA IN
Collector current Base current
Collector-base voltage
Collector-emitter voltage
E SEM NG
Open base
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 500 400 7 8 16 3
UNIT V V V A A A
Emitter-base voltage
Open collector
Collector current-peak
Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
2.5 W 80 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance CONDITIONS IC=10mA ;RBE= IC=1mA ;IE=0 IE=1mA ;IC=0 IC=4A ;IB=0.8A IC=4A ;IB=0.8A VCB=400V ;IE=0 VEB=5V; IC=0 IC=0.8A ; VCE=5V IC=4A ; VCE=5V IE=0 ; VCB=10V;f=1MHz 15 8 MIN 400 500 7
2SC3040
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE -2 COB fT
TYP.
MAX
UNIT V V V
1.0 1.5 10 10 50 |I |I
V V A A
Switching times ton ts tf
Fall time
Transition frequency
ANG H
N 30-50
INC
M 20-40
Turn-on time Storage time
MIC E SE
IC=5A IB1=-IB2=1A RL=40| ,VCC=200V
IC=0.8A ; VCE=10V
DUC ON
80
20
TOR
1.0 2.5 1.0
pF MHz
|I |I |I
s s s
hFE-1 classifications L 15-30
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3040

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3040

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC3040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X