Part Number Hot Search : 
EE08806 65A56 5KE440A LI3264 A5800261 UDN3626M AC08F TP6A60
Product Description
Full Text Search
 

To Download 2SC2908 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2908
DESCRIPTION With TO-3PN package Low collector saturation voltage APPLICATIONS For use in power amplifier and switching circuits applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg
Collector-base voltage
Collector-emitter voltage

PARAMETER
Open emitter Open base
CHA IN
Collector current Base current
Emitter-base voltage
E SEM NG
TC=25ae
Open collector
OND IC
CONDITIONS
TOR UC
VALUE 200 100 12 5.0 10 2.5 50 0.4 150 -55~150
UNIT V V V A A A W W/ae ae ae
Collector current-peak
Collector power dissipation Derate above 25ae Junction temperature Storage temperature
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction case MAX 2.5 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2908
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=3.0A ;IB1=0.3A;L=1.0mH IC=3A ;IB=300mA IC=3A ;IB=300mA VCB=100V; IE=0 VCE=100V;VBE=-1.5V VEB=5V; IC=0 IC=0.3A ; VCE=5V IC=3A ; VCE=5V 60 40 MIN 100 1.0 1.5 10 10 10 320 |I |I |I TYP. MAX UNIT V V V A A A
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO ICEX IEBO hFE-1 hFE-2
Switching times ton ts tf
Fall time
Turn-on time Storage time

INC
L
E SEM ANG H
K 160-320
IC=3A; VCC=30V IB1=0.3A ,IB2=-0.3A RL=10
OND IC
TOR UC
0.5 |I 2.0 1.0
s |I |I s s
hFE-1 Classifications M 60-120
100-200
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2908

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2908

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC2908

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X